Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9523 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9523
Description  Jitter Cleaner and Clock Generator
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523 Datasheet(HTML) 4 Page - Analog Devices

  AD9523 Datasheet HTML 1Page - Analog Devices AD9523 Datasheet HTML 2Page - Analog Devices AD9523 Datasheet HTML 3Page - Analog Devices AD9523 Datasheet HTML 4Page - Analog Devices AD9523 Datasheet HTML 5Page - Analog Devices AD9523 Datasheet HTML 6Page - Analog Devices AD9523 Datasheet HTML 7Page - Analog Devices AD9523 Datasheet HTML 8Page - Analog Devices AD9523 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
AD9523
Data Sheet
Rev. D | Page 4 of 60
SPECIFICATIONS
fVCXO = 122.88 MHz single ended, REFA and REFB on differential at 30.72 MHz, fVCO = 3932.16 MHz, doubler is off, channel control low
power mode off, divider phase = 1, unless otherwise noted. Typical is given for VDD = 3.3 V ± 5% and TA = 25°C, unless otherwise noted.
Minimum and maximum values are given over the full VDD and TA (−40°C to +85°C) variation, as listed in Table 1.
CONDITIONS
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY VOLTAGE
VDD3_PLL1, Supply Voltage for PLL1
3.3
V
3.3 V ± 5%
VDD3_PLL2, Supply Voltage for PLL2
3.3
V
3.3 V ± 5%
VDD3_REF, Supply Voltage Clock Output Drivers Reference
3.3
V
3.3 V ± 5%
VDD3_OUT[x:y],1 Supply Voltage Clock Output Drivers
3.3
V
3.3 V ± 5%
VDD1.8_OUT[x:y],1 Supply Voltage Clock Dividers
1.8
V
1.8 V ± 5%
TEMPERATURE
Ambient Temperature Range, TA
−40
+25
+85
°C
Junction Temperature, TJ
115
°C
1 x and y are the pair of differential outputs that share the same power supply. For example, VDD3_OUT[0:1] is Supply Voltage Clock Output OUT0, OUT0 (Pin 68 and Pin 67,
respectively) and Supply Voltage Clock Output OUT1, OUT1 (Pin 65 and Pin 64, respectively).
SUPPLY CURRENT
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLIES OTHER THAN CLOCK OUTPUT DRIVERS
VDD3_PLL1, Supply Voltage for PLL1
37
43
mA
Decreases by 9 mA typical if REFB is turned off
VDD3_PLL2, Supply Voltage for PLL2
67
77.7
mA
VDD3_REF, Supply Voltage Clock Output Drivers Reference
LVPECL Mode
5
6
mA
Only one output driver turned on; for each
additional output that is turned on, the
current increments by 1.2 mA maximum
LVDS Mode
4
4.8
mA
Only one output driver turned on; for each
additional output that is turned on, the
current increments by 1.2 mA maximum
HSTL Mode
3
3.6
mA
Values are independent of the number of
outputs turned on
CMOS Mode
3
3.6
mA
Values are independent of the number of
outputs turned on
VDD1.8_OUT[x:y],1 Supply Voltage Clock Dividers2
3.5
4.2
mA
Current for each divider: f = 245.76 MHz
CLOCK OUTPUT DRIVERS
LVDS Mode, 7 mA
VDD3_OUT[x:y],1 Supply Voltage Clock Output Drivers
16
17.4
mA
f = 61.44 MHz
LVDS Mode, 3.5 mA
VDD3_OUT[x:y],1 Supply Voltage Clock Output Drivers
5
6.2
mA
f = 245.76 MHz
LVPECL Mode
VDD3_OUT[x:y],1 Supply Voltage Clock Output Drivers
17
18.9
mA
f = 122.88 MHz
HSTL Mode, 16 mA
VDD3_OUT[x:y],1 Supply Voltage Clock Output Drivers
21
24.0
mA
f = 122.88 MHz
HSTL Mode, 8 mA
VDD3_OUT[x:y],1 Supply Voltage Clock Output Drivers
14
16.3
mA
f = 122.88 MHz
CMOS Mode (Single-Ended)
VDD3_OUT[x:y],1 Supply Voltage Clock Output Drivers
2
2.4
mA
f = 15.36 MHz, 10 pF load
1 x and y are the pair of differential outputs that share the same power supply. For example, VDD3_OUT[0:1] is Supply Voltage Clock Output OUT0, OUT0 (Pin 68 and Pin 67,
respectively) and Supply Voltage Clock Output OUT1, OUT1 (Pin 65 and Pin 64, respectively).
2 The current for Pin 63 (VDD1_OUT[0:3]) is 2× that of the other VDD11.8_OUT[x:y] pairs.


Similar Part No. - AD9523

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
879Kb / 60P
   Jitter Cleaner and Clock Generator with 14 Differential or 29 LVCMOS Outputs
REV. C
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
   Low Jitter Clock Generator
AD9523-1/PCBZ AD-AD9523-1/PCBZ Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
   Low Jitter Clock Generator
REV. B
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
1Mb / 63P
   Low Jitter Clock Generator
More results

Similar Description - AD9523

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
logo
Analog Devices
AD9524BCPZ AD-AD9524BCPZ Datasheet
925Kb / 56P
   Jitter Cleaner and Clock Generator with 6 Differential or 13 LVCMOS Outputs
Rev. E
AD9524 AD-AD9524 Datasheet
863Kb / 56P
   Jitter Cleaner and Clock Generator with 6 Differential or 13 LVCMOS Outputs
REV. D
logo
Texas Instruments
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
LMK04803 TI1-LMK04803_14 Datasheet
2Mb / 139P
[Old version datasheet]   Low-Noise Clock Jitter Cleaner
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com