Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9523 Datasheet(PDF) 36 Page - Analog Devices

Part # AD9523
Description  Jitter Cleaner and Clock Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523 Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9523 Datasheet HTML 32Page - Analog Devices AD9523 Datasheet HTML 33Page - Analog Devices AD9523 Datasheet HTML 34Page - Analog Devices AD9523 Datasheet HTML 35Page - Analog Devices AD9523 Datasheet HTML 36Page - Analog Devices AD9523 Datasheet HTML 37Page - Analog Devices AD9523 Datasheet HTML 38Page - Analog Devices AD9523 Datasheet HTML 39Page - Analog Devices AD9523 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
AD9523
Data Sheet
Rev. D | Page 36 of 60
A value of 1 in this bit indicates a data transfer error. When an
EEPROM save/load transfer is complete, wait a minimum of
10 µs before starting the next EEPROM save/load transfer.
PROGRAMMING THE EEPROM BUFFER SEGMENT
The EEPROM buffer segment is a register space that allows
the user to specify which groups of registers are stored to the
EEPROM during EEPROM programming. Normally, this
segment does not need to be programmed by the user. The
default power-up values for the EEPROM buffer segment allow
the user to store all of the register values from Register 0x000 to
Register 0x234 to the EEPROM.
For example, if the user wants to load only the output driver
settings from the EEPROM without disturbing the PLL register
settings currently stored in the EEPROM, the EEPROM buffer
segment can be modified to include only the registers that apply
to the output drivers and exclude the registers that apply to the
PLL configuration.
There are two parts to the EEPROM buffer segment: register
section definition groups and operational codes. Each register
section definition group contains the starting address and
number of bytes to be written to the EEPROM. Note that any
register within the EEPROM buffer segment can be defined as a
part of a definition group or an operational code.
If the AD9523 register map were continuous from Address 0x000
to Address 0x234, only one register section definition group
would consist of a starting address of 0x000 and a length of
563 bytes. However, the AD9523 register map is noncontiguous,
and the EEPROM is only 512 bytes long. Therefore, the register
section definition group tells the EEPROM controller how the
AD9523 register map is segmented.
There are three operational codes: IO_UPDATE, end-of-data,
and pseudo-end-of-data. It is important that the EEPROM
buffer segment always have either an end-of-data or a pseudo-
end-of-data operational code and that an IO_UPDATE
operation code appear at least once before the end-of-data
operational code.
Register Section Definition Group
The register section definition group is used to define a
continuous register section for the EEPROM profile. It consists
of three bytes. The first byte defines how many continuous
register bytes are in this group. If the user inputs 0x000 in the
first byte, it means there is only one byte in this group. If the
user inputs 0x001, it means there are two bytes in this group.
The maximum number of registers in one group is 128.
The next two bytes are the high byte and low byte of the
memory address (16 bits) of the first register in this group.
IO_UPDATE (Operational Code 0x80)
The EEPROM controller uses this operational code to generate
an IO_UPDATE signal to update the active control register bank
from the buffer register bank during the download process.
At a minimum, there should be at least one IO_UPDATE
operational code after the end of the final register section
definition group. This is needed so that at least one IO_UPDATE
occurs after all of the AD9523 registers are loaded when the
EEPROM is read. If this operational code is absent during a
write to the EEPROM, the register values loaded from the
EEPROM are not transferred to the active register space, and
these values do not take effect after they are loaded from the
EEPROM to the AD9523.
End-of-Data (Operational Code 0xFF)
The EEPROM controller uses the end-of-data operational code
to terminate the data transfer process between EEPROM and
the control register during the upload and download process.
The last item appearing in the EEPROM buffer segment should
be either this operational code or the pseudo-end-of-data
operational code.
Pseudo-End-of-Data (Operational Code 0xFE)
The AD9523 EEPROM buffer segment has 23 bytes that can
contain up to seven register section definition groups. If the
user wants to define more than seven register section definition
groups, the pseudo-end-of-data operational code can be used.
During the upload process, when the EEPROM controller
receives the pseudo-end-of-data operational code, it halts the
data transfer process, clears the REG2EEPROM bit (Bit 0,
Register 0xB03), and enables the AD9523 serial port. The user can
then program the EEPROM buffer segment again and reinitiate
the data transfer process by setting the REG2EEPROM bit to 1
and the IO_UPDATE bit (Bit 0, Register 0x234) to 1. The internal
I²C master then begins writing to the EEPROM, starting from
the EEPROM address held from the last writing.
This sequence enables more discrete instructions to be written
to the EEPROM than would otherwise be possible due to the
limited size of the EEPROM buffer segment. It also permits the
user to write to the same register multiple times with a different
value each time.


Similar Part No. - AD9523

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
879Kb / 60P
Jitter Cleaner and Clock Generator with 14 Differential or 29 LVCMOS Outputs
REV. C
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
Low Jitter Clock Generator
AD9523-1/PCBZ AD-AD9523-1/PCBZ Datasheet
840Kb / 60P
Low Jitter Clock Generator
REV. B
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
840Kb / 60P
Low Jitter Clock Generator
REV. B
AD9523-1BCPZ AD-AD9523-1BCPZ Datasheet
1Mb / 63P
Low Jitter Clock Generator
More results

Similar Description - AD9523

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
logo
Analog Devices
AD9524 AD-AD9524 Datasheet
863Kb / 56P
Jitter Cleaner and Clock Generator with 6 Differential or 13 LVCMOS Outputs
REV. D
AD9524BCPZ AD-AD9524BCPZ Datasheet
925Kb / 56P
Jitter Cleaner and Clock Generator with 6 Differential or 13 LVCMOS Outputs
Rev. E
logo
Texas Instruments
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
LMK04803 TI1-LMK04803_14 Datasheet
2Mb / 139P
Low-Noise Clock Jitter Cleaner
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
Family Clock Jitter Cleaner
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
logo
Analog Devices
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
Jitter Cleaner and Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com