Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSS20-0015B Datasheet(PDF) 2 Page - IXYS Corporation

Part # DSS20-0015B
Description  Power Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSS20-0015B Datasheet(HTML) 2 Page - IXYS Corporation

  DSS20-0015B Datasheet HTML 1Page - IXYS Corporation DSS20-0015B Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2002 IXYS All rights reserved
2 - 2
0.00.20.40.6
1
10
100
0
246
8
10 12 14
0.1
1
10
100
1000
515
25
010
20
30
0
2
4
6
8
10
12
14
0.0001
0.001
0.01
0.1
1
10
0.01
0.1
1
0
40
80
120
160
0
10
20
30
40
I
F(AV)
T
C
°C
I
F(AV)
t
s
K/W
10
100
1000
10000
100
1000
10000
I
FSM
t
P
A
02
46
8
10 12 14
100
1000
10000
C
T
I
R
I
F
A
V
F
V
R
V
R
V
pF
V
mA
A
P
(AV)
W
Z
thJC
V
Single Pulse
2
DSS 20-0015B
A
µs
T
VJ=150°C
125°C
100°C
75°C
25°C
T
VJ =
150°C
125°C
25°C
T
VJ= 25°C
d=0.5
d =
DC
0.5
0.33
0.25
0.17
0.08
0.08
D=0.5
0.17
DC
50°C
0.33
0.25
Fig. 3 Typ. junction capacitance C
T
versus reverse voltage V
R
Fig. 2 Typ. value of reverse current I
R
versus reverse voltage V
R
Fig. 1 Maximum forward voltage
drop characteristics
Fig. 4 Average forward current I
F(AV)
versus case temperature T
C
Fig. 5 Forward power loss
characteristics
Fig. 6 Transient thermal impedance junction to case at various duty cycles
DSS 20-0015B


Similar Part No. - DSS20-0015B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSS20-0015B IXYS-DSS20-0015B Datasheet
147Kb / 2P
Power Schottky Rectifier
More results

Similar Description - DSS20-0015B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1545CFP STMICROELECTRONICS-STPS1545CFP Datasheet
136Kb / 8P
POWER SCHOTTKY RECTIFIER
logo
IXYS Corporation
DSS2X41-01A IXYS-DSS2X41-01A Datasheet
47Kb / 2P
Power Schottky Rectifier
DSS2X61-0045A IXYS-DSS2X61-0045A Datasheet
38Kb / 2P
Power Schottky Rectifier
DSS2X101-02A IXYS-DSS2X101-02A Datasheet
48Kb / 2P
Power Schottky Rectifier
logo
STMicroelectronics
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
STPS10L60C STMICROELECTRONICS-STPS10L60C Datasheet
122Kb / 8P
Power Schottky rectifier
STPS3045CT STMICROELECTRONICS-STPS3045CT_03 Datasheet
196Kb / 9P
POWER SCHOTTKY RECTIFIER
STPS6045CP STMICROELECTRONICS-STPS6045CP_03 Datasheet
118Kb / 5P
POWER SCHOTTKY RECTIFIER
STPS30120C STMICROELECTRONICS-STPS30120C Datasheet
117Kb / 8P
Power Schottky rectifier
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
STPS2H100 STMICROELECTRONICS-STPS2H100_10 Datasheet
129Kb / 10P
Power Schottky rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com