Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSS20-0015B Datasheet(PDF) 1 Page - IXYS Corporation

Part # DSS20-0015B
Description  Power Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSS20-0015B Datasheet(HTML) 1 Page - IXYS Corporation

  DSS20-0015B Datasheet HTML 1Page - IXYS Corporation DSS20-0015B Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2002 IXYS All rights reserved
1 - 2
Power Schottky Rectifier
Features
• International standard package
• Very low V
F
• Extremely low switching losses
• Low I
RM-values
• Epoxy meets UL 94V-0
Applications
• Rectifiers in switch mode power
supplies (SMPS)
• Free wheeling diode in low voltage
converters
Advantages
• High reliability circuit operation
• Low voltage peaks for reduced
protection circuits
• Low noise switching
• Low losses
Dimensions see outlines.pdf
Pulse test:
 Pulse Width = 5 ms, Duty Cycle < 2.0 %
Data according to IEC 60747 and per diode unless otherwise specified
IXYS reserves the right to change limits, Conditions and dimensions.
A
C
C
A
TO-220 AC
C (TAB)
A = Anode, C = Cathode , TAB = Cathode
Symbol
Conditions
Maximum Ratings
I
FRMS
35
A
I
FAVM
T
C = 135
°C; rectangular, d = 0.5
20
A
I
FSM
T
VJ = 45°C; tp = 10 ms (50 Hz), sine
300
A
E
AS
I
AS = tbd A; L = 180 µH; TVJ = 25°C; non repetitive
tbd
mJ
I
AR
V
A =1.5 • VRRM typ.; f=10 kHz; repetitive
tbd
A
(dv/dt)
cr
tbd
V/
ms
T
VJ
-55...+150
°C
T
VJM
150
°C
T
stg
-55...+150
°C
P
tot
T
C = 25
°C90
W
M
d
mounting torque
0.4...0.6
Nm
Weight
typical
2
g
I
FAV
= 20 A
V
RRM = 15 V
V
F
= 0.33 V
DSS 20-0015B
V
RSM
V
RRM
Type
V
V
15
15
DSS 20-0015B
Symbol
Conditions
Characteristic Values
typ.
max.
I
R

T
VJ = 25°C
V
R = VRRM
10
mA
T
VJ = 100°C VR = VRRM
200
mA
V
F
I
F = 20 A;
T
VJ = 125°C
0.33
V
I
F = 20 A;
T
VJ =
25°C
0.45
V
I
F = 40 A;
T
VJ = 125 °C
0.43
V
R
thJC
1.4
K/W
R
thCH
0.5
K/W
Preliminary Data


Similar Part No. - DSS20-0015B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSS20-0015B IXYS-DSS20-0015B Datasheet
147Kb / 2P
Power Schottky Rectifier
More results

Similar Description - DSS20-0015B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS1545CFP STMICROELECTRONICS-STPS1545CFP Datasheet
136Kb / 8P
POWER SCHOTTKY RECTIFIER
logo
IXYS Corporation
DSS2X41-01A IXYS-DSS2X41-01A Datasheet
47Kb / 2P
Power Schottky Rectifier
DSS2X61-0045A IXYS-DSS2X61-0045A Datasheet
38Kb / 2P
Power Schottky Rectifier
DSS2X101-02A IXYS-DSS2X101-02A Datasheet
48Kb / 2P
Power Schottky Rectifier
logo
STMicroelectronics
STPS1645D STMICROELECTRONICS-STPS1645D Datasheet
47Kb / 4P
POWER SCHOTTKY RECTIFIER
STPS10L60C STMICROELECTRONICS-STPS10L60C Datasheet
122Kb / 8P
Power Schottky rectifier
STPS3045CT STMICROELECTRONICS-STPS3045CT_03 Datasheet
196Kb / 9P
POWER SCHOTTKY RECTIFIER
STPS6045CP STMICROELECTRONICS-STPS6045CP_03 Datasheet
118Kb / 5P
POWER SCHOTTKY RECTIFIER
STPS30120C STMICROELECTRONICS-STPS30120C Datasheet
117Kb / 8P
Power Schottky rectifier
STPS30M60S STMICROELECTRONICS-STPS30M60S Datasheet
178Kb / 9P
Power Schottky rectifier
STPS2H100 STMICROELECTRONICS-STPS2H100_10 Datasheet
129Kb / 10P
Power Schottky rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com