Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADCLK946 Datasheet(PDF) 10 Page - Analog Devices

Part # ADCLK946
Description  Six LVPECL Outputs, SiGe Clock Fanout Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCLK946 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADCLK946_17 Datasheet HTML 4Page - Analog Devices ADCLK946_17 Datasheet HTML 5Page - Analog Devices ADCLK946_17 Datasheet HTML 6Page - Analog Devices ADCLK946_17 Datasheet HTML 7Page - Analog Devices ADCLK946_17 Datasheet HTML 8Page - Analog Devices ADCLK946_17 Datasheet HTML 9Page - Analog Devices ADCLK946_17 Datasheet HTML 10Page - Analog Devices ADCLK946_17 Datasheet HTML 11Page - Analog Devices ADCLK946_17 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADCLK946
Data Sheet
Rev. B | Page 10 of 12
PCB LAYOUT CONSIDERATIONS
The ADCLK946 buffer is designed for very high speed
applications. Consequently, high speed design techniques must
be used to achieve the specified performance. It is critically
important to use low impedance supply planes for both the
negative supply (VEE) and the positive supply (VCC) planes as
part of a multilayer board. Providing the lowest inductance
return path for switching currents ensures the best possible
performance in the target application.
The following references to the ground plane assume that
the VEE power plane is grounded for LVPECL operation.
Note that, for ECL operation, the VCC power plane becomes
the ground plane.
It is also important to adequately bypass the input and output
supplies. Place a 1 µF electrolytic bypass capacitor within several
inches of each VCC power supply pin to the ground plane. In
addition, place multiple high quality 0.001 µF bypass capacitors
as close as possible to each of the VCC supply pins, and connect
the capacitors to the ground plane with redundant vias.
Carefully select high frequency bypass capacitors for minimum
inductance and ESR. To improve the effectiveness of the bypass
at high frequencies, minimize parasitic layout inductance. Also,
avoid discontinuities along input and output transmission lines
that can affect jitter performance.
In a 50 Ω environment, input and output matching have a
significant impact on performance. The buffer provides internal
50 Ω termination resistors for both CLK and CLK inputs.
Normally, the return side is connected to the reference pin that is
provided. Carefully bypass the termination potential using
ceramic capacitors to prevent undesired aberrations on the
input signal due to parasitic inductance in the termination
return path. If the inputs are dc-coupled to a source, take care to
ensure that the pins are within the rated input differential and
common-mode ranges.
If the return is floated, the device exhibits a 100 Ω cross-
termination, but the source must then control the common-
mode voltage and supply the input bias currents.
There are ESD/clamp diodes between the input pins to prevent
the application from developing excessive offsets to the input
transistors. ESD diodes are not optimized for best ac perfor-
mance. When a clamp is required, it is recommended that
appropriate external diodes be used.
Exposed Metal Paddle
The exposed metal paddle on the ADCLK946 package is both
an electrical connection and a thermal enhancement. For the
device to function properly, the paddle must be properly
attached to the VEE pin.
When properly mounted, the ADCLK946 also dissipates heat
through its exposed paddle. The PCB acts as a heat sink for the
ADCLK946. The PCB attachment must provide a good thermal
path to a larger heat dissipation area. This requires a grid of vias
from the top layer down to the VEE power plane (see Figure 18).
The ADCLK946 evaluation board (ADCLK946/PCBZ)
provides an example of how to attach the part to the PCB.
VIAS TO VEE POWER
PLANE
Figure 18. PCB Land for Attaching Exposed Paddle


Similar Part No. - ADCLK946_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCLK946/PCBZ AD-ADCLK946/PCBZ Datasheet
476Kb / 12P
   Six LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
ADCLK946BCPZ AD-ADCLK946BCPZ Datasheet
476Kb / 12P
   Six LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
ADCLK946BCPZ-REEL7 AD-ADCLK946BCPZ-REEL7 Datasheet
476Kb / 12P
   Six LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
More results

Similar Description - ADCLK946_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCLK946 AD-ADCLK946 Datasheet
476Kb / 12P
   Six LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
ADCLK948 AD-ADCLK948_16 Datasheet
387Kb / 12P
   Two Selectable Inputs, 8 LVPECL Outputs, SiGe Clock Fanout Buffer
ADCLK950 AD-ADCLK950 Datasheet
879Kb / 12P
   Two Selectable Inputs, 10 LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
ADCLK954 AD-ADCLK954 Datasheet
350Kb / 12P
   Two Selectable Inputs, 12 LVPECL Outputs, SiGe Clock Fanout Buffer
REV. A
ADCLK954 AD-ADCLK954_16 Datasheet
386Kb / 12P
   Two Selectable Inputs, 12 LVPECL Outputs, SiGe Clock Fanout Buffer
ADCLK950 AD-ADCLK950_16 Datasheet
389Kb / 12P
   Two Selectable Inputs, 10 LVPECL Outputs, SiGe Clock Fanout Buffer
ADCLK948 AD-ADCLK948 Datasheet
716Kb / 12P
   Two Selectable Inputs, 8 LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
ADCLK944 AD-ADCLK944 Datasheet
227Kb / 12P
   2.5 V/3.3 V, Four LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
logo
ON Semiconductor
NB3N853501E ONSEMI-NB3N853501E Datasheet
223Kb / 9P
   Differential Clock Fanout Buffer Outputs
November, 2011 ??Rev. 2
logo
Asahi Kasei Microsystem...
AK8181A AKM-AK8181A Datasheet
253Kb / 8P
   3.3V LVPECL 1:4 Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com