Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADCLK946 Datasheet(PDF) 8 Page - Analog Devices

Part # ADCLK946
Description  Six LVPECL Outputs, SiGe Clock Fanout Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCLK946 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADCLK946_17 Datasheet HTML 4Page - Analog Devices ADCLK946_17 Datasheet HTML 5Page - Analog Devices ADCLK946_17 Datasheet HTML 6Page - Analog Devices ADCLK946_17 Datasheet HTML 7Page - Analog Devices ADCLK946_17 Datasheet HTML 8Page - Analog Devices ADCLK946_17 Datasheet HTML 9Page - Analog Devices ADCLK946_17 Datasheet HTML 10Page - Analog Devices ADCLK946_17 Datasheet HTML 11Page - Analog Devices ADCLK946_17 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADCLK946
Data Sheet
Rev. B | Page 8 of 12
1.56
1.54
1.52
1.50
1.48
1.46
1.44
1.42
2.75
2.85
2.95
3.05
3.15
3.25
3.35
3.45
3.55
3.65
3.75
POWER SUPPLY (V)
+85°C
+25°C
–40°C
Figure 9. Differential Output Swing vs. Power Supply Voltage vs. Temperature,
VID = 1.6 V p-p
300
250
200
150
100
50
0
3.63
3.30
2.97
POWER SUPPLY (V)
IVCC
IVEE
+85°C
+25°C
–40°C
Figure 10. Power Supply Current vs. Power Supply Voltage vs. Temperature,
All Outputs Loaded (50 Ω to VCC − 2 V)
–90
–170
–160
–150
–140
–130
–120
–110
–100
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
CLOCK SOURCE
ADCLK946
Figure 11. Absolute Phase Noise Measured @1 GHz with Agilent E5052
300
250
200
150
100
50
0
0
25
20
15
10
5
INPUT SLEW RATE (V/ns)
Figure 12. RMS Jitter vs. Input Slew Rate, VID Method


Similar Part No. - ADCLK946_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCLK946/PCBZ AD-ADCLK946/PCBZ Datasheet
476Kb / 12P
   Six LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
ADCLK946BCPZ AD-ADCLK946BCPZ Datasheet
476Kb / 12P
   Six LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
ADCLK946BCPZ-REEL7 AD-ADCLK946BCPZ-REEL7 Datasheet
476Kb / 12P
   Six LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
More results

Similar Description - ADCLK946_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCLK946 AD-ADCLK946 Datasheet
476Kb / 12P
   Six LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
ADCLK948 AD-ADCLK948_16 Datasheet
387Kb / 12P
   Two Selectable Inputs, 8 LVPECL Outputs, SiGe Clock Fanout Buffer
ADCLK950 AD-ADCLK950 Datasheet
879Kb / 12P
   Two Selectable Inputs, 10 LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
ADCLK954 AD-ADCLK954 Datasheet
350Kb / 12P
   Two Selectable Inputs, 12 LVPECL Outputs, SiGe Clock Fanout Buffer
REV. A
ADCLK954 AD-ADCLK954_16 Datasheet
386Kb / 12P
   Two Selectable Inputs, 12 LVPECL Outputs, SiGe Clock Fanout Buffer
ADCLK950 AD-ADCLK950_16 Datasheet
389Kb / 12P
   Two Selectable Inputs, 10 LVPECL Outputs, SiGe Clock Fanout Buffer
ADCLK948 AD-ADCLK948 Datasheet
716Kb / 12P
   Two Selectable Inputs, 8 LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
ADCLK944 AD-ADCLK944 Datasheet
227Kb / 12P
   2.5 V/3.3 V, Four LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
logo
ON Semiconductor
NB3N853501E ONSEMI-NB3N853501E Datasheet
223Kb / 9P
   Differential Clock Fanout Buffer Outputs
November, 2011 ??Rev. 2
logo
Asahi Kasei Microsystem...
AK8181A AKM-AK8181A Datasheet
253Kb / 8P
   3.3V LVPECL 1:4 Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com