Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADCLK946 Datasheet(PDF) 6 Page - Analog Devices

Part # ADCLK946
Description  Six LVPECL Outputs, SiGe Clock Fanout Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCLK946 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADCLK946_17 Datasheet HTML 2Page - Analog Devices ADCLK946_17 Datasheet HTML 3Page - Analog Devices ADCLK946_17 Datasheet HTML 4Page - Analog Devices ADCLK946_17 Datasheet HTML 5Page - Analog Devices ADCLK946_17 Datasheet HTML 6Page - Analog Devices ADCLK946_17 Datasheet HTML 7Page - Analog Devices ADCLK946_17 Datasheet HTML 8Page - Analog Devices ADCLK946_17 Datasheet HTML 9Page - Analog Devices ADCLK946_17 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADCLK946
Data Sheet
Rev. B | Page 6 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VEE
CLK
CLK
VREF
VT
VEE
Q3
Q2
Q2
VCC
Q3
VCC
NOTES
1. EXPOSED PADDLE MUST BE CONNECTED TO VEE.
2
1
3
4
5
6
18
17
16
15
14
13
ADCLK946
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 6, 7, 12, 19
VEE
Negative Supply Pin.
2
CLK
Differential Input (Positive).
3
CLK
Differential Input (Negative).
4
VREF
Reference Voltage. This pin provides the reference voltage for biasing ac-coupled CLK and CLK inputs.
5
VT
Center Tap. This pin provides the center tap of a 100 Ω input resistor for CLK and CLK inputs.
8, 9
Q5, Q5
Differential LVPECL Outputs.
10, 11
Q4, Q4
Differential LVPECL Outputs.
13, 18, 24
VCC
Positive Supply Pin.
14, 15
Q3, Q3
Differential LVPECL Outputs.
16, 17
Q2, Q2
Differential LVPECL Outputs.
20, 21
Q1, Q1
Differential LVPECL Outputs.
22, 23
Q0, Q0
Differential LVPECL Outputs.
EPAD
EPAD must be soldered to VEE.


Similar Part No. - ADCLK946_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCLK946/PCBZ AD-ADCLK946/PCBZ Datasheet
476Kb / 12P
   Six LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
ADCLK946BCPZ AD-ADCLK946BCPZ Datasheet
476Kb / 12P
   Six LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
ADCLK946BCPZ-REEL7 AD-ADCLK946BCPZ-REEL7 Datasheet
476Kb / 12P
   Six LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
More results

Similar Description - ADCLK946_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCLK946 AD-ADCLK946 Datasheet
476Kb / 12P
   Six LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
ADCLK948 AD-ADCLK948_16 Datasheet
387Kb / 12P
   Two Selectable Inputs, 8 LVPECL Outputs, SiGe Clock Fanout Buffer
ADCLK950 AD-ADCLK950 Datasheet
879Kb / 12P
   Two Selectable Inputs, 10 LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
ADCLK954 AD-ADCLK954 Datasheet
350Kb / 12P
   Two Selectable Inputs, 12 LVPECL Outputs, SiGe Clock Fanout Buffer
REV. A
ADCLK954 AD-ADCLK954_16 Datasheet
386Kb / 12P
   Two Selectable Inputs, 12 LVPECL Outputs, SiGe Clock Fanout Buffer
ADCLK950 AD-ADCLK950_16 Datasheet
389Kb / 12P
   Two Selectable Inputs, 10 LVPECL Outputs, SiGe Clock Fanout Buffer
ADCLK948 AD-ADCLK948 Datasheet
716Kb / 12P
   Two Selectable Inputs, 8 LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
ADCLK944 AD-ADCLK944 Datasheet
227Kb / 12P
   2.5 V/3.3 V, Four LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
logo
ON Semiconductor
NB3N853501E ONSEMI-NB3N853501E Datasheet
223Kb / 9P
   Differential Clock Fanout Buffer Outputs
November, 2011 ??Rev. 2
logo
Asahi Kasei Microsystem...
AK8181A AKM-AK8181A Datasheet
253Kb / 8P
   3.3V LVPECL 1:4 Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com