Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADCLK946 Datasheet(PDF) 5 Page - Analog Devices

Part # ADCLK946
Description  Six LVPECL Outputs, SiGe Clock Fanout Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCLK946 Datasheet(HTML) 5 Page - Analog Devices

  ADCLK946_17 Datasheet HTML 1Page - Analog Devices ADCLK946_17 Datasheet HTML 2Page - Analog Devices ADCLK946_17 Datasheet HTML 3Page - Analog Devices ADCLK946_17 Datasheet HTML 4Page - Analog Devices ADCLK946_17 Datasheet HTML 5Page - Analog Devices ADCLK946_17 Datasheet HTML 6Page - Analog Devices ADCLK946_17 Datasheet HTML 7Page - Analog Devices ADCLK946_17 Datasheet HTML 8Page - Analog Devices ADCLK946_17 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet
ADCLK946
Rev. B | Page 5 of 12
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Supply Voltage
VCC − VEE
6.0 V
Input Voltage
CLK, CLK
VEE − 0.5 V to
VCC + 0.5 V
CLK, CLK to VT Pin (CML, LVPECL
Termination)
±40 mA
CLK to CLK
±1.8 V
Input Termination, VT to CLK, CLK
±2 V
Maximum Voltage on Output Pins
VCC + 0.5 V
Maximum Output Current
35 mA
Voltage Reference (VREF)
VCC to VEE
Operating Temperature Range
Ambient
−40°C to +85°C
Junction
150°C
Storage Temperature Range
−65°C to +150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
DETERMINING JUNCTION TEMPERATURE
To determine the junction temperature on the application
printed circuit board (PCB), use the following equation:
TJ
= TCASE + (ΨJT × PD)
where:
TJ
is the junction temperature (°C).
TCASE
is the case temperature (°C) measured by the customer at
the top center of the package.
Ψ
JT
is as indicated in Table 5.
PD
is the power dissipation.
Values of θJA are provided for package comparison and PCB
design considerations. θJA can be used for a first-order approx-
imation of TJ by the equation
TJ
= TA + (θJA × PD)
where TA is the ambient temperature (°C).
Values of θJB are provided in Table 5 for package comparison
and PCB design considerations.
ESD CAUTION
THERMAL PERFORMANCE
Table 5.
Parameter
Symbol
Description
Value1
Unit
Junction-to-Ambient Thermal Resistance
Still Air
0.0 m/sec Airflow
θJA
Per JEDEC JESD51-2
54.3
°C/W
Moving Air
1.0 m/sec Airflow
θJMA
Per JEDEC JESD51-6
47.5
°C/W
2.5 m/sec Airflow
θJMA
Per JEDEC JESD51-6
42.6
°C/W
Junction-to-Board Thermal Resistance
Moving Air
1.0 m/sec Airflow
θJB
Per JEDEC JESD51-8 (moving air)
33.0
°C/W
Junction-to-Case Thermal Resistance (Die-to-Heat Sink)
Moving Air
θJC
Per MIL-Std. 883, Method 1012.1
2.0
°C/W
Junction-to-Top-of-Package Characterization Parameter
Still Air
0 m/sec Airflow
ΨJT
Per JEDEC JESD51-2
0.9
°C/W
1Results are from simulations. The PCB is a JEDEC multilayer type. Thermal performance for actual applications requires careful inspection of the conditions in the
application to determine if they are similar to those assumed in these calculations.


Similar Part No. - ADCLK946_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCLK946/PCBZ AD-ADCLK946/PCBZ Datasheet
476Kb / 12P
   Six LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
ADCLK946BCPZ AD-ADCLK946BCPZ Datasheet
476Kb / 12P
   Six LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
ADCLK946BCPZ-REEL7 AD-ADCLK946BCPZ-REEL7 Datasheet
476Kb / 12P
   Six LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
More results

Similar Description - ADCLK946_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCLK946 AD-ADCLK946 Datasheet
476Kb / 12P
   Six LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
ADCLK948 AD-ADCLK948_16 Datasheet
387Kb / 12P
   Two Selectable Inputs, 8 LVPECL Outputs, SiGe Clock Fanout Buffer
ADCLK950 AD-ADCLK950 Datasheet
879Kb / 12P
   Two Selectable Inputs, 10 LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
ADCLK954 AD-ADCLK954 Datasheet
350Kb / 12P
   Two Selectable Inputs, 12 LVPECL Outputs, SiGe Clock Fanout Buffer
REV. A
ADCLK954 AD-ADCLK954_16 Datasheet
386Kb / 12P
   Two Selectable Inputs, 12 LVPECL Outputs, SiGe Clock Fanout Buffer
ADCLK950 AD-ADCLK950_16 Datasheet
389Kb / 12P
   Two Selectable Inputs, 10 LVPECL Outputs, SiGe Clock Fanout Buffer
ADCLK948 AD-ADCLK948 Datasheet
716Kb / 12P
   Two Selectable Inputs, 8 LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
ADCLK944 AD-ADCLK944 Datasheet
227Kb / 12P
   2.5 V/3.3 V, Four LVPECL Outputs, SiGe Clock Fanout Buffer
REV. 0
logo
ON Semiconductor
NB3N853501E ONSEMI-NB3N853501E Datasheet
223Kb / 9P
   Differential Clock Fanout Buffer Outputs
November, 2011 ??Rev. 2
logo
Asahi Kasei Microsystem...
AK8181A AKM-AK8181A Datasheet
253Kb / 8P
   3.3V LVPECL 1:4 Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com