Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN5490A Datasheet(PDF) 20 Page - Texas Instruments

Part # SN5490A
Description  DECADE, DIVIDE-BY-TWELVE AND BINARY COUNTERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN5490A Datasheet(HTML) 20 Page - Texas Instruments

Back Button SN5490A_18 Datasheet HTML 16Page - Texas Instruments SN5490A_18 Datasheet HTML 17Page - Texas Instruments SN5490A_18 Datasheet HTML 18Page - Texas Instruments SN5490A_18 Datasheet HTML 19Page - Texas Instruments SN5490A_18 Datasheet HTML 20Page - Texas Instruments SN5490A_18 Datasheet HTML 21Page - Texas Instruments SN5490A_18 Datasheet HTML 22Page - Texas Instruments SN5490A_18 Datasheet HTML 23Page - Texas Instruments SN5490A_18 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
www.ti.com
PACKAGE OUTLINE
C
14X .008-.014
[0.2-0.36]
TYP
-15
0
AT GAGE PLANE
-.314
.308
-7.97
7.83
[
]
14X
-.026
.014
-0.66
0.36
[
]
14X
-.065
.045
-1.65
1.15
[
]
.2 MAX TYP
[5.08]
.13 MIN TYP
[3.3]
TYP
-.060
.015
-1.52
0.38
[
]
4X .005 MIN
[0.13]
12X .100
[2.54]
.015
GAGE PLANE
[0.38]
A
-.785
.754
-19.94
19.15
[
]
B
-.283
.245
-7.19
6.22
[
]
CDIP - 5.08 mm max height
J0014A
CERAMIC DUAL IN LINE PACKAGE
4214771/A 05/2017
NOTES:
1. All controlling linear dimensions are in inches. Dimensions in brackets are in millimeters. Any dimension in brackets or parenthesis are for
reference only. Dimensioning and tolerancing per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This package is hermitically sealed with a ceramic lid using glass frit.
4. Index point is provided on cap for terminal identification only and on press ceramic glass frit seal only.
5. Falls within MIL-STD-1835 and GDIP1-T14.
7
8
14
1
PIN 1 ID
(OPTIONAL)
SCALE 0.900
SEATING PLANE
.010 [0.25] C A B


Similar Part No. - SN5490A_18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5490A TI1-SN5490A_15 Datasheet
1Mb / 24P
DECADE, DIVIDE-BY-TWELVE AND BINARY COUNTERS
More results

Similar Description - SN5490A_18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5490A TI-SN5490A Datasheet
414Kb / 14P
DECADE, DIVIDE-BY-TWELVE AND BINARY COUNTERS
SN5490A TI-SN5490A_07 Datasheet
944Kb / 23P
DECADE, DIVIDE-BY-TWELVE AND BINARY COUNTERS
SN5490A TI-SN5490A_08 Datasheet
973Kb / 23P
DECADE, DIVIDE-BY-TWELVE AND BINARY COUNTERS
SN5490A TI1-SN5490A_15 Datasheet
1Mb / 24P
DECADE, DIVIDE-BY-TWELVE AND BINARY COUNTERS
logo
National Semiconductor ...
DM54L93 NSC-DM54L93 Datasheet
85Kb / 4P
Decade, Divide-by-12, and Binary Counters
logo
Hitachi Semiconductor
HD74LS92 HITACHI-HD74LS92 Datasheet
85Kb / 7P
Divide-by-Twelve Counters
logo
Motorola, Inc
SN54LS90 MOTOROLA-SN54LS90 Datasheet
109Kb / 6P
DECADE COUNTER; DIVIDE-BY-TWELVE COUNTER; 4-BIT BINARY COUNTER
logo
ON Semiconductor
SN54-74LS90 ONSEMI-SN54-74LS90 Datasheet
80Kb / 6P
DECADE COUNTER; DIVIDE-BY-TWELVE COUNTER; 4-BIT BINARY COUNTER
logo
Fairchild Semiconductor
DM7490A FAIRCHILD-DM7490A Datasheet
47Kb / 5P
Decade and Binary Counters
logo
National Semiconductor ...
5490 NSC-5490 Datasheet
175Kb / 7P
Decade, and Binary Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com