Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDM300S Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # SDM300S
Description  Intel짰 Smart Display Module (SDM-S)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

SDM300S Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  SDM300S Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
92
2
3
4
1
www.axiomtek.com
© 2018 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
Updated Jul. 23, 2018.
NEW
SDM Edge connector
Card edge
Standard PCle x8 (98 pins)
SDM I/O
1 x USB 3.0
1 x HDMI 1.4
1 x DisplayPort 1.2
1 x Serial TX/RX
2 x I
2C
Rear I/O
1 port as 10/100/1000 Mbps supports Wake-on-LAN,
PXE Boot ROM with Intel® i211-AT
2 x USB 3.0
Chipset
Intel® HD Graphics 505/500
Supports Gfx - DX12.0, OCL 2.0, OGL 4.3
Display Interface
(via SDM edge connector)
1 x DisplayPort 1.2 (4096 x 2304 @ 60p)
1 x HDMI 1.4 (3840 x 2160 @ 30p)
SDM300S
I/O
Packing List
Quick installation guide
Intel® Smart Display Module (SDM-S) with Intel® Pentium® Processor N4200 &
Celeron® Processor N3350
Features
Intel® Smart Display Module (Intel® SDM) specification
Intel® Pentium® processor N4200 & Celeron® processor
N3350 (Apollo Lake)
LPDDR4 4GB memory onboard (8GB optional)
Onboard 32/64GB eMMC
One M.2 Key E 2230 slot
Two USB 3.0, one GbE LAN
Easily integrates into slim designs
Optimized for digital signage, public kiosks, professional
monitors, point-of-sale
Projections for magic mirrors, beside terminals, hospitality,
and more
Display
CPU
Intel® Quad Core Pentium® processor N4200, Dual Core
Celeron® processor N3350 onboard
System Memory
LPDDR4 4GB memory onboard (8GB optional)
Chipset
SoC integrated
SSD
32/64GB eMMC onboard
WatchDog Timer
255 levels, 1 ~ 255 sec./min.
Expansion Interface
1 x M.2 Key E 2230 slot
Battery Lithium
Lithium 3 V/220 mAH
Power Input
Through SDM edge connector
+12V & +3.3VBS
Size
100 x 60 mm
Board Thickness
1.6 mm
Operating Temperature
0ºC ~ +55ºC
Operation Humidity
10% ~ 95% relative humidity, non-condensing
Ordering Information
Standard
SDM300S-N4200-4GB
SDM-S module with Intel® Pentium® processor N4200,
DP/HDMI, GbE LAN and USB 3.0
SDM300S-N3350-4GB
SDM-S module with Intel® Celeron® processor N3350,
DP/HDMI, GbE LAN and USB 3.0
Optional
SDB100
SDM-S evaluation board
Core System
Rear view
Side View
M.2 Key E
LPDDR4 memory
Intel® Pentium®
processor N4200
& Celeron®
processor N3350
USB 3.0
LAN


Similar Part No. - SDM300S

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SDM300 MICROSEMI-SDM300 Datasheet
110Kb / 3P
   Silicon Power Rectifier
SDM300 MICROSEMI-SDM300 Datasheet
131Kb / 2P
   SILICON POWER RECTIFIER
SDM30002 MICROSEMI-SDM30002 Datasheet
110Kb / 3P
   Silicon Power Rectifier
SDM30002 MICROSEMI-SDM30002 Datasheet
131Kb / 2P
   SILICON POWER RECTIFIER
SDM30002 MICROSEMI-SDM30002 Datasheet
118Kb / 2P
   Schottky Rectifier
More results

Similar Description - SDM300S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDM-USB-QS-S ETC2-SDM-USB-QS-S Datasheet
201Kb / 7P
   SDM-USB-QS-S USB MODULE DATA GUIDE
logo
DFI Inc
SDML-WL DFI-SDML-WL Datasheet
710Kb / 2P
   Intel Smart Display Module
logo
XFMRS Inc.
X013B23B XFMRS-X013B23B Datasheet
86Kb / 1P
   SDM T1/E1 ISOLATION MODULE
X013B23B XFMRS-X013B23B Datasheet
86Kb / 1P
   SDM T1/E1 ISOLATION MODULE
XF0013B23 XFMRS-XF0013B23_15 Datasheet
55Kb / 1P
   SDM T1/E1 ISOLATION MODULE
logo
SIRENZA MICRODEVICES
SDM-EVAL SIRENZA-SDM-EVAL Datasheet
159Kb / 3P
   Test Fixture for Sirenza SDM Module Series
logo
Advantech Co., Ltd.
TREK-303R-FL ADVANTECH-TREK-303R-FL Datasheet
267Kb / 2P
   7" In-Vehicle Smart Display with Smart Display 2.0
8-Jun-2022
TREK-306D-FL ADVANTECH-TREK-306D-FL Datasheet
576Kb / 2P
   10" In-Vehicle Smart Display with Smart Display Port 2.0
30-May-2022
TREK-306P-FL ADVANTECH-TREK-306P-FL Datasheet
578Kb / 2P
   10" In-Vehicle Smart Display with Smart Display Port 2.0
30-May-2022
TREK-303 ADVANTECH-TREK-303 Datasheet
543Kb / 2P
   7" Smart Vehicle Display
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com