Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q7B300 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # Q7B300
Description  Qseven Module Rev 2.1 Development Baseboard
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

Q7B300 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  Q7B300 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
66
2
3
4
1
Q7B300 NEW
MIO
2 x RS-232/422/485
1 x RS-232 (RX/TX/RTS/CTS)
1 x I
2C
1 x SMBus
SATA
2 x SATA-600
Hardware Monitoring
Yes
Ethernet
1 port with 10/100/1000Mbps signals routed from CPU
module
Audio
HD audio with Line-out/MIC-in
USB
3 x USB 3.0
1 x Micro USB 2.0 port (optional)
Digital I/O
4 channels IN & 4 channels OUT
Display
1 x LVDS 18/24-bit single channel LVDS
1 x eDP connector (switchable to LVDS with jumper setting)
1 x DisplayPort
CPU
On the module
System Memory
On the module
Chipset
SoC integrated
BIOS
On the module
SSD
N/A
Watchdog Timer
On the module
Expansion Interface
1 x PCI Express Mini Card slot (SD full-size)
3 x PCIe x1
1 x SD Card slot
Battery Lithium
Lithium 3V/220 mAH.
Power Input
AT/ATX power
Size
293.4 x 171.5 mm
Board Thickness
1.6 mm
Temperature
-20ºC ~ +70ºC (-40ºF ~ +185ºF), operation
Operation Humidity
10% ~ 95% relative humidity, non-condensing
Standard
Q7B300
(P/N : E399300100)
Qseven Rev 2.1 development board
I/O
Packing List
Core System
Quick installation guide; user’s manual/utility CD
Ordering Information
PCIe Mini
PCIe Mini
PCIe Mini
USB 3.0
USB
USB
Ext. Temp
Full Solid
Cap Design
Qseven Module Rev 2.1 Development Baseboard
Features
Qseven module evaluation purpose
1 Gigabit Ethernet port
2 SATA connectors
2 RS-232/422/485 & 1 RS-232
3 PCIe x1 slots
3 USB 3.0, 1 micro USB 2.0 port (optional)
1 PCI Express Mini Card slot (PCIe+USB+SMBus)
1 SD card slot
1 LVDS (or eDP)/DP connector
Front view
PCI-Express x1 Slots
Audio Jack
DP
Micro USB
COM connector
Digital I/O
Connector
I
2S connector
SD Card slot
USB 3.0
connector
SMBus connector
I
2C connector
LVDS connector
eDP connector
COM Wafer connector
PCI-Express Mini Card connector
ATX Power Connectors
Qseven
connectors
SATA
connectors
Front panel connector
1 x Ethernet,
2 x USB 3.0
www.axiomtek.com
© 2018 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
Updated Sep. 18, 2018.


Similar Description - Q7B300

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
ETB9F000 AXIOMTEK-ETB9F000_17 Datasheet
639Kb / 1P
ETX Development Baseboard
logo
Advantech Co., Ltd.
ROM-DB7500 ADVANTECH-ROM-DB7500_15 Datasheet
571Kb / 2P
Development board for RISC Qseven Module
SOM-DK3520 ADVANTECH-SOM-DK3520 Datasheet
358Kb / 2P
Qseven Development Kit
6-Jun-2018
SOM-DB3500 ADVANTECH-SOM-DB3500 Datasheet
1Mb / 2P
Qseven Development Board
SOM-DB3500 ADVANTECH-SOM-DB3500_13 Datasheet
401Kb / 2P
Qseven Development Board
SOM-DB3500 ADVANTECH-SOM-DB3500_15 Datasheet
408Kb / 2P
Qseven Development Board
SOM-DB3520 ADVANTECH-SOM-DB3520 Datasheet
433Kb / 2P
Qseven Development Board
ROM-DB7501 ADVANTECH-ROM-DB7501 Datasheet
485Kb / 2P
Development Board for Qseven v2.0 RISC Module
4-Mar-2016
ROM-DB7500 ADVANTECH-ROM-DB7500 Datasheet
550Kb / 2P
Development Board for Qseven v1.2 RISC Module
4-Mar-2016
ROM-DB7502 ADVANTECH-ROM-DB7502 Datasheet
460Kb / 2P
Development Board for Qseven2.0/2.1 Module
9-Aug-2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com