Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M50-3151542R Datasheet(PDF) 2 Page - Harwin Plc

Part # M50-3151542R
Description  1.27mm PITCH DIL SMT VERT LOW PROFILE SOCKET ASSY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc

M50-3151542R Datasheet(HTML) 2 Page - Harwin Plc

  M50-3151542R Datasheet HTML 1Page - Harwin Plc M50-3151542R Datasheet HTML 2Page - Harwin Plc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - M50-3151542R

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M50-315 HARWIN-M50-315 Datasheet
65Kb / 1P
1.27mm PITCH DIL SMT VERT. LOW-PROFILE SOCKET ASSY
M50-3150342 HARWIN-M50-3150342 Datasheet
93Kb / 1P
1.27 mm PITCH DIL SMT VERTICAL LOW-PROFILE SOCKET ASSEMBLY
M50-3150342 HARWIN-M50-3150342 Datasheet
65Kb / 1P
1.27mm PITCH DIL SMT VERT. LOW-PROFILE SOCKET ASSY
M50-3150542 HARWIN-M50-3150542 Datasheet
2Mb / 1P
Archer Connectors - M50
M50-3155042 HARWIN-M50-3155042 Datasheet
93Kb / 1P
1.27 mm PITCH DIL SMT VERTICAL LOW-PROFILE SOCKET ASSEMBLY
More results

Similar Description - M50-3151542R

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M50-315 HARWIN-M50-315_11 Datasheet
65Kb / 1P
1.27mm PITCH DIL SMT VERT. LOW-PROFILE SOCKET ASSY
M50-315XX42 HARWIN-M50-315XX42 Datasheet
83Kb / 1P
1.27mm pitch dil smt vert, low-profile socket assy
M50-430XX45 HARWIN-M50-430XX45 Datasheet
98Kb / 1P
1.27MM PITCH DIL VERTICAL SMT SOCKET ASSY
M50-4302045 HARWIN-M50-4302045 Datasheet
69Kb / 1P
1.27mm PITCH DIL VERTICAL SMT SOCKET ASSY
M50-3100345 HARWIN-M50-3100345 Datasheet
85Kb / 1P
1.27mm PITCH DIL VERTICAL SMT SOCKET ASSY
M50-3110342 HARWIN-M50-3110342 Datasheet
96Kb / 1P
1.27mm PITCH DIL VERTICAL SMT SOCKET ASSY WITH POSTS
M50-3120345 HARWIN-M50-3120345 Datasheet
82Kb / 1P
1.27mm PITCH DIL VERTICAL SMT SOCKET ASSY
M50-3610542R HARWIN-M50-3610542R Datasheet
157Kb / 2P
1.27mm PITCH DIL SMT VERT LOW PROFILE SOCKET ASSY
M52-5150345 HARWIN-M52-5150345 Datasheet
83Kb / 1P
1.27mm PITCH DIL VERTICAL SMT SOCKET ASSY
M50-3600242R HARWIN-M50-3600242R Datasheet
166Kb / 2P
1.27mm PITCH DIL SMT VERT LOW PROFILE SOCKET ASSY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com