Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXSC410E6TA Datasheet(PDF) 6 Page - Zetex Semiconductors

Part # ZXSC410E6TA
Description  VOLTAGE MODE BOOST CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXSC410E6TA Datasheet(HTML) 6 Page - Zetex Semiconductors

Back Button ZXSC410E6TA Datasheet HTML 2Page - Zetex Semiconductors ZXSC410E6TA Datasheet HTML 3Page - Zetex Semiconductors ZXSC410E6TA Datasheet HTML 4Page - Zetex Semiconductors ZXSC410E6TA Datasheet HTML 5Page - Zetex Semiconductors ZXSC410E6TA Datasheet HTML 6Page - Zetex Semiconductors ZXSC410E6TA Datasheet HTML 7Page - Zetex Semiconductors ZXSC410E6TA Datasheet HTML 8Page - Zetex Semiconductors ZXSC410E6TA Datasheet HTML 9Page - Zetex Semiconductors ZXSC410E6TA Datasheet HTML 10Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Sense Resistor
A low value sense resistor is required to set the peak
current. Power in this resistor is negligible due to the
low sense voltage threshold, VSENSE. Below is a table
of recommended sense resistors:
Output power calculation
By making the above assumptions for inductance and
peak current the output power can be determined by:
POUT = IAV x VIN x
= (Watts)
where
I
I
2
X
(T
T
(T
T
AV
PK
ON
DIS
ON
OFF
=
+
+
)
)
and
T
Ix L
V
ON
PK
IN
=
and
T
Ix L
V- V
DIS
PK
OUT
IN
=
and
TOFF
≅ 1.7µs (internally set by ZXSC410)
and
= efficiency i.e. 100% = 1
Operating frequency can be derived by:
F
1
TT
ON
OFF
=
+
Output capacitors
Output capacitors are a critical choice in the overall
performance of the solution. They are required to filter
the output and supply load transient currents. There
are three parameters which are paramount in the
selection of the output capacitors, capacitance, IRIPPLE
and ESR. The capacitance value is selected to meet the
load transient requirements.
The capacitors IRIPPLE
rating must meet or exceed the current ripple of the
solution.
The ESR of the output capacitor can also affect loop
stability and transient performance. The capacitors
selected for the solutions, and indicated in the
reference designs, are optimised to provide the best
overall performance.
Input capacitors
The input capacitor is chosen for its voltage and RMS
current rating. The use of low ESR electrolitic or
tantalum capacitors is recommended. Capacitor
values for optimum performance are suggested in the
reference design section
Also note that the ESR of the input capcitor is
effectively in series with the input and hence
contributes to efficiency losses in the order of IRMS
2 .
ESR.
ZXSC410
ZXSC420
SEMICO NDUC TORS
ISSUE 2 - May 2003
6
Manufacture
Series
RDC( )
Range
Size
Tolerance
URL
Cyntec
RL1220
0.022 - 10
0805
±5%
http://www.cyntec.com
IRC
LR1206
0.010 - 1.0
1206
±5%
http://www.ictt.com


Similar Part No. - ZXSC410E6TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXSC410E6TA DIODES-ZXSC410E6TA Datasheet
194Kb / 12P
   VOLTAGE MODE BOOST CONVERTER
ZXSC410E6TA DIODES-ZXSC410E6TA Datasheet
483Kb / 17P
   DC-DC BOOST SWITCHING CONTROLLERS
ZXSC410E6TA DIODES-ZXSC410E6TA Datasheet
512Kb / 17P
   DC-DC BOOST SWITCHING CONTROLLERS
More results

Similar Description - ZXSC410E6TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXSC410 DIODES-ZXSC410 Datasheet
194Kb / 12P
   VOLTAGE MODE BOOST CONVERTER
logo
Richtek Technology Corp...
RT6150A RICHTEK-RT6150A Datasheet
188Kb / 13P
   Current Mode Buck-Boost Converter
logo
Major-Power Technology ...
MA2003 MPOWER-MA2003 Datasheet
352Kb / 7P
   1.2MHz, High Voltage, Boost Converter
logo
Semtech Corporation
SC120 SEMTECH-SC120 Datasheet
454Kb / 21P
   Low Voltage Synchronous Boost Converter
SC122 SEMTECH-SC122 Datasheet
202Kb / 13P
   Low Voltage Synchronous Boost Converter
logo
Major-Power Technology ...
MA2011 MPOWER-MA2011 Datasheet
192Kb / 2P
   3A High Voltage Boost Converter
logo
ACE Technology Co., LTD...
ACE7166X ACE-ACE7166X Datasheet
396Kb / 4P
   1.2MHz, High Voltage, Boost Converter
VER 1.2
logo
MagnaChip Semiconductor...
MAP7103 MGCHIP-MAP7103 Datasheet
617Kb / 9P
   3A, High Voltage Boost Converter
logo
Advanced Power Electron...
APE1913 A-POWER-APE1913 Datasheet
308Kb / 9P
   1.2MHz, HIGH VOLTAGE, BOOST CONVERTER
logo
Analog Devices
MAX17291C AD-MAX17291C Datasheet
637Kb / 10P
   High-Voltage, Micropower, Boost Converter
19-101696; Rev 0; 9/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com