Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXSC410E6TA Datasheet(PDF) 12 Page - Zetex Semiconductors

Part # ZXSC410E6TA
Description  VOLTAGE MODE BOOST CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXSC410E6TA Datasheet(HTML) 12 Page - Zetex Semiconductors

Back Button ZXSC410E6TA Datasheet HTML 4Page - Zetex Semiconductors ZXSC410E6TA Datasheet HTML 5Page - Zetex Semiconductors ZXSC410E6TA Datasheet HTML 6Page - Zetex Semiconductors ZXSC410E6TA Datasheet HTML 7Page - Zetex Semiconductors ZXSC410E6TA Datasheet HTML 8Page - Zetex Semiconductors ZXSC410E6TA Datasheet HTML 9Page - Zetex Semiconductors ZXSC410E6TA Datasheet HTML 10Page - Zetex Semiconductors ZXSC410E6TA Datasheet HTML 11Page - Zetex Semiconductors ZXSC410E6TA Datasheet HTML 12Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
ZXSC410
ZXSC420
SEMICO NDUC TORS
12
ISSUE 2 - May 2003
Europe
Zetex plc
Fields New Road
Chadderton
Oldham, OL9 8NP
United Kingdom
Telephone (44) 161 622 4444
Fax: (44) 161 622 4446
hq@zetex.com
Zetex GmbH
Streitfeldstraße19
D-81673 München
Germany
Telefon: (49) 89 45 49 49 0
Fax: (49) 89 45 49 49 49
europe.sales@zetex.com
Americas
Zetex Inc
700 Veterans Memorial Hwy
Hauppauge, NY 11788
USA
Telephone: (1) 631 360 2222
Fax: (1) 631 360 8222
usa.sales@zetex.com
Asia Pacific
Zetex (Asia) Ltd
3701-04 Metroplaza Tower 1
Hing Fong Road
Kwai Fong
Hong Kong
Telephone: (852) 26100 611
Fax: (852) 24250 494
asia.sales@zetex.com
These offices are supported by agents and distributors in major countries world-wide.
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced
for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company
reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
For the latest product information, log on to
www.zetex.com
© Zetex plc 2003
DIM
Millimetres
Inches
DIM
Millimetres
Inches
Min
Max
Min
Max
Min
Max
Min
Max
A
0.90
1.45
0.35
0.057
E
2.60
3.00
0.102
0.118
A1
0.00
0.15
0
0.006
E1
1.50
1.75
0.059
0.069
A2
0.90
1.30
0.035
0.051
L
0.10
0.60
0.004
0.002
b
0.35
0.50
0.014
0.019
e
0.95 REF
0.037 REF
C
0.09
0.20
0.0035
0.008
e1
1.90 REF
0.074 REF
D
2.80
3.00
0.110
0.118
L
10°
10°
PACKAGE DIMENSIONS
CONTROLLING DIMENSIONS IN MILLIMETRES APPROX CONVERSIONS INCHES.
A1
2
L
DATUM A
a
C
E
AA2
E1
D
b
e
e1
PACKAGE OUTLINE
PAD LAYOUT DETAILS


Similar Part No. - ZXSC410E6TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXSC410E6TA DIODES-ZXSC410E6TA Datasheet
194Kb / 12P
VOLTAGE MODE BOOST CONVERTER
ZXSC410E6TA DIODES-ZXSC410E6TA Datasheet
483Kb / 17P
DC-DC BOOST SWITCHING CONTROLLERS
ZXSC410E6TA DIODES-ZXSC410E6TA Datasheet
512Kb / 17P
DC-DC BOOST SWITCHING CONTROLLERS
More results

Similar Description - ZXSC410E6TA

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC120 SEMTECH-SC120 Datasheet
454Kb / 21P
Low Voltage Synchronous Boost Converter
SC122 SEMTECH-SC122 Datasheet
202Kb / 13P
Low Voltage Synchronous Boost Converter
logo
Diodes Incorporated
ZXSC410 DIODES-ZXSC410 Datasheet
194Kb / 12P
VOLTAGE MODE BOOST CONVERTER
logo
Advanced Power Electron...
APE1913 A-POWER-APE1913 Datasheet
308Kb / 9P
1.2MHz, HIGH VOLTAGE, BOOST CONVERTER
logo
MagnaChip Semiconductor...
MAP7103 MGCHIP-MAP7103 Datasheet
617Kb / 9P
3A, High Voltage Boost Converter
logo
Major-Power Technology ...
MA2003 MPOWER-MA2003 Datasheet
352Kb / 7P
1.2MHz, High Voltage, Boost Converter
logo
Richtek Technology Corp...
RT6150A RICHTEK-RT6150A Datasheet
188Kb / 13P
Current Mode Buck-Boost Converter
logo
Major-Power Technology ...
MA2011 MPOWER-MA2011 Datasheet
192Kb / 2P
3A High Voltage Boost Converter
logo
ACE Technology Co., LTD...
ACE7166X ACE-ACE7166X Datasheet
396Kb / 4P
1.2MHz, High Voltage, Boost Converter
VER 1.2
logo
Analog Devices
MAX17291C AD-MAX17291C Datasheet
637Kb / 10P
High-Voltage, Micropower, Boost Converter
19-101696; Rev 0; 9/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com