Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXSC410E6TA Datasheet(PDF) 8 Page - Zetex Semiconductors

Part # ZXSC410E6TA
Description  VOLTAGE MODE BOOST CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXSC410E6TA Datasheet(HTML) 8 Page - Zetex Semiconductors

Back Button ZXSC410E6TA Datasheet HTML 4Page - Zetex Semiconductors ZXSC410E6TA Datasheet HTML 5Page - Zetex Semiconductors ZXSC410E6TA Datasheet HTML 6Page - Zetex Semiconductors ZXSC410E6TA Datasheet HTML 7Page - Zetex Semiconductors ZXSC410E6TA Datasheet HTML 8Page - Zetex Semiconductors ZXSC410E6TA Datasheet HTML 9Page - Zetex Semiconductors ZXSC410E6TA Datasheet HTML 10Page - Zetex Semiconductors ZXSC410E6TA Datasheet HTML 11Page - Zetex Semiconductors ZXSC410E6TA Datasheet HTML 12Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ZXSC410
ZXSC420
SEMICO NDUC TORS
ISSUE 2 - May 2003
8
Ref
Value
Part Number
Manufacture
Comments
U1
ZXSC410E6
Zetex
DC-DC converter IC
U2
ZX3CDBS1M832
Zetex
Low sat NPN + 1A Schottky
L1
22µH
CMD4D11-220
Sumida
1mm height profile
R1
100m
LR1206 / RL1220
IRC / Cyntec
1206 / 0805 size
R2
16k
Generic
Generic
0603 size
R3
1k
Generic
Generic
0603 size
C1
22µF/6V3
GRM Series
Murata
1206 size
C2
22µF/6V3
GRM Series
Murata
1206 size
C3
1nF
Generic
Generic
0603 size
REFERENCE DESIGNS
ZXSC410 DC-DC Controller
VIN=2.5V to 4.2V
VOUT=5V; ILOAD=100mA
Bill of Materials


Similar Part No. - ZXSC410E6TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXSC410E6TA DIODES-ZXSC410E6TA Datasheet
194Kb / 12P
   VOLTAGE MODE BOOST CONVERTER
ZXSC410E6TA DIODES-ZXSC410E6TA Datasheet
483Kb / 17P
   DC-DC BOOST SWITCHING CONTROLLERS
ZXSC410E6TA DIODES-ZXSC410E6TA Datasheet
512Kb / 17P
   DC-DC BOOST SWITCHING CONTROLLERS
More results

Similar Description - ZXSC410E6TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXSC410 DIODES-ZXSC410 Datasheet
194Kb / 12P
   VOLTAGE MODE BOOST CONVERTER
logo
Richtek Technology Corp...
RT6150A RICHTEK-RT6150A Datasheet
188Kb / 13P
   Current Mode Buck-Boost Converter
logo
Major-Power Technology ...
MA2003 MPOWER-MA2003 Datasheet
352Kb / 7P
   1.2MHz, High Voltage, Boost Converter
logo
Semtech Corporation
SC120 SEMTECH-SC120 Datasheet
454Kb / 21P
   Low Voltage Synchronous Boost Converter
SC122 SEMTECH-SC122 Datasheet
202Kb / 13P
   Low Voltage Synchronous Boost Converter
logo
Major-Power Technology ...
MA2011 MPOWER-MA2011 Datasheet
192Kb / 2P
   3A High Voltage Boost Converter
logo
ACE Technology Co., LTD...
ACE7166X ACE-ACE7166X Datasheet
396Kb / 4P
   1.2MHz, High Voltage, Boost Converter
VER 1.2
logo
MagnaChip Semiconductor...
MAP7103 MGCHIP-MAP7103 Datasheet
617Kb / 9P
   3A, High Voltage Boost Converter
logo
Advanced Power Electron...
APE1913 A-POWER-APE1913 Datasheet
308Kb / 9P
   1.2MHz, HIGH VOLTAGE, BOOST CONVERTER
logo
Analog Devices
MAX17291C AD-MAX17291C Datasheet
637Kb / 10P
   High-Voltage, Micropower, Boost Converter
19-101696; Rev 0; 9/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com