Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49BV002A Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT49BV002A
Description  2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV002A Datasheet(HTML) 4 Page - ATMEL Corporation

  AT49BV002A Datasheet HTML 1Page - ATMEL Corporation AT49BV002A Datasheet HTML 2Page - ATMEL Corporation AT49BV002A Datasheet HTML 3Page - ATMEL Corporation AT49BV002A Datasheet HTML 4Page - ATMEL Corporation AT49BV002A Datasheet HTML 5Page - ATMEL Corporation AT49BV002A Datasheet HTML 6Page - ATMEL Corporation AT49BV002A Datasheet HTML 7Page - ATMEL Corporation AT49BV002A Datasheet HTML 8Page - ATMEL Corporation AT49BV002A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
3353F–FLASH–3/05
AT49BV002A(N)(T)
4.3
Reset
A RESET input pin is provided to ease some system applications. When RESET is at a logic
high level, the device is in its standard operating mode. A low level on the RESET input halts the
present device operation and puts the outputs of the device in a high impedance state. If the
RESET pin makes a high to low transition during a program or erase operation, the operation
may not be successfully completed and the operation will have to be repeated after a high level
is applied to the RESET pin. When a high level is reasserted on the RESET pin, the device
returns to the read or standby mode, depending upon the state of the control inputs. By applying
a 12V
± 0.5V input signal to the RESET pin, the boot block array can be reprogrammed even if
the boot block lockout feature has been enabled (see “Boot Block Programming Lockout” on
page 5). The RESET feature is not available on the AT49BV002AN(T).
4.4
Erasure
Before a byte can be reprogrammed, the main memory blocks or parameter blocks which con-
tains the byte must be erased. The erased state of the memory bits is a logical “1”. The entire
device can be erased at one time by using a 6-byte software code. The software chip erase
code consists of 6-byte load commands to specific address locations with a specific data pattern
(please refer to the Chip Erase Cycle Waveforms).
After the software chip erase has been initiated, the device will internally time the erase opera-
tion so that no external clocks are required. The maximum time needed to erase the whole chip
is tEC. If the boot block lockout feature has been enabled, the data in the boot sector will not be
erased.
4.4.1
Chip Erase
If the boot block lockout has been enabled, the Chip Erase function will erase Parameter Block
1, Parameter Block 2, Main Memory Block 1 - 4, but not the boot block. If the Boot Block Lockout
has not been enabled, the Chip Erase function will erase the entire chip. After the full chip erase
the device will return back to read mode. Any command during chip erase will be ignored.
4.4.2
Sector Erase
As an alternative to a full chip erase, the device is organized into sectors that can be individually
erased. There are two 8K-byte parameter block sections and four main memory blocks. The 8K-
byte parameter block sections and the four main memory blocks can be independently erased
and reprogrammed. The Sector Erase command is a six bus cycle operation. The sector
address is latched on the rising WE edge of the sixth cycle and the 30H data input command is
also latched at the rising edge of WE. The sector erase starts after the rising edge of WE of the
sixth cycle. The erase operation is internally controlled; it will automatically time to completion.
4.5
Byte Programming
Once the memory array is erased, the device is programmed (to a logical “0”) on a byte-by-byte
basis. Please note that a data “0” cannot be programmed back to a “1”; only erase operations
can convert “0”s to “1”s. Programming is accomplished via the internal device command register
and is a 4 bus cycle operation (please refer to the “Command Definition Table” on page 7). The
device will automatically generate the required internal program pulses.


Similar Part No. - AT49BV002A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV002 ATMEL-AT49BV002 Datasheet
171Kb / 20P
   2-Megabit 256K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49BV002 ATMEL-AT49BV002 Datasheet
120Kb / 21P
   2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV002-12JC ATMEL-AT49BV002-12JC Datasheet
171Kb / 20P
   2-Megabit 256K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49BV002-12JI ATMEL-AT49BV002-12JI Datasheet
171Kb / 20P
   2-Megabit 256K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT49BV002-12PC ATMEL-AT49BV002-12PC Datasheet
171Kb / 20P
   2-Megabit 256K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
More results

Similar Description - AT49BV002A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV-LV002 ATMEL-AT49BV-LV002 Datasheet
120Kb / 21P
   2-Megabit (256K x 8) Single 2.7-volt Battery-Voltage??Flash Memory
AT49BV020 ATMEL-AT49BV020 Datasheet
167Kb / 10P
   2-Megabit 256K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT29BV020 ATMEL-AT29BV020_08 Datasheet
368Kb / 16P
   2-megabit (256K x 8) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV002 ATMEL-AT49BV002 Datasheet
171Kb / 20P
   2-Megabit 256K x 8 Single 2.7-Volt Battery-Voltage Flash Memory
AT29BV020 ATMEL-AT29BV020 Datasheet
489Kb / 10P
   2 Megabit 256K x 8 Single 2.7-volt Battery-Voltage CMOS Flash Memory
AT49BV2048A ATMEL-AT49BV2048A Datasheet
263Kb / 17P
   2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage??Flash Memory
AT49LV4096A ATMEL-AT49LV4096A Datasheet
365Kb / 16P
   4-megabit (512K x 8/256K x 16) Single 2.7-volt Battery-Voltage Flash Memory
AT49BV080 ATMEL-AT49BV080 Datasheet
201Kb / 12P
   8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV010 ATMEL-AT49BV010 Datasheet
88Kb / 11P
   1-Megabit 128K x 8 Single 2.7-volt Battery-Voltage Flash Memory
AT49BV040 ATMEL-AT49BV040 Datasheet
210Kb / 12P
   4-Megabit 512K x 8 Single 2.7-volt Battery-Voltage Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com