![]() |
Electronic Components Datasheet Search |
|
AT49BV002A Datasheet(PDF) 7 Page - ATMEL Corporation |
|
|
AT49BV002A Datasheet(HTML) 7 Page - ATMEL Corporation |
7 / 18 page ![]() 7 3353F–FLASH–3/05 AT49BV002A(N)(T) Notes: 1. The DATA FORMAT in each bus cycle is as follows: I/O7 - I/O0 (Hex). The address format in each bus cycle is as follows: A11 - A0 (Hex); A11 - A17 (don’t care). 2. Since A11 is don’t care, AAA can be replaced with 2AA. 3. The 16K byte boot sector has the address range 00000H to 03FFFH for the AT49BV002A(N) and 3C000H to 3FFFFH for the AT49BV002A(N)T 4. Either one of the Product ID Exit commands can be used. 5. SA = sector addresses: For the AT49BV002A(N): SA = 00000 to 03FFF for BOOT BLOCK SA = 04000 to 05FFF for PARAMETER BLOCK 1 SA = 06000 to 07FFF for PARAMETER BLOCK 2 SA = 08000 to FFFF for MAIN MEMORY ARRAY BLOCK 1 SA = 10000 to 1FFFF for MAIN MEMORY ARRAY BLOCK 2 SA = 20000 to 2FFFF for MAIN MEMORY ARRAY BLOCK 3 SA = 30000 to 3FFFF for MAIN MEMORY ARRAY BLOCK 4 For the AT49BV002A(N)T: SA = 3C000 to 3FFFF for BOOT BLOCK SA = 3A000 to 3BFFF for PARAMETER BLOCK 1 SA = 38000 to 39FFF for PARAMETER BLOCK 2 SA = 30000 to 37FFF for MAIN MEMORY ARRAY BLOCK 1 SA = 20000 to 2FFFF for MAIN MEMORY ARRAY BLOCK 2 SA = 10000 to 1FFFF for MAIN MEMORY ARRAY BLOCK 3 SA = 00000 to 0FFFF for MAIN MEMORY ARRAY BLOCK 4 5. Command Definition Table Command Sequence Bus Cycles 1st Bus Cycle 2nd Bus Cycle 3rd Bus Cycle 4th Bus Cycle 5th Bus Cycle 6th Bus Cycle Addr Data Addr Data Addr Data Addr Data Addr Data Addr Data Read 1 Addr D OUT Chip Erase 6 555 AA AAA(2) 55 555 80 555 AA AAA 55 555 10 Sector Erase 6 555 AA AAA 55 555 80 555 AA AAA 55 SA (5) 30 Byte Program 4 555 AA AAA 55 555 A0 Addr D IN Boot Block Lockout(3) 6 555 AA AAA 55 555 80 555 AA AAA 55 555 40 Product ID Entry 3 555 AA AAA 55 555 90 Product ID Exit (4) 3 555 AA AAA 55 555 F0 Product ID Exit(4) 1XXXX F0 6. Absolute Maximum Ratings* Temperature Under Bias................................ -55°C to +125°C *NOTICE: Stresses beyond those listed under “Absolute Maxi- mum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other condi- tions beyond those indicated in the operational sec- tions of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Storage Temperature ..................................... -65°C to +150°C All Input Voltages (including NC Pins) with Respect to Ground ...................................-0.6V to +6.25V All Output Voltages with Respect to Ground .............................-0.6V to V CC + 0.6V Voltage on OE with Respect to Ground ...................................-0.6V to +13.5V |
Similar Part No. - AT49BV002A |
|
Similar Description - AT49BV002A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |