![]() |
Electronic Components Datasheet Search |
|
2989530 Datasheet(PDF) 2 Page - PHOENIX CONTACT |
|
|
2989530 Datasheet(HTML) 2 Page - PHOENIX CONTACT |
2 / 5 page ![]() https://www.phoenixcontact.com/us/produkte/2989530 05.06.2012 Page 2 / 5 Switch - FL SWITCH LM 4TX/1FX ST-E - 2989530 Technical data Interfaces Connection method ST Transmission physics Multimode fiberglass Transmission speed 100 MBit/s (full duplex) Transmission length 11000 m (fiberglass with F-G 62.5/125 0.7 dB/km F1000) Transmission length 6400 m (fiberglass with F-G 50/125 0.7 dB/km F1200) Transmission length 3000 m (fiberglass with F-G 62.5/125 2.6 dB/km F600) Transmission length 2800 m (fiberglass with F-G 50/125 1.6 dB/km F800) Wavelength 1300 nm Function Basic functions Store-and-forward switch complies with IEEE 802.3 2, priority classes in acc. with IEEE 802.1 P TCP/IP protocol, BootP- compatible, port mirroring, integrated web server function, multicast filtering, IGMP snooping, VLAN, Rapid Spanning Tree (RSTP), DHCP server Supported browsers Internet Explorer 5.5 or higher Redundancy Rapid Spanning Tree 802.1w, Fast Ring Detection Status and diagnostic indicators Per Ethernet 2 status LEDs: LINK and status activity, 100, full duplex, supply voltage US1 and US2 (redundant supply voltage) Network expansion parameters Cascading depth Network, linear, and star structure: any Maximum conductor length ((twisted pair) 100 m Supply voltage Supply voltage 24 V DC Residual ripple 3.6 VPP (within the permitted voltage range) Supply voltage range 18.5 V DC ... 30.5 V DC Typical current consumption 400 mA (at US = 24 V DC) General data Width 45 mm Height 99 mm Depth 112 mm Mounting type DIN rail Type AX Block-oriented Weight 230 g Degree of protection IP20 Ambient temperature (operation) -40 °C ... 70 °C Ambient temperature (storage/transport) -40 °C ... 85 °C Permissible humidity (operation) 30 % ... 95 % (no condensation) Permissible humidity (storage/transport) 30 % ... 95 % (no condensation) Air pressure (operation) 80 kPa ... 108 kPa (2000 above sea level) Air pressure (storage/transport) 70 kPa ... 108 kPa (3000 above sea level) Noise emission EN 61000-6-3/-4 Noise immunity EN 61000-6-2:2005 |
Similar Part No. - 2989530 |
|
Similar Description - 2989530 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |