Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2989530 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 2989530
Description  Web-based management, SNMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2989530 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  2989530 Datasheet HTML 1Page - PHOENIX CONTACT 2989530 Datasheet HTML 2Page - PHOENIX CONTACT 2989530 Datasheet HTML 3Page - PHOENIX CONTACT 2989530 Datasheet HTML 4Page - PHOENIX CONTACT 2989530 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
https://www.phoenixcontact.com/us/produkte/2989530
05.06.2012   Page 5 / 5
Switch - FL SWITCH LM 4TX/1FX ST-E - 2989530
Accessories
Assembly tool - FL CRIMPTOOL - 2744869
Crimping pliers, for assembling the RJ45 connectors FL PLUG RJ45..., for assembly on site
 
 
Dust protection - FL RJ45 PROTECT CAP - 2832991
Dust protection caps for RJ45 female connector
 
 
End clamp - E/NS 35 N - 0800886
End clamp, width: 9.5 mm, color: gray
 
 
Patch panels - FL PF 2TX CAT5E - 2891165
Patch field with two RJ45 CAT5e network connections
 
 
Patch panels - FL PF 8TX CAT5E - 2891178
Patch field with eight RJ45 CAT5e network connections
 
 
© Phoenix Contact 2012 - all rights reserved
http://www.phoenixcontact.com


Similar Part No. - 2989530

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2989501 PHOENIX-2989501 Datasheet
91Kb / 10P
   Industrial Ethernet Switch - FL SWITCH SMN 8TX-PN
2989527 PHOENIX-2989527 Datasheet
66Kb / 5P
   Ethernet Lean Managed Switch with five 10/100 Mbps RJ45 ports
More results

Similar Description - 2989530

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2989734 PHOENIX-2989734 Datasheet
77Kb / 5P
   Web-based management, SNMP
2702332 PHOENIX-2702332 Datasheet
84Kb / 5P
   Web-based management, SNMP
2989239 PHOENIX-2989239 Datasheet
66Kb / 5P
   Web-based management, SNMP
2989336 PHOENIX-2989336 Datasheet
77Kb / 5P
   Web-based management, SNMP
FL-SWITCH-SMN-6TX PHOENIX-FL-SWITCH-SMN-6TX Datasheet
95Kb / 10P
   Web-based management, SNMP
2832632 PHOENIX-2832632 Datasheet
107Kb / 10P
   Web-based management, SNMP
2989831 PHOENIX-2989831 Datasheet
78Kb / 5P
   Web-based management, SNMP
2989938 PHOENIX-2989938 Datasheet
78Kb / 5P
   Web-based management, SNMP
2989093 PHOENIX-2989093 Datasheet
71Kb / 5P
   Web-based management, SNMP
2989433 PHOENIX-2989433 Datasheet
77Kb / 5P
   Web-based management, SNMP
2891916 PHOENIX-2891916 Datasheet
88Kb / 5P
   Web-based management, SNMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com