Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2989336 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2989336
Description  Web-based management, SNMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2989336 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2989336 Datasheet HTML 1Page - PHOENIX CONTACT 2989336 Datasheet HTML 2Page - PHOENIX CONTACT 2989336 Datasheet HTML 3Page - PHOENIX CONTACT 2989336 Datasheet HTML 4Page - PHOENIX CONTACT 2989336 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
https://www.phoenixcontact.com/us/produkte/2989336
05.06.2012   Page 2 / 5
Switch - FL SWITCH LM 5TX-E - 2989336
Technical data
Function
Basic functions
Store-and-forward switch complies with IEEE 802.3 2, priority
classes in acc. with IEEE 802.1 P TCP/IP protocol, BootP-
compatible, port mirroring, integrated web server function,
multicast filtering, IGMP snooping, VLAN, Rapid Spanning Tree
(RSTP), DHCP server
Supported browsers
Internet Explorer 5.5 or higher
Redundancy
Rapid Spanning Tree 802.1w, Fast Ring Detection
Status and diagnostic indicators
Per Ethernet 2 status LEDs: LINK and status activity, 100, full
duplex, supply voltage US1 and US2 (redundant supply voltage)
Network expansion parameters
Cascading depth
Network, linear, and star structure: any
Maximum conductor length ((twisted pair)
100 m
Supply voltage
Supply voltage
24 V DC
Residual ripple
3.6 VPP (within the permitted voltage range)
Supply voltage range
18.5 V DC ... 30.5 V DC
Typical current consumption
250 mA (at US = 24 V DC)
General data
Width
45 mm
Height
99 mm
Depth
112 mm
Mounting type
DIN rail
Type AX
Block-oriented
Weight
230 g
Degree of protection
IP20
Ambient temperature (operation)
-40 °C ... 70 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Permissible humidity (operation)
30 % ... 95 % (no condensation)
Permissible humidity (storage/transport)
30 % ... 95 % (no condensation)
Air pressure (operation)
80 kPa ... 108 kPa (2000 above sea level)
Air pressure (storage/transport)
70 kPa ... 108 kPa (3000 above sea level)
Noise emission
EN 61000-6-3/-4
Noise immunity
EN 61000-6-2:2005
Conformity with EMC directives
Developed in acc. with standard
IEC 61000-6.2
Test standard
IEC 61000-4-2 (ESD)
Test result
Criterion B
Test standard
IEC 61000-4-3 (immunity to radiated interference)
Test result
Criterion A
Test standard
IEC 61000-4-4 (burst)
Test result
Criterion B
Test standard
IEC 61000-4-5 (surge)


Similar Part No. - 2989336

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2989307 PHOENIX-2989307 Datasheet
303Kb / 10P
Extension module - FL FXT
Dec 2, 2022
2989310 PHOENIX-2989310 Datasheet
112Kb / 5P
FL MGUARD RS
Feb 4, 2011
2989365 PHOENIX-2989365 Datasheet
65Kb / 5P
Smart Managed Narrow NAT switch with eight 10/100 Mbps RJ45 ports and 1:1 NAT router function
More results

Similar Description - 2989336

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2989734 PHOENIX-2989734 Datasheet
77Kb / 5P
Web-based management, SNMP
2702332 PHOENIX-2702332 Datasheet
84Kb / 5P
Web-based management, SNMP
2989239 PHOENIX-2989239 Datasheet
66Kb / 5P
Web-based management, SNMP
FL-SWITCH-SMN-6TX PHOENIX-FL-SWITCH-SMN-6TX Datasheet
95Kb / 10P
Web-based management, SNMP
2832632 PHOENIX-2832632 Datasheet
107Kb / 10P
Web-based management, SNMP
2989831 PHOENIX-2989831 Datasheet
78Kb / 5P
Web-based management, SNMP
2989938 PHOENIX-2989938 Datasheet
78Kb / 5P
Web-based management, SNMP
2989093 PHOENIX-2989093 Datasheet
71Kb / 5P
Web-based management, SNMP
2989433 PHOENIX-2989433 Datasheet
77Kb / 5P
Web-based management, SNMP
2891916 PHOENIX-2891916 Datasheet
88Kb / 5P
Web-based management, SNMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com