Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2989336 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2989336
Description  Web-based management, SNMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2989336 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2989336 Datasheet HTML 1Page - PHOENIX CONTACT 2989336 Datasheet HTML 2Page - PHOENIX CONTACT 2989336 Datasheet HTML 3Page - PHOENIX CONTACT 2989336 Datasheet HTML 4Page - PHOENIX CONTACT 2989336 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/produkte/2989336
05.06.2012   Page 1 / 5
Switch - FL SWITCH LM 5TX-E - 2989336
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Ethernet Lean Managed Switches with five RJ45 ports, 10/100 Mbps, SNMP management (Simple
Network Management Protocol), redundancy via Rapid Spanning Tree (IEEE 802.1w) and fast ring
detection, multicast filtering, IGMP snooping, 24 V DC power supply, redundant
Product description
The compact lean managed switches (LM) make it possible to set up flexible and economical managed Ethernet networks in an
automation environment. Its huge range of connection variants and extended temperature range of -40 °C to +70 °C enable it to
perfectly cover the requirements of industrial applications. The integrated software allows networks to be redundantly set up, diagnosed
and monitored using IT standard protocols.
Why buy this product
 Web-based management, SNMP
 Compact housing
 Comprehensive fiber optic versions
 Configuration can be stored externally
 -40°C ... +70°C ambient temperature
 Configurable alarm contact
 
Key commercial data
Packing unit
0
Minimum order quantity
1
GTIN
Custom tariff number
85176200
Country of origin
GERMANY
Technical data
Interfaces
Interface 1
Ethernet
No. of ports
5 (RJ45 ports)
Connection method
RJ45
Transmission physics
Copper
Transmission speed
10/100 MBit/s
Transmission length
100 m (per segment)


Similar Part No. - 2989336

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2989307 PHOENIX-2989307 Datasheet
303Kb / 10P
Extension module - FL FXT
Dec 2, 2022
2989310 PHOENIX-2989310 Datasheet
112Kb / 5P
FL MGUARD RS
Feb 4, 2011
2989365 PHOENIX-2989365 Datasheet
65Kb / 5P
Smart Managed Narrow NAT switch with eight 10/100 Mbps RJ45 ports and 1:1 NAT router function
More results

Similar Description - 2989336

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2989734 PHOENIX-2989734 Datasheet
77Kb / 5P
Web-based management, SNMP
2702332 PHOENIX-2702332 Datasheet
84Kb / 5P
Web-based management, SNMP
2989239 PHOENIX-2989239 Datasheet
66Kb / 5P
Web-based management, SNMP
FL-SWITCH-SMN-6TX PHOENIX-FL-SWITCH-SMN-6TX Datasheet
95Kb / 10P
Web-based management, SNMP
2832632 PHOENIX-2832632 Datasheet
107Kb / 10P
Web-based management, SNMP
2989831 PHOENIX-2989831 Datasheet
78Kb / 5P
Web-based management, SNMP
2989938 PHOENIX-2989938 Datasheet
78Kb / 5P
Web-based management, SNMP
2989093 PHOENIX-2989093 Datasheet
71Kb / 5P
Web-based management, SNMP
2989433 PHOENIX-2989433 Datasheet
77Kb / 5P
Web-based management, SNMP
2891916 PHOENIX-2891916 Datasheet
88Kb / 5P
Web-based management, SNMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com