Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2989336 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2989336
Description  Web-based management, SNMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2989336 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2989336 Datasheet HTML 1Page - PHOENIX CONTACT 2989336 Datasheet HTML 2Page - PHOENIX CONTACT 2989336 Datasheet HTML 3Page - PHOENIX CONTACT 2989336 Datasheet HTML 4Page - PHOENIX CONTACT 2989336 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
https://www.phoenixcontact.com/us/produkte/2989336
05.06.2012   Page 3 / 5
Switch - FL SWITCH LM 5TX-E - 2989336
Technical data
Conformity with EMC directives
Test result
Criterion B
Test standard
IEC 61000-4-6 (immunity to conducted interference)
Test result
Criterion A
Classifications
eclass
eCl@ss 4.0
24010504
eCl@ss 4.1
24010504
eCl@ss 5.0
19030117
eCl@ss 5.1
19030117
eCl@ss 6.0
19170106
etim
ETIM 3.0
EC000734
ETIM 4.0
EC000734
unspsc
UNSPSC 12.01
43201410
Accessories
Accessories
Cable/conductor
Connecting cable - PRG CAB MINI DIN - 2730611
Connecting cable, for connecting the controller to a PC (RS-232) for PC Worx, 3 m in length
 
 
Fiber optic cables - VS-PC-2XGOF-50-SCRJ/SCDU-1 - 1654400
Assembled fiber optic cable, break-out cable, fiberglass multi-mode 50/125 µm, SCRJ/IP20 on SC-duplex/
IP20, for installation inside control cabinets, length: 1 m
 
 
Female insert


Similar Part No. - 2989336

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2989307 PHOENIX-2989307 Datasheet
303Kb / 10P
Extension module - FL FXT
Dec 2, 2022
2989310 PHOENIX-2989310 Datasheet
112Kb / 5P
FL MGUARD RS
Feb 4, 2011
2989365 PHOENIX-2989365 Datasheet
65Kb / 5P
Smart Managed Narrow NAT switch with eight 10/100 Mbps RJ45 ports and 1:1 NAT router function
More results

Similar Description - 2989336

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2989734 PHOENIX-2989734 Datasheet
77Kb / 5P
Web-based management, SNMP
2702332 PHOENIX-2702332 Datasheet
84Kb / 5P
Web-based management, SNMP
2989239 PHOENIX-2989239 Datasheet
66Kb / 5P
Web-based management, SNMP
FL-SWITCH-SMN-6TX PHOENIX-FL-SWITCH-SMN-6TX Datasheet
95Kb / 10P
Web-based management, SNMP
2832632 PHOENIX-2832632 Datasheet
107Kb / 10P
Web-based management, SNMP
2989831 PHOENIX-2989831 Datasheet
78Kb / 5P
Web-based management, SNMP
2989938 PHOENIX-2989938 Datasheet
78Kb / 5P
Web-based management, SNMP
2989093 PHOENIX-2989093 Datasheet
71Kb / 5P
Web-based management, SNMP
2989433 PHOENIX-2989433 Datasheet
77Kb / 5P
Web-based management, SNMP
2891916 PHOENIX-2891916 Datasheet
88Kb / 5P
Web-based management, SNMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com