Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2989239 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2989239
Description  Web-based management, SNMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2989239 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2989239 Datasheet HTML 1Page - PHOENIX CONTACT 2989239 Datasheet HTML 2Page - PHOENIX CONTACT 2989239 Datasheet HTML 3Page - PHOENIX CONTACT 2989239 Datasheet HTML 4Page - PHOENIX CONTACT 2989239 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/2989239
10/23/2014   Page 1 / 5
Industrial Ethernet Switch - FL SWITCH LM 4TX/2FX SM ST - 2989239
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Ethernet Lean Managed Switch with four 10/100 Mbps RJ45 ports and two 10/100 Mbps FX-ST single-mode
ports
Product description
The compact Lean Managed Switches (LM) enable the flexible and cost-effective creation of managed Ethernet networks in automation applications.
Thanks to the wide range of connection versions and the extended temperature range of -40°C to +70°C, it optimally meets the requirements of
industrial applications. It supports PROFINET conformance class A. And its integrated software enables the redundant creation, diagnostics, and
monitoring of networks using IT standard protocols.  
Product Features
 Web-based management, SNMP
 Compact housing
 Comprehensive fiber optic versions
 Configuration can be stored externally
 -40°C ... +70°C ambient temperature
 Configurable alarm contact
 
 
 
Key commercial data
Packing unit
1 pc
Weight per Piece (excluding packing)
340.0 GRM
Custom tariff number
85176200
Country of origin
Germany
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
Width
45 mm
Height
99 mm


Similar Part No. - 2989239

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2989200 PHOENIX-2989200 Datasheet
671Kb / 22P
   Industrial Ethernet Switch - FL SWITCH GHS 12G/8
Dec 2, 2022
2989213 PHOENIX-2989213 Datasheet
94Kb / 4P
   Firewall/router in PCI format 533 MHz processor cycle frequency
More results

Similar Description - 2989239

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2989734 PHOENIX-2989734 Datasheet
77Kb / 5P
   Web-based management, SNMP
2702332 PHOENIX-2702332 Datasheet
84Kb / 5P
   Web-based management, SNMP
2989336 PHOENIX-2989336 Datasheet
77Kb / 5P
   Web-based management, SNMP
FL-SWITCH-SMN-6TX PHOENIX-FL-SWITCH-SMN-6TX Datasheet
95Kb / 10P
   Web-based management, SNMP
2832632 PHOENIX-2832632 Datasheet
107Kb / 10P
   Web-based management, SNMP
2989831 PHOENIX-2989831 Datasheet
78Kb / 5P
   Web-based management, SNMP
2989938 PHOENIX-2989938 Datasheet
78Kb / 5P
   Web-based management, SNMP
2989093 PHOENIX-2989093 Datasheet
71Kb / 5P
   Web-based management, SNMP
2989433 PHOENIX-2989433 Datasheet
77Kb / 5P
   Web-based management, SNMP
2891916 PHOENIX-2891916 Datasheet
88Kb / 5P
   Web-based management, SNMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com