Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2989239 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2989239
Description  Web-based management, SNMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2989239 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2989239 Datasheet HTML 1Page - PHOENIX CONTACT 2989239 Datasheet HTML 2Page - PHOENIX CONTACT 2989239 Datasheet HTML 3Page - PHOENIX CONTACT 2989239 Datasheet HTML 4Page - PHOENIX CONTACT 2989239 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
https://www.phoenixcontact.com/us/products/2989239
10/23/2014   Page 3 / 5
Industrial Ethernet Switch - FL SWITCH LM 4TX/2FX SM ST - 2989239
Technical data
Network expansion parameters
Cascading depth
Network, linear, and star structure: any
Maximum conductor length (twisted pair)
100 m
Supply voltage
Supply voltage
24 V DC
Residual ripple
3.6 VPP (within the permitted voltage range)
Supply voltage range
18.5 V DC ... 30.5 V DC
Typical current consumption
250 mA (at US = 24 V DC)
General
Mounting type
DIN rail
Type AX
Block design
Weight
230 g
Noise emission
EN 61000-6-3/-4
Mechanical tests
Type of test
Vibration resistance in acc. with EN 60068-2-6/IEC 60068-2-6
Test result
Operation/Storage/Transport: 5g, 150 Hz, Criterion 3
Conformity with EMC directives
Developed in acc. with standard
IEC 61000-6.2
Test standard
IEC 61000-4-2 (ESD)
Test result
Criterion B
Test standard
IEC 61000-4-3 (immunity to radiated interference)
Test result
Criterion A
Test standard
IEC 61000-4-4 (burst)
Test result
Criterion B
Test standard
IEC 61000-4-5 (surge)
Test result
Criterion B
Test standard
IEC 61000-4-6 (immunity to conducted interference)
Test result
Criterion A
Classifications
eCl@ss
eCl@ss 4.0
27250501
eCl@ss 4.1
27250501
eCl@ss 5.0
19030117
eCl@ss 5.1
19030117


Similar Part No. - 2989239

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2989200 PHOENIX-2989200 Datasheet
671Kb / 22P
   Industrial Ethernet Switch - FL SWITCH GHS 12G/8
Dec 2, 2022
2989213 PHOENIX-2989213 Datasheet
94Kb / 4P
   Firewall/router in PCI format 533 MHz processor cycle frequency
More results

Similar Description - 2989239

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2989734 PHOENIX-2989734 Datasheet
77Kb / 5P
   Web-based management, SNMP
2702332 PHOENIX-2702332 Datasheet
84Kb / 5P
   Web-based management, SNMP
2989336 PHOENIX-2989336 Datasheet
77Kb / 5P
   Web-based management, SNMP
FL-SWITCH-SMN-6TX PHOENIX-FL-SWITCH-SMN-6TX Datasheet
95Kb / 10P
   Web-based management, SNMP
2832632 PHOENIX-2832632 Datasheet
107Kb / 10P
   Web-based management, SNMP
2989831 PHOENIX-2989831 Datasheet
78Kb / 5P
   Web-based management, SNMP
2989938 PHOENIX-2989938 Datasheet
78Kb / 5P
   Web-based management, SNMP
2989093 PHOENIX-2989093 Datasheet
71Kb / 5P
   Web-based management, SNMP
2989433 PHOENIX-2989433 Datasheet
77Kb / 5P
   Web-based management, SNMP
2891916 PHOENIX-2891916 Datasheet
88Kb / 5P
   Web-based management, SNMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com