Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC37M31 Datasheet(PDF) 9 Page - NEC

Part # UPC37M31
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC37M31 Datasheet(HTML) 9 Page - NEC

Back Button UPC37M31 Datasheet HTML 3Page - NEC UPC37M31 Datasheet HTML 4Page - NEC UPC37M31 Datasheet HTML 5Page - NEC UPC37M31 Datasheet HTML 6Page - NEC UPC37M31 Datasheet HTML 7Page - NEC UPC37M31 Datasheet HTML 8Page - NEC UPC37M31 Datasheet HTML 9Page - NEC UPC37M31 Datasheet HTML 10Page - NEC UPC37M31 Datasheet HTML 11Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Data Sheet G16444EJ1V0DS
9
µµµµPC37M31,37M32
RECOMMENDED MOUNTING CONDITIONS
The following conditions must be met for mounting conditions of the
µPC37M31 and 37M32.
For more details, refer to the Semiconductor Device Mounting Technology Manual (C10535E).
Please consult with our sales offices in case other mounting process is used, or in case the mounting is done under
different conditions.
Type of Surface Mount Device
µµµµ PC37M31TJ, µµµµ PC37M32TJ: MP-3Z (5-pin)
Process
Conditions
Symbol
Infrared Ray Reflow
Peak temperature: 235°C or below (Package surface temperature),
Reflow time: 30 seconds or less (at 210°C or higher),
Maximum number of reflows processes: 3 times or less.
IR35-00-3
Vapor Phase Soldering
Peak temperature: 215°C or below (Package surface temperature),
Reflow time: 40 seconds or less (at 200°C or higher),
Maximum number of reflows processes: 3 times or less.
VP15-00-3
Wave Soldering
Solder temperature: 260°C or below, Flow time: 10 seconds or less,
Maximum number of flow processes: 1 time,
Pre-heating temperature: 120°C or below (Package surface temperature).
WS60-00-1
Partial Heating Method
Pin temperature: 300°C or below,
Heat time: 3 seconds or less (Per each side of the device).
Caution Apply only one kind of soldering condition to a device, except for "partial heating method", or the
device will be damaged by heat stress.
Type of Through-hole Device
µµµµ PC37M31HB, µµµµ PC37M32HB: MP-3 (5-pin)
Process
Conditions
Wave Soldering
(only to leads)
Solder temperature: 260°C or below,
Flow time: 10 seconds or less
Partial Heating Method
Pin temperature: 300°C or below,
Heat time: 3 seconds or less (Per each pin).
Caution For through-hole device, the wave soldering process must be applied only to leads, and make sure
that the package body does not get jet soldered.


Similar Part No. - UPC37M31

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC37MXX RENESAS-UPC37MXX Datasheet
376Kb / 16P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2002
More results

Similar Description - UPC37M31

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1225H NEC-UPC1225H Datasheet
391Kb / 17P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1270H NEC-UPC1270H Datasheet
729Kb / 16P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1883 NEC-UPC1883 Datasheet
229Kb / 4P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
California Eastern Labs
UPC3226TB CEL-UPC3226TB Datasheet
416Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC1227V NEC-UPC1227V Datasheet
599Kb / 6P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
PC1470 RENESAS-PC1470_15 Datasheet
183Kb / 8P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC2753GR RENESAS-UPC2753GR Datasheet
243Kb / 18P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
UPC2756TB RENESAS-UPC2756TB Datasheet
252Kb / 18P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
UPC3223TB RENESAS-UPC3223TB Datasheet
225Kb / 17P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2004
UPC1830 RENESAS-UPC1830 Datasheet
525Kb / 46P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com