Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC37M31 Datasheet(PDF) 7 Page - NEC

Part # UPC37M31
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC37M31 Datasheet(HTML) 7 Page - NEC

Back Button UPC37M31 Datasheet HTML 3Page - NEC UPC37M31 Datasheet HTML 4Page - NEC UPC37M31 Datasheet HTML 5Page - NEC UPC37M31 Datasheet HTML 6Page - NEC UPC37M31 Datasheet HTML 7Page - NEC UPC37M31 Datasheet HTML 8Page - NEC UPC37M31 Datasheet HTML 9Page - NEC UPC37M31 Datasheet HTML 10Page - NEC UPC37M31 Datasheet HTML 11Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Data Sheet G16444EJ1V0DS
7
µµµµPC37M31,37M32
50
25
−25
0
−50
0
100
50
150
−50
OUTPUT1
OUTPUT2
VIN = 5 V
IO1 = IO2 = 5 mA
µ
TJ
- Operating Junction Temperature -
°C
∆VO1, ∆VO2 vs. TJ ( PC37M31)
50
25
−25
0
−50
0
100
50
150
−50
OUTPUT1
OUTPUT2
VIN = 5 V
IO1 = IO2 = 5 mA
µ
TJ
- Operating Junction Temperature -
°C
∆VO1, ∆VO2 vs. TJ ( PC37M32)
1
0.8
0.6
0.4
0.2
0
−25
125
0
150
75
100
50
25
µ
IO1 = 0.5 A
TJ
- Operating Junction Temperature -
°C
VDIF1 vs. TJ ( PC37M31)
1
0.8
0.6
0.4
0.2
0
−25
125
0150
75
100
50
25
IO1 = 0.5 A
µ
TJ
- Operating Junction Temperature -
°C
VDIF1 vs. TJ ( PC37M32)
2
1.5
1
0.5
0
4
3
2
15
0
µ
TJ = 25
°C
VIN = 5 V
VDIF1 - Dropout Voltage (INPUT to OUTPUT1) - V
IOpeak1 vs. VDIF1 ( PC37M31)
2
1.5
1
0.5
0
4
3
2
15
0
µ
VDIF1 - Dropout Voltage (INPUT to OUTPUT1) - V
IOpeak1 vs. VDIF1 ( PC37M32)
TJ = 25
°C
VIN = 5 V


Similar Part No. - UPC37M31

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC37MXX RENESAS-UPC37MXX Datasheet
376Kb / 16P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2002
More results

Similar Description - UPC37M31

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1225H NEC-UPC1225H Datasheet
391Kb / 17P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1270H NEC-UPC1270H Datasheet
729Kb / 16P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1883 NEC-UPC1883 Datasheet
229Kb / 4P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
California Eastern Labs
UPC3226TB CEL-UPC3226TB Datasheet
416Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC1227V NEC-UPC1227V Datasheet
599Kb / 6P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
PC1470 RENESAS-PC1470_15 Datasheet
183Kb / 8P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC2753GR RENESAS-UPC2753GR Datasheet
243Kb / 18P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
UPC2756TB RENESAS-UPC2756TB Datasheet
252Kb / 18P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
UPC3223TB RENESAS-UPC3223TB Datasheet
225Kb / 17P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2004
UPC1830 RENESAS-UPC1830 Datasheet
525Kb / 46P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com