Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC37M31 Datasheet(PDF) 4 Page - NEC

Part # UPC37M31
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC37M31 Datasheet(HTML) 4 Page - NEC

  UPC37M31 Datasheet HTML 1Page - NEC UPC37M31 Datasheet HTML 2Page - NEC UPC37M31 Datasheet HTML 3Page - NEC UPC37M31 Datasheet HTML 4Page - NEC UPC37M31 Datasheet HTML 5Page - NEC UPC37M31 Datasheet HTML 6Page - NEC UPC37M31 Datasheet HTML 7Page - NEC UPC37M31 Datasheet HTML 8Page - NEC UPC37M31 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Data Sheet G16444EJ1V0DS
4
µµµµPC37M31,37M32
µµµµ PC37M32 (TJ = 25°C, VIN = 5 V, IO1 = 0.5 A, IO2 = 0.3 A, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
OUTPUT1
Output Voltage 1
VO1
3.234
3.3
3.366
V
(3.3 V)
Line Regulation 1
REGIN1
4.5 V
≤ VIN ≤ 6.0 V
29
mV
Load Regulation 1
REGL1
5 mA
≤ IO ≤ 1 A
20
66
mV
Output Noise Voltage 1
Vn1
10 Hz
≤ IO ≤ 100 kHz
76
µVr.m.s.
Ripple Rejection 1
R•R1
f = 120 Hz, 4.5 V
≤ VIN ≤ 6.0 V
57
dB
Short Circuit Current 1
IOshort1
VIN = 6.0 V
0.5
A
Peak Output Current 1
IOpeak1
VIN = 5.0 V
1.0
1.4
A
Temperature Coefficient of
∆VO1/∆TIO = 5 mA, 0°C ≤ TJ ≤ 125°C
−− 0.4
mV/
°C
Output Voltage 1
OUTPUT2
Output Voltage 2
VO2
2.45
2.5
2.55
V
(2.5 V)
Line Regulation 2
REGIN2
4.5 V
≤ VIN ≤ 6.0 V
29
mV
Load Regulation 2
REGL2
5 mA
≤ IO ≤ 0.5 A
17
50
mV
Output Noise Voltage 2
Vn2
10 Hz
≤ IO ≤ 100 kHz
60
µVr.m.s.
Ripple Rejection 2
R•R2
f = 120 Hz, 4.5 V
≤ VIN ≤ 6.0 V
60
dB
Short Circuit Current 2
IOshort2
VIN = 6.0 V
0.3
A
Peak Output Current 2
IOpeak2
VIN = 5.0 V
0.5
0.8
A
Temperature Coefficient of
∆VO2/∆TIO = 5 mA, 0°C ≤ TJ ≤ 125°C
−− 0.4
mV/
°C
Output Voltage 2
Total
Quiescent Current
IBIAS
IO1 = 0 A, IO2 = 0 A
48
mA
Startup Quiescent Current
IBIAS (S)
VIN = 2.4 V, IO1 = 0 A, IO2 = 0 A
740
mA
Dropout Voltage
VDIF1
IO1 = 0.5 A
0.6
1.0
V
(INPUT to OUTPUT1)


Similar Part No. - UPC37M31

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC37MXX RENESAS-UPC37MXX Datasheet
376Kb / 16P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2002
More results

Similar Description - UPC37M31

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1225H NEC-UPC1225H Datasheet
391Kb / 17P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1270H NEC-UPC1270H Datasheet
729Kb / 16P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1883 NEC-UPC1883 Datasheet
229Kb / 4P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
California Eastern Labs
UPC3226TB CEL-UPC3226TB Datasheet
416Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC1227V NEC-UPC1227V Datasheet
599Kb / 6P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
PC1470 RENESAS-PC1470_15 Datasheet
183Kb / 8P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC2753GR RENESAS-UPC2753GR Datasheet
243Kb / 18P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
UPC2756TB RENESAS-UPC2756TB Datasheet
252Kb / 18P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
UPC3223TB RENESAS-UPC3223TB Datasheet
225Kb / 17P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2004
UPC1830 RENESAS-UPC1830 Datasheet
525Kb / 46P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com