Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP1298 Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # RP1298
Description  423.22 MHz SAW Resonator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RP1298 Datasheet(HTML) 1 Page - RF Monolithics, Inc

  RP1298 Datasheet HTML 1Page - RF Monolithics, Inc RP1298 Datasheet HTML 2Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-9148
E-mail: info@rfm.com
Page 1 of 2
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
RP2984-110599
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Center Frequency
Absolute Frequency
fC
2, 3, 4, 5,
423.120
423.320
MHz
Tolerance from 423.220 MHz
∆f
C
±100
kHz
Insertion Loss
IL
2, 5, 6
5.2
8.0
dB
Quality Factor
Unloaded Q
QU
5, 6, 7
15,200
50
Ω Loaded Q
QL
6,900
Temperature Stability
Turnover Temperature
TO
6, 7, 8
24
39
54
°C
Turnover Frequency
fO
fC+2.6
kHz
Frequency Temp. Coefficient
FTC
0.037
ppm/°C2
Frequency Aging
Absolute Value during First Year
|fA|
6
≤ 10
ppm/yr
DC Insulation Resistance between Any Two Pins
5
1.0
M
RF Equivalent RLC
Motional Resistance
RM
5, 7, 9
82
152
Motional Inductance
LM
475.283
µH
Motional Capacitance
CM
0.297547
fF
Shunt Static Capacitance
CO
5, 6, 9
2.2
2.5
2.8
pF
Lid Symbolization (in addition to Lot and/or Date Codes)
RFM P1298
TO39-3 Case
Ideal for 433.92 MHz Superhet Receiver LOs
Nominal Insertion Phase Shift of 180° at Resonance
Quartz Stability
Rugged, Hermetic, Low-Profile TO39 Case
Complies with Directive 2002/95/EC (RoHS)
The RP1298 is a two-port, 180° surface-acoustic-wave (SAW) resonator in a low-profile TO39 case. It pro-
vides reliable, fundamental-mode, quartz frequency stabilization of local oscillators operating at approxi-
mately 423.22 MHz. The RP1298 is designed for 433.92 MHz superhet receivers in remote-control and
wireless security applications operating in Europe under ETSI I-ETS 300 220 and in Germany under FTZ 17
TR 2100.
Absolute Maximum Ratings
Rating
Value
Units
CW RF Power Dissipation (See: Typical Test Circuit)
+0
dBm
DC Voltage Between Any Two Pins (Observe ESD Precautions)
±30
VDC
Case Temperature
-40 to +85
°C
423.22 MHz
SAW
Resonator
RP1298
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1.
Frequency aging is the change in fC with time and is specified at +65°C or less. Aging may exceed the specification for prolonged temperatures
above +65°C. Typically, aging is greatest the first year after manufacture, decreasing significantly in subsequent years.
2.
The frequency fC is the frequency of minimum IL with the resonator in the specified test fixture in a 50 Ω test system with VSWR ≤ 1.2:1. Typically,
fOSCILLATOR or fTRANSMITTER is less than the resonator fC.
3.
One or more of the following United States patents apply: 4,454,488; 4,616,197.
4.
Typically, equipment utilizing this device requires emissions testing and government approval, which is the responsibility of the equipment manufac-
turer.
5.
Unless noted otherwise, case temperature TC = +25°C± 5°C
6.
The design, manufacturing process, and specifications of this device are subject to change without notice.
7.
Derived mathematically from one or more of the following directly measured parameters: fC, IL, 3 dB bandwidth, fC versus TC, and CO.
8.
Turnover temperature, TO, is the temperature of maximum (or turnover) frequency, fO. The nominal frequency at any case temperature, TC, may be
calculated from: f = fO [1 - FTC (TO - TC)
2]. Typically, oscillator T
O is 20° less than the specified resonator TO.
9.
This equivalent RLC model approximates resonator performance near the resonant frequency and is provided for reference only. The capacitance
CO is the measured static (nonmotional) capacitance between either pin 1 and ground or pin 2 and ground. The measurement includes case parasitic
capacitance.
Pb


Similar Part No. - RP1298

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RP1298-2 MURATA-RP1298-2 Datasheet
127Kb / 2P
423.22 MHz SAW Resonator
RP1298-2 MURATA-RP1298-2_15 Datasheet
254Kb / 2P
423.22 MHz SAW Resonator
RP1298 MURATA-RP1298_15 Datasheet
253Kb / 2P
423.22 MHz SAW Resonator
More results

Similar Description - RP1298

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO2102A RFM-RO2102A Datasheet
169Kb / 2P
423.22 MHz SAW Resonator
RO2102 RFM-RO2102 Datasheet
146Kb / 2P
423.22 MHz SAW Resonator
RO2102A-1 RFM-RO2102A-1 Datasheet
98Kb / 2P
423.22 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3102 MURATA-RO3102 Datasheet
191Kb / 2P
423.22 MHz SAW Resonator
RO3102A MURATA-RO3102A Datasheet
392Kb / 2P
423.22 MHz SAW Resonator
RO3102A-1 MURATA-RO3102A-1 Datasheet
392Kb / 2P
423.22 MHz SAW Resonator
RP1298-2 MURATA-RP1298-2 Datasheet
127Kb / 2P
423.22 MHz SAW Resonator
RP1298 MURATA-RP1298_15 Datasheet
253Kb / 2P
423.22 MHz SAW Resonator
RP1298-2 MURATA-RP1298-2_15 Datasheet
254Kb / 2P
423.22 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0149E TAI-SAW-TC0149E Datasheet
744Kb / 4P
SAW Resonator 423.22 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com