Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP1298 Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # RP1298
Description  423.22 MHz SAW Resonator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

RP1298 Datasheet(HTML) 2 Page - RF Monolithics, Inc

  RP1298 Datasheet HTML 1Page - RF Monolithics, Inc RP1298 Datasheet HTML 2Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
423.22 MHz
SAW Resonator
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-9148
E-mail: info@rfm.com
Page 2 of 2
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
RP1298-110599
Electrical Connections
This two-port, three-terminal SAW resonator is bidirectional. However, im-
pedances and circuit board parasitics may not be symmetrical, requiring
slightly different oscillator component-matching values.
Typical Test Circuit
Typical Application Circuits
Case Design
Equivalent LC Model
Temperature Characteristics
Typical Frequency Response
Pin
Connection
1
Input or Output
2
Output or Input
3
Case Ground
Bottom View
Pin 1
Pin 2
Pin 3
50
Source at
F
C
Low-Loss
Matching
Network
50
to
Power Test
P
P
INCIDENT
INCIDENT
CW RF Power Dissipation =
-
REFLECTED
REFLECTED
P
P
1
3
2
2
3
1
From 50
Network
Analyzer
To 50
Network
Analyzer
Electrical Test
This SAW resonator can be used in oscillator or transmitter designs that
require 180° phase shift at resonance in a two-port configuration. One-
port resonators can be simulated, as shown, by connecting pins 1 and 2
together. However, for most low-cost consumer products, this is only
recommended for retrofit applications and not for new designs.
Phasing
& Match
Phasing
& Match
1
2
3
Conventional Two-Port Design:
Simulated One-Port Design:
B
45°
J
(2 places)
D
(3 places)
H
G
E
F
C
A
Dimensions
Millimeters
Inches
Min
Max
Min
Max
A
9.40
0.370
B
3.18
0.125
C
2.50
3.50
0.098
0.138
D
0.46 Nominal
0.018 Nominal
E
5.08 Nominal
0.200 Nominal
F
2.54 Nominal
0.100 Nominal
G
2.54 Nominal
0.100 Nominal
H
1.02
0.040
J
1.40
0.055
C
M
C o
C o
R
M
L M
1
2
3
The following equivalent LC model is valid near resonance:
-80 -60 -40 -20
0 +20 +40 +60
0
-50
-100
-150
+80
-200
0
-50
-100
-150
-200
f
C = f O , T C = T O
∆T = T
C - T O ( °C )
The curve shown on the right
accounts for resonator con-
tribution only and does not
include LC component tem-
perature contributions.
The plot shown below is a typical frequency response for the RP series of
two-port resonators. The plot is for RP1094.
-10.0
-20.0
-30.0
-40.0
-50.0
-60.0
200.0
100.0
0.0
-100.0
-200.0
-300.0
-400.0
-500.0
-600.0
-700.0
-800.0
901.2
905.2
909.2
913.2
917.2
921.2
925.2
929.2
Frequency (MHz)


Similar Part No. - RP1298

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RP1298-2 MURATA-RP1298-2 Datasheet
127Kb / 2P
423.22 MHz SAW Resonator
RP1298-2 MURATA-RP1298-2_15 Datasheet
254Kb / 2P
423.22 MHz SAW Resonator
RP1298 MURATA-RP1298_15 Datasheet
253Kb / 2P
423.22 MHz SAW Resonator
More results

Similar Description - RP1298

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RO2102A RFM-RO2102A Datasheet
169Kb / 2P
423.22 MHz SAW Resonator
RO2102 RFM-RO2102 Datasheet
146Kb / 2P
423.22 MHz SAW Resonator
RO2102A-1 RFM-RO2102A-1 Datasheet
98Kb / 2P
423.22 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3102 MURATA-RO3102 Datasheet
191Kb / 2P
423.22 MHz SAW Resonator
RO3102A MURATA-RO3102A Datasheet
392Kb / 2P
423.22 MHz SAW Resonator
RO3102A-1 MURATA-RO3102A-1 Datasheet
392Kb / 2P
423.22 MHz SAW Resonator
RP1298-2 MURATA-RP1298-2 Datasheet
127Kb / 2P
423.22 MHz SAW Resonator
RP1298 MURATA-RP1298_15 Datasheet
253Kb / 2P
423.22 MHz SAW Resonator
RP1298-2 MURATA-RP1298-2_15 Datasheet
254Kb / 2P
423.22 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0149E TAI-SAW-TC0149E Datasheet
744Kb / 4P
SAW Resonator 423.22 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com