Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB0805A2017ASTR Datasheet(PDF) 1 Page - AVX Corporation

Part # DB0805A2017ASTR
Description  Miniature 0805 size
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

DB0805A2017ASTR Datasheet(HTML) 1 Page - AVX Corporation

  DB0805A2017ASTR Datasheet HTML 1Page - AVX Corporation DB0805A2017ASTR Datasheet HTML 2Page - AVX Corporation DB0805A2017ASTR Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISO 9001
PRODUCT SPECIFICATION
AVX Thin Film Operation
ITF Series
DB0805A2017ASTR Specification 15 October 2009.doc
PAGE 1 OF 3
DB0805A 3dB 90° COUPLER 2017 MHz
DB0805A2017ASTR
ITF TECHNOLOGY
The DB00805A 3dB 90° Coupler is based on
thin-film multilayer technology.
The technology provides a miniature part with
excellent high frequency performance and
rugged construction for reliable automatic
assembly.
The ITF SMD 3dB 90° Coupler will be offered
in a variety of frequency bands compatible with
various types of high frequency wireless
systems.
FEATURES:
• Miniature 0805 size
• Low I.Loss
• High Isolation
• Surface mountable
• RoHS Compliant
• Supplied on T&R
APPLICATIONS:
• Balanced Amplifiers and
Signal Distribution in
Wireless Communications
ORIENTATION IN TAPE
ELECTRICAL PARAMETERS:
(Guaranteed over -40°C to +85°C Operating
Temperature Range)
Parameter
Min.
Typ.
Max.
Unit
Frequency
2010
2025
MHz
Port Impedance
50
Ω
Return Loss
12
26
dB
Isolation
12
17
dB
Insertion Loss
0.25
0.4
dB
Amplitude
Balance
0.4
0.8
dB
Phase Balance
(relative to 90º)
1
3
Degrees
Power Handling
5
Watts
DIMENSIONS - mm (inches)
(Bottom View)
RECOMMENDED PAD LAYOUT (mm)
L
2.03±0.1
(0.080±0.004)
W
1.55±0.1
(0.061±0.004)
T
0.98±0.15
(0.037±0.006)
A
0.56±0.25
(0. 022 ±0.010)
B
0.35±0.15
(0.014±0.006)
Bottom View
IN
OUT2
OUT1
Code
Letter
Marking
IN
OUT2
OUT1
50
OHM
1.76
0.15 typ
.
0.7
2.24
0.64
Ground
50
OHM


Similar Part No. - DB0805A2017ASTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
DB0805A2140AWTR AVX-DB0805A2140AWTR Datasheet
104Kb / 13P
Thin-Film Directional Couplers
DB0805A2325AWTR AVX-DB0805A2325AWTR Datasheet
104Kb / 13P
Thin-Film Directional Couplers
More results

Similar Description - DB0805A2017ASTR

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CMD17-21 CML-CMD17-21 Datasheet
74Kb / 1P
SMT LEDs 0805 Package Size
logo
List of Unclassifed Man...
NC0805KA502KB ETC2-NC0805KA502KB Datasheet
161Kb / 1P
SMD CHIP THERMISTOR 0805 SIZE
logo
Visual Communications C...
CMD17-21 VCC-CMD17-21 Datasheet
626Kb / 1P
SMT LEDs 0805 Package Size
logo
List of Unclassifed Man...
SLB1470 ETC2-SLB1470 Datasheet
577Kb / 9P
Miniature compact size.
logo
TOKO, Inc
MDT2012-CH TOKO-MDT2012-CH Datasheet
224Kb / 1P
Miniature size: 2012 footprint
MDT2012-CLR TOKO-MDT2012-CLR Datasheet
126Kb / 1P
Miniature size: 2012 footprint
MDT2520ACH TOKO-MDT2520ACH Datasheet
128Kb / 1P
Miniature size: 2520 footprint
logo
PIC GmbH
PRX-2463 PIC-PRX-2463 Datasheet
111Kb / 2P
Ultra miniature size
logo
OSA Opto Light GmbH
OIS-170-675 OSA-OIS-170-675 Datasheet
224Kb / 7P
Size 0805 - Infrared
logo
AVX Corporation
DB0603N2017ANTR AVX-DB0603N2017ANTR Datasheet
66Kb / 3P
Miniature 0603 size
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com