Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB0805A2017ASTR Datasheet(PDF) 2 Page - AVX Corporation

Part # DB0805A2017ASTR
Description  Miniature 0805 size
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

DB0805A2017ASTR Datasheet(HTML) 2 Page - AVX Corporation

  DB0805A2017ASTR Datasheet HTML 1Page - AVX Corporation DB0805A2017ASTR Datasheet HTML 2Page - AVX Corporation DB0805A2017ASTR Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISO 9001
PRODUCT SPECIFICATION
Typical Performance: 2010 MHz to 2025 MHz
Return Loss - Input
-30
-25
-20
-15
-10
2,000
2,010
2,020
2,030
Frequency (MHz)
Isolation
-20
-18
-16
-14
-12
-10
2,000
2,010
2,020
2,030
Frequency (MHz)
Insertion Loss
-0.5
-0.4
-0.3
-0.2
-0.1
0
2,000
2,010
2,020
2,030
Frequency (MHz)
AVX Thin Film Operation
ITF Series
DB0805A2017ASTR Specification 15 October 2009.doc
PAGE 2 OF 3


Similar Part No. - DB0805A2017ASTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
DB0805A2140AWTR AVX-DB0805A2140AWTR Datasheet
104Kb / 13P
Thin-Film Directional Couplers
DB0805A2325AWTR AVX-DB0805A2325AWTR Datasheet
104Kb / 13P
Thin-Film Directional Couplers
More results

Similar Description - DB0805A2017ASTR

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CMD17-21 CML-CMD17-21 Datasheet
74Kb / 1P
SMT LEDs 0805 Package Size
logo
List of Unclassifed Man...
NC0805KA502KB ETC2-NC0805KA502KB Datasheet
161Kb / 1P
SMD CHIP THERMISTOR 0805 SIZE
logo
Visual Communications C...
CMD17-21 VCC-CMD17-21 Datasheet
626Kb / 1P
SMT LEDs 0805 Package Size
logo
List of Unclassifed Man...
SLB1470 ETC2-SLB1470 Datasheet
577Kb / 9P
Miniature compact size.
logo
TOKO, Inc
MDT2012-CH TOKO-MDT2012-CH Datasheet
224Kb / 1P
Miniature size: 2012 footprint
MDT2012-CLR TOKO-MDT2012-CLR Datasheet
126Kb / 1P
Miniature size: 2012 footprint
MDT2520ACH TOKO-MDT2520ACH Datasheet
128Kb / 1P
Miniature size: 2520 footprint
logo
PIC GmbH
PRX-2463 PIC-PRX-2463 Datasheet
111Kb / 2P
Ultra miniature size
logo
OSA Opto Light GmbH
OIS-170-675 OSA-OIS-170-675 Datasheet
224Kb / 7P
Size 0805 - Infrared
logo
AVX Corporation
DB0603N2017ANTR AVX-DB0603N2017ANTR Datasheet
66Kb / 3P
Miniature 0603 size
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com