Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB7NPQ1004M Datasheet(PDF) 2 Page - ON Semiconductor

Part # NB7NPQ1004M
Description  3.3V USB 3.1 Gen-2 10Gbps Quad Channel Dual Port Linear Redriver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB7NPQ1004M Datasheet(HTML) 2 Page - ON Semiconductor

  NB7NPQ1004M Datasheet HTML 1Page - ON Semiconductor NB7NPQ1004M Datasheet HTML 2Page - ON Semiconductor NB7NPQ1004M Datasheet HTML 3Page - ON Semiconductor NB7NPQ1004M Datasheet HTML 4Page - ON Semiconductor NB7NPQ1004M Datasheet HTML 5Page - ON Semiconductor NB7NPQ1004M Datasheet HTML 6Page - ON Semiconductor NB7NPQ1004M Datasheet HTML 7Page - ON Semiconductor NB7NPQ1004M Datasheet HTML 8Page - ON Semiconductor NB7NPQ1004M Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
NB7NPQ1004M
www.onsemi.com
2
Figure 1. Logic Diagram of NB7NPQ1004M
Figure 2. WQFN−42 Package Pinout
(Top View)
A_RX-
1
7
2
3
6
5
4
8
9
10
11
38
32
37
36
33
34
35
31
30
29
28
Exposed
Pad
GND
42
41
40
39
C_RX-
C_RX+
D_TX-
D_TX+
VDD
TEST1#
FGC
A_TX-
A_TX+
B_RX-
B_RX+
EQB
FGB
VDD
FGA
NC
NC
NC
EQA
12
13
14
17
16
15
B_TX-
B_TX+
VDD
EQC
18
20
21
19
26
27
25
24
23
22
C_TX-
C_TX+
D_RX-
D_RX+
TEST2#
A_RX+
NC
EN_AB
VDD
NC
NC
NC
VDD
VDD
D_TX+
D_TX−
C_RX+
C_RX−
EQC
FGC
B_TX−
B_TX+
A_RX+
A_RX−
D_RX+
D_RX−
C_TX+
C_TX−
EQB
FGB
B_RX−
B_RX+
A_TX+
A_TX−
Driver
Driver
Receiver/
Equalizer
Receiver/
Equalizer
FGD
EQD
EN_CD
EQA
FGA
EN_AB
Receiver/
Equalizer
Receiver/
Equalizer
Driver
Driver


Similar Part No. - NB7NPQ1004M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7NPQ1204EM ONSEMI-NB7NPQ1204EM Datasheet
290Kb / 12P
3.3 V USB 3.1 Gen-2 10Gbps Quad Channel Dual Port Linear Redriver
September, 2022 - Rev. 1
NB7NPQ1204EMMUTWG ONSEMI-NB7NPQ1204EMMUTWG Datasheet
290Kb / 12P
3.3 V USB 3.1 Gen-2 10Gbps Quad Channel Dual Port Linear Redriver
September, 2022 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com