Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB7NPQ1004M Datasheet(PDF) 6 Page - ON Semiconductor

Part # NB7NPQ1004M
Description  3.3V USB 3.1 Gen-2 10Gbps Quad Channel Dual Port Linear Redriver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB7NPQ1004M Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NB7NPQ1004M Datasheet HTML 2Page - ON Semiconductor NB7NPQ1004M Datasheet HTML 3Page - ON Semiconductor NB7NPQ1004M Datasheet HTML 4Page - ON Semiconductor NB7NPQ1004M Datasheet HTML 5Page - ON Semiconductor NB7NPQ1004M Datasheet HTML 6Page - ON Semiconductor NB7NPQ1004M Datasheet HTML 7Page - ON Semiconductor NB7NPQ1004M Datasheet HTML 8Page - ON Semiconductor NB7NPQ1004M Datasheet HTML 9Page - ON Semiconductor NB7NPQ1004M Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
NB7NPQ1004M
www.onsemi.com
6
Table 11. CML RECEIVER AC/DC CHARACTERISTICS
VDD = 3.3 V +/− 0.3 V Over operating free−air temperature range (unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
RRX−DIFF−DC
Differential Input Impedance (DC)
72
100
120
W
RRX−SINGLE−DC Single−ended Input Impedance (DC)
Measured with respect to GND over
a voltage of 500 mV max.
18
30
W
ZRX−HIZ−DC−PD Common−mode input impedance for
V>0 during reset or power−down (DC)
VCM = 0 to 500 mV
25
kW
Cac_coupling
AC coupling capacitance
75
265
nF
VRX−CM−AC−P Common mode peak voltage
AC up to 5 GHz
150
mVpeak
VRX−CM−DC−Acti
ve−Idle−Delta−P
Common mode peak voltage
|AvgU0(|VRX−D++VRX−D−|)/2
–AvgU1(|VRX−D++VRX−D−|)/2|
Between U0 and U1. AC up to
5 GHz
200
mVpeak
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
Table 12. TRANSMITTER AC/DC CHARACTERISTICS
VDD = 3.3 V +/− 0.3 V Over operating free−air temperature range (unless otherwise noted)
Parameter
Test Conditions
Min
Typ
Max
Unit
VTX−DIFF−PP
Output differential p−p voltage
swing at 100 MHz
Differential Swing |VTX−D+−VTX−D−|
1.2
VPPd
RTX−DIFF−DC
Differential TX impedance (DC)
72
100
120
W
VTX−RCV−DET
Voltage change allowed during re-
ceiver detect
600
mV
Cac_coupling
AC coupling capacitance
75
265
nF
TTX−EYE(10Gbps) Transmitter eye, Include all jitter
At the silicon pad. 10Gbps
0.646
UI
TTX−EYE(5Gbps) Transmitter eye, Include all jitter
At the silicon pad. 5Gbps
0.625
UI
TTX−DJ−DD(10Gbps) Transmitter deterministic jitter
At the silicon pad. 10Gbps
0.17
UI
TTX−DJ−DD(5Gbps) Transmitter deterministic jitter
At the silicon pad. 5Gbps
0.205
UI
Ctxparasitic
Parasitic capacitor for TX
1.1
pF
RTX−DC−CM
Common−mode output imped−
ance (DC)
18
30
W
VTX−DC−CM
Instantaneous allowed DC com-
mon mode voltage at the connec-
tor side of the AC coupling capaci-
tors
|VTX−D++VTX−D−|/2
0
2.2
V
VTX−C
Common−mode voltage
|VTX−D++VTX−D−|/2
VDD –
1.5
VDD
V
VTX−CM−AC−PP−
Active
TX AC common−mode peak−to−
peak voltage swing in active mode
VTX−D++VTX−D− for both time and am-
plitude
100
mVPP
VTX−CM−DC−Active_
Idle−Delta
Common mode delta voltage
|AvgU0(|VTX−D++VTX−D−|)/2
–AvgU1(|VTX−D++VTX−D−|)/2|
Between U0 to U1
200
mVpeak
VTX−Idle−DIFF−AC−pp Idle mode AC common mode delta
voltage |VTX−D+−VTX−D−|
Between TX+ and TX− in idle mode.
Use the HPF to remove DC compo-
nents. 1/LPF. No AC and DC signals
are applied to RX terminals.
10
mVppd
VTX−Idle−DIFF−DC
Idle mode DC common mode
delta voltage |VTX−D+−VTX−D−|
Between TX+ and TX− in idle mode.
Use the LPF to remove DC compo-
nents. 1/HPF. No AC and DC signals
are applied to RX terminals.
10
mV


Similar Part No. - NB7NPQ1004M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7NPQ1204EM ONSEMI-NB7NPQ1204EM Datasheet
290Kb / 12P
3.3 V USB 3.1 Gen-2 10Gbps Quad Channel Dual Port Linear Redriver
September, 2022 - Rev. 1
NB7NPQ1204EMMUTWG ONSEMI-NB7NPQ1204EMMUTWG Datasheet
290Kb / 12P
3.3 V USB 3.1 Gen-2 10Gbps Quad Channel Dual Port Linear Redriver
September, 2022 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com