Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FIN1027A Datasheet(PDF) 5 Page - ON Semiconductor

Part # FIN1027A
Description  3.3V LVDS, 2-Bit, High-Speed, Differential Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FIN1027A Datasheet(HTML) 5 Page - ON Semiconductor

  FIN1027A Datasheet HTML 1Page - ON Semiconductor FIN1027A Datasheet HTML 2Page - ON Semiconductor FIN1027A Datasheet HTML 3Page - ON Semiconductor FIN1027A Datasheet HTML 4Page - ON Semiconductor FIN1027A Datasheet HTML 5Page - ON Semiconductor FIN1027A Datasheet HTML 6Page - ON Semiconductor FIN1027A Datasheet HTML 7Page - ON Semiconductor FIN1027A Datasheet HTML 8Page - ON Semiconductor FIN1027A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
© 2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN1027 / FIN1027A • Rev. 1.0.3
4
DC Electrical Characteristics
All typical values are at TA = 25°C and VCC = 3.3V. Over-supply voltage and operating temperature ranges, unless
otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VOD
Output Differential Voltage
250
350
450
mV
ΔV
OD
VOD Magnitude Change from
Differential LOW-to-HIGH
25
mV
VOS
Offset Voltage
1.125
1.250
1.375
V
ΔV
OS
Offset Magnitude Change from
Differential LOW-to-HIGH
RL = 100Ω, Figure 4
25
mV
IOFF
Power-Off Output current
VCC = 0V, VOUT = 0V or 3.6V
±20
µA
VOUT = 0V
-8
IOS
Short-Circuit Output Current
VOD = 0V
±8
mA
VIH
Input HIGH Voltage
2.0
VCC
V
VIL
Input LOW Voltage
GND
0.8
V
IIN
Input Current
VIN = 0V or VCC
±20
µA
II(OFF)
Power-Off Input Current
VCC = 0V, VIN = 0V or 3.6V
±20
µA
VIK
Input Clamp Voltage
IIK = -18mA
-1.5
V
No Load, VIN = 0V or VCC
12.5
mA
ICC
Power Supply Current
RL = 100Ω, VIN = 0V or VCC
17.0
mA
CIN
Input Capacitance
4
pF
COUT
Output Capacitance
6
pF
AC Electrical Characteristics
All typical values are at TA = 25°C and VCC = 3.3V. Over-supply voltage and operating temperature ranges, unless
otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
tPLHD
Differential Propagation Delay,
LOW-to-HIGH
0.5
1.5
ns
tPHLD
Differential Propagation Delay,
HIGH-to-LOW
0.5
1.5
ns
tTLHD
Differential Output Rise Time
(20% to 80%)
0.4
1.0
ns
tTHLD
Differential Output Fall Time
(80% to 20%)
0.4
1.0
ns
tSK(P)
Pulse Skew
⏐t
PLH - tPHL
0.5
ns
tSK(LH), tSK(HL)
Channel-to-Channel Skew
(1)
0.3
ns
tSK(PP)
Part-to-Part Skew
(2)
RL = 100Ω,
CL = 10pF,
Figure 5, Figure 6
1.0
ns
Notes:
1.
tSK(LH), tSK(HL) is the skew between specified outputs of a single device when the outputs have identical loads and
are switching in the same direction.
2.
tSK(PP) is the magnitude of the difference in propagation delay times between any specified terminals of two
devices switching in the same direction (either LOW-to-HIGH or HIGH-to-LOW) when both devices operate with
the same supply voltage, same temperature, and have identical test circuits.


Similar Part No. - FIN1027A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN1027AM FAIRCHILD-FIN1027AM Datasheet
946Kb / 12P
   3.3V LVDS 2-Bit High Speed Differential Driver
FIN1027AMX FAIRCHILD-FIN1027AMX Datasheet
946Kb / 12P
   3.3V LVDS 2-Bit High Speed Differential Driver
FIN1027AMX FAIRCHILD-FIN1027AMX Datasheet
700Kb / 11P
   3.3V LVDS, 2-Bit, High-Speed, Differential Driver
More results

Similar Description - FIN1027A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN1027 FAIRCHILD-FIN1027_09 Datasheet
700Kb / 11P
   3.3V LVDS, 2-Bit, High-Speed, Differential Driver
FIN1027 FAIRCHILD-FIN1027 Datasheet
946Kb / 12P
   3.3V LVDS 2-Bit High Speed Differential Driver
FIN1025 FAIRCHILD-FIN1025 Datasheet
264Kb / 7P
   3.3V LVDS 2-Bit High Speed Differential Driver
logo
ON Semiconductor
FIN1001 ONSEMI-FIN1001 Datasheet
737Kb / 11P
   3.3V LVDS 1-Bit High-Speed Differential Driver
March 2017 Rev. 1.4
logo
Fairchild Semiconductor
FIN1031 FAIRCHILD-FIN1031 Datasheet
203Kb / 6P
   3.3V LVDS 4-Bit High Speed Differential Driver
FIN1001 FAIRCHILD-FIN1001 Datasheet
618Kb / 7P
   3.3V LVDS 1-Bit High Speed Differential Driver
FIN1017 FAIRCHILD-FIN1017 Datasheet
622Kb / 8P
   3.3V LVDS 1-Bit High Speed Differential Driver
logo
ON Semiconductor
FIN1031 ONSEMI-FIN1031 Datasheet
305Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Driver
Revised July 2001
FIN1017 ONSEMI-FIN1017 Datasheet
791Kb / 13P
   3.3V LVDS, 1-Bit, High-Speed Differential Driver
May 2010 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1001 FAIRCHILD-FIN1001_04 Datasheet
616Kb / 7P
   3.3V LVDS 1-Bit High Speed Differential Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com