Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FIN1027A Datasheet(PDF) 3 Page - ON Semiconductor

Part # FIN1027A
Description  3.3V LVDS, 2-Bit, High-Speed, Differential Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FIN1027A Datasheet(HTML) 3 Page - ON Semiconductor

  FIN1027A Datasheet HTML 1Page - ON Semiconductor FIN1027A Datasheet HTML 2Page - ON Semiconductor FIN1027A Datasheet HTML 3Page - ON Semiconductor FIN1027A Datasheet HTML 4Page - ON Semiconductor FIN1027A Datasheet HTML 5Page - ON Semiconductor FIN1027A Datasheet HTML 6Page - ON Semiconductor FIN1027A Datasheet HTML 7Page - ON Semiconductor FIN1027A Datasheet HTML 8Page - ON Semiconductor FIN1027A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
© 2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN1027 / FIN1027A • Rev. 1.0.3
2
Pin Configuration
Figure 1. FIN1027 SOIC Pin Assignment (Top View)
Figure 2. FIN1027A SOIC Pin Assignment (Top View)
Figure 3. FIN1027 US8 Pin Assignment (Top View)
Pin Definitions
Name
Pin #
FIN1027
SOIC
Pin #
FIN1027A
SOIC
Pin #
FIN1027
US8
Description
VCC
1
1
8
Power Supply
DIN1
2
2
7
LVTTL Data Input
DIN2
3
3
6
LVTTL Data Input
GND
4
4
5
Ground
DOUT2-
5
5
4
Inverting Driver Output
DOUT2+
6
6
3
Non-Inverting Driver Output
DOUT1+
7
8
2
Non-Inverting Driver Output
DOUT1-
8
7
1
Inverting Driver Output
Function Table
Input
Outputs
DIN
DOUT+
DOUT-
LOW
LOW
HIGH
HIGH
HIGH
LOW
OPEN
LOW
HIGH


Similar Part No. - FIN1027A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN1027AM FAIRCHILD-FIN1027AM Datasheet
946Kb / 12P
   3.3V LVDS 2-Bit High Speed Differential Driver
FIN1027AMX FAIRCHILD-FIN1027AMX Datasheet
946Kb / 12P
   3.3V LVDS 2-Bit High Speed Differential Driver
FIN1027AMX FAIRCHILD-FIN1027AMX Datasheet
700Kb / 11P
   3.3V LVDS, 2-Bit, High-Speed, Differential Driver
More results

Similar Description - FIN1027A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN1027 FAIRCHILD-FIN1027_09 Datasheet
700Kb / 11P
   3.3V LVDS, 2-Bit, High-Speed, Differential Driver
FIN1027 FAIRCHILD-FIN1027 Datasheet
946Kb / 12P
   3.3V LVDS 2-Bit High Speed Differential Driver
FIN1025 FAIRCHILD-FIN1025 Datasheet
264Kb / 7P
   3.3V LVDS 2-Bit High Speed Differential Driver
logo
ON Semiconductor
FIN1001 ONSEMI-FIN1001 Datasheet
737Kb / 11P
   3.3V LVDS 1-Bit High-Speed Differential Driver
March 2017 Rev. 1.4
logo
Fairchild Semiconductor
FIN1031 FAIRCHILD-FIN1031 Datasheet
203Kb / 6P
   3.3V LVDS 4-Bit High Speed Differential Driver
FIN1001 FAIRCHILD-FIN1001 Datasheet
618Kb / 7P
   3.3V LVDS 1-Bit High Speed Differential Driver
FIN1017 FAIRCHILD-FIN1017 Datasheet
622Kb / 8P
   3.3V LVDS 1-Bit High Speed Differential Driver
logo
ON Semiconductor
FIN1031 ONSEMI-FIN1031 Datasheet
305Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Driver
Revised July 2001
FIN1017 ONSEMI-FIN1017 Datasheet
791Kb / 13P
   3.3V LVDS, 1-Bit, High-Speed Differential Driver
May 2010 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1001 FAIRCHILD-FIN1001_04 Datasheet
616Kb / 7P
   3.3V LVDS 1-Bit High Speed Differential Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com