Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FIN1027A Datasheet(PDF) 11 Page - ON Semiconductor

Part # FIN1027A
Description  3.3V LVDS, 2-Bit, High-Speed, Differential Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FIN1027A Datasheet(HTML) 11 Page - ON Semiconductor

Back Button FIN1027A Datasheet HTML 5Page - ON Semiconductor FIN1027A Datasheet HTML 6Page - ON Semiconductor FIN1027A Datasheet HTML 7Page - ON Semiconductor FIN1027A Datasheet HTML 8Page - ON Semiconductor FIN1027A Datasheet HTML 9Page - ON Semiconductor FIN1027A Datasheet HTML 10Page - ON Semiconductor FIN1027A Datasheet HTML 11Page - ON Semiconductor FIN1027A Datasheet HTML 12Page - ON Semiconductor FIN1027A Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
© 2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN1027 / FIN1027A • Rev. 1.0.3
10
Physical Dimensions
0.30 TYP
SEATING PLANE
0.10-0.18
0.13
AB
C
C. DIMENSIONS ARE EXCLUSIVE OF BURRS, MOLD FLASH,
D. DIMENSIONS AND TOLERANCES PER ANSI Y14.5M, 1982.
AND TIE BAR EXTRUSIONS.
MAB08AREVC
0.50TYP
B. DIMENSIONS ARE IN MILLIMETERS.
A. CONFORMS TO JEDEC REGISTRATION MO-187
-C-
0.17-0.27
0.10
0.00
DETAIL A
0°-8°
0.4 TYP
-B-
0.70±0.10
ALL LEAD TIPS
0.2 C B A
3.1±.1
0.15
PIN #1 IDENT.
0.90 MAX
ALL LEAD TIPS
0.1 C
1.55
8
1
4
2.3±0.1
5
0.70
1.00
0.5 TYP
DETAIL A
1.80
GAGE PLANE
0.12
Figure 23.
8-Lead US8, JEDEC MO-187, Variation CA 3.1mm Wide
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify
or obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specifically
the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/packaging/.


Similar Part No. - FIN1027A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN1027AM FAIRCHILD-FIN1027AM Datasheet
946Kb / 12P
   3.3V LVDS 2-Bit High Speed Differential Driver
FIN1027AMX FAIRCHILD-FIN1027AMX Datasheet
946Kb / 12P
   3.3V LVDS 2-Bit High Speed Differential Driver
FIN1027AMX FAIRCHILD-FIN1027AMX Datasheet
700Kb / 11P
   3.3V LVDS, 2-Bit, High-Speed, Differential Driver
More results

Similar Description - FIN1027A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN1027 FAIRCHILD-FIN1027_09 Datasheet
700Kb / 11P
   3.3V LVDS, 2-Bit, High-Speed, Differential Driver
FIN1027 FAIRCHILD-FIN1027 Datasheet
946Kb / 12P
   3.3V LVDS 2-Bit High Speed Differential Driver
FIN1025 FAIRCHILD-FIN1025 Datasheet
264Kb / 7P
   3.3V LVDS 2-Bit High Speed Differential Driver
logo
ON Semiconductor
FIN1001 ONSEMI-FIN1001 Datasheet
737Kb / 11P
   3.3V LVDS 1-Bit High-Speed Differential Driver
March 2017 Rev. 1.4
logo
Fairchild Semiconductor
FIN1031 FAIRCHILD-FIN1031 Datasheet
203Kb / 6P
   3.3V LVDS 4-Bit High Speed Differential Driver
FIN1001 FAIRCHILD-FIN1001 Datasheet
618Kb / 7P
   3.3V LVDS 1-Bit High Speed Differential Driver
FIN1017 FAIRCHILD-FIN1017 Datasheet
622Kb / 8P
   3.3V LVDS 1-Bit High Speed Differential Driver
logo
ON Semiconductor
FIN1031 ONSEMI-FIN1031 Datasheet
305Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Driver
Revised July 2001
FIN1017 ONSEMI-FIN1017 Datasheet
791Kb / 13P
   3.3V LVDS, 1-Bit, High-Speed Differential Driver
May 2010 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1001 FAIRCHILD-FIN1001_04 Datasheet
616Kb / 7P
   3.3V LVDS 1-Bit High Speed Differential Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com