Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FIN1017 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FIN1017
Description  3.3V LVDS, 1-Bit, High-Speed Differential Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FIN1017 Datasheet(HTML) 2 Page - ON Semiconductor

  FIN1017 Datasheet HTML 1Page - ON Semiconductor FIN1017 Datasheet HTML 2Page - ON Semiconductor FIN1017 Datasheet HTML 3Page - ON Semiconductor FIN1017 Datasheet HTML 4Page - ON Semiconductor FIN1017 Datasheet HTML 5Page - ON Semiconductor FIN1017 Datasheet HTML 6Page - ON Semiconductor FIN1017 Datasheet HTML 7Page - ON Semiconductor FIN1017 Datasheet HTML 8Page - ON Semiconductor FIN1017 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
May 2010
© 2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN1017 • Rev. 1.0.3
FIN1017
3.3V LVDS, 1-Bit, High-Speed Differential Driver
Features
Greater than 600Mbs Data Rate
3.3V Power Supply Operation
0.5ns Maximum Differential Pulse Skew
1.5ns Maximum Propagation Delay
Low Power Dissipation
Power-Off Protection
Meets or Exceeds the TIA/EIA-644 LVDS Standard
Flow-Through Pinout Simplifies PCB Layout
8-Lead SOIC and US8 Packages Save Space
Description
This
single
driver
is
designed
for
high-speed
interconnects utilizing Low Voltage Differential Signaling
(LVDS) technology. The driver translates LVTTL signal
levels to LVDS levels with a typical differential output
swing of 350mV, which provides low EMI at ultra-low
power dissipation even at high frequencies. This device
is ideal for high-speed transfer of clock or data.
The FIN1017 can be paired with its companion receiver,
the FIN1018, or with any other LVDS receiver.
Ordering Information
Part Number
Operating
Temperature Range
Package
Packing
Method
FIN1017MX
-40 to +85°C
8-Lead Small Outline Integrated Circuit (SOIC),
JEDEC MS-012, 0.150inch Narrow
Tape and Reel
FIN1017K8X
-40 to +85°C
8-Lead US8, JEDEC MO-187, Variation CA
3.1mm Wide
Tape and Reel


Similar Part No. - FIN1017

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN1017 FAIRCHILD-FIN1017 Datasheet
622Kb / 8P
3.3V LVDS 1-Bit High Speed Differential Driver
FIN1017K8X FAIRCHILD-FIN1017K8X Datasheet
622Kb / 8P
3.3V LVDS 1-Bit High Speed Differential Driver
FIN1017M FAIRCHILD-FIN1017M Datasheet
622Kb / 8P
3.3V LVDS 1-Bit High Speed Differential Driver
FIN1017MX FAIRCHILD-FIN1017MX Datasheet
622Kb / 8P
3.3V LVDS 1-Bit High Speed Differential Driver
More results

Similar Description - FIN1017

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FIN1001 ONSEMI-FIN1001 Datasheet
737Kb / 11P
3.3V LVDS 1-Bit High-Speed Differential Driver
March 2017 Rev. 1.4
logo
Fairchild Semiconductor
FIN1001 FAIRCHILD-FIN1001 Datasheet
618Kb / 7P
3.3V LVDS 1-Bit High Speed Differential Driver
FIN1017 FAIRCHILD-FIN1017 Datasheet
622Kb / 8P
3.3V LVDS 1-Bit High Speed Differential Driver
FIN1001 FAIRCHILD-FIN1001_04 Datasheet
616Kb / 7P
3.3V LVDS 1-Bit High Speed Differential Driver
FIN1031 FAIRCHILD-FIN1031 Datasheet
203Kb / 6P
3.3V LVDS 4-Bit High Speed Differential Driver
logo
ON Semiconductor
FIN1027A ONSEMI-FIN1027A Datasheet
752Kb / 13P
3.3V LVDS, 2-Bit, High-Speed, Differential Driver
April 2009 Rev. 1.0.3
FIN1031 ONSEMI-FIN1031 Datasheet
305Kb / 8P
3.3V LVDS 4-Bit High Speed Differential Driver
Revised July 2001
logo
Fairchild Semiconductor
FIN1027 FAIRCHILD-FIN1027_09 Datasheet
700Kb / 11P
3.3V LVDS, 2-Bit, High-Speed, Differential Driver
FIN1027 FAIRCHILD-FIN1027 Datasheet
946Kb / 12P
3.3V LVDS 2-Bit High Speed Differential Driver
FIN1025 FAIRCHILD-FIN1025 Datasheet
264Kb / 7P
3.3V LVDS 2-Bit High Speed Differential Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com