Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FIN1017 Datasheet(PDF) 5 Page - ON Semiconductor

Part # FIN1017
Description  3.3V LVDS, 1-Bit, High-Speed Differential Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FIN1017 Datasheet(HTML) 5 Page - ON Semiconductor

  FIN1017 Datasheet HTML 1Page - ON Semiconductor FIN1017 Datasheet HTML 2Page - ON Semiconductor FIN1017 Datasheet HTML 3Page - ON Semiconductor FIN1017 Datasheet HTML 4Page - ON Semiconductor FIN1017 Datasheet HTML 5Page - ON Semiconductor FIN1017 Datasheet HTML 6Page - ON Semiconductor FIN1017 Datasheet HTML 7Page - ON Semiconductor FIN1017 Datasheet HTML 8Page - ON Semiconductor FIN1017 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
© 2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN1017 • Rev. 1.0.3
4
DC Electrical Characteristics
Over-supply voltage and operating temperature ranges, unless otherwise specified. All typical values are at TA =
25°C and with VCC = 3.3V.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VOD
Output Differential Voltage
RL = 100 Ω, See Figure 3
250
350
450
mV
ΔV
OD
VOD Magnitude Change from
Differential LOW-to-HIGH
25
mV
VOS
Offset Voltage
1.125
1.250
1.375
V
ΔV
OS
Offset Magnitude Change from
Differential LOW-to-HIGH
25
mV
IOFF
Power-Off Output Current
VCC = 0V, VOUT = 0V or 3.6V
±20
mA
IOS
Short-Circuit Output Current
VOUT = 0V
-8
mA
VOD = 0V
±8
VIH
Input HIGH Voltage
2
VCC
V
VIL
Input LOW Voltage
GND
0.8
V
IIN
Input Current
VIN = 0V or VCC
±20
mA
II(OFF)
Power-Off Input Current
VCC = 0V, VIN = 0V or 3.6V
±20
mA
VIK
Input Clamp Voltage
IIK = -18mA
-1.5
V
ICC
Power Supply Current
No Load, VIN = 0V or VCC
8
mA
RL = 100Ω, VIN = 0V or VCC
10
mA
CIN
Input Capacitance
4
pF
COUT
Output Capacitance
6
pF
AC Electrical Characteristics
Over-supply voltage and operating temperature ranges, unless otherwise specified. All typical values are at TA =
25°C and with VCC = 3.3V.
Symbol
Parameter
Test Conditions
Min.
Max. Units
tPLHD
Differential Propagation Delay, LOW-to-HIGH
RL = 100Ω, CL = 10pF,
see Figure 4 and Figure 5
0.5
1.5
ns
tPHLD
Differential Propagation Delay, HIGH-to-LOW
0.5
1.5
ns
tTLHD
Differential Output Rise Time (20% to 80%)
0.4
1.0
ns
tTHLD
Differential Output Fall Time (80% to 20%)
0.4
1.0
ns
tSK(P)
Pulse Skew |tPLH - tPHL|
0.5
ns
tSK(PP)
Part-to-Part Skew
(2)
1.0
ns
Note:
2.
tSK(PP) is the magnitude of the difference in propagation delay times between any specified terminals of two
devices switching in the same direction (either LOW-to-HIGH or HIGH-to-LOW) when both devices operate with
the same supply voltage, same temperature, and have identical test circuits.


Similar Part No. - FIN1017

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN1017 FAIRCHILD-FIN1017 Datasheet
622Kb / 8P
   3.3V LVDS 1-Bit High Speed Differential Driver
FIN1017K8X FAIRCHILD-FIN1017K8X Datasheet
622Kb / 8P
   3.3V LVDS 1-Bit High Speed Differential Driver
FIN1017M FAIRCHILD-FIN1017M Datasheet
622Kb / 8P
   3.3V LVDS 1-Bit High Speed Differential Driver
FIN1017MX FAIRCHILD-FIN1017MX Datasheet
622Kb / 8P
   3.3V LVDS 1-Bit High Speed Differential Driver
More results

Similar Description - FIN1017

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FIN1001 ONSEMI-FIN1001 Datasheet
737Kb / 11P
   3.3V LVDS 1-Bit High-Speed Differential Driver
March 2017 Rev. 1.4
logo
Fairchild Semiconductor
FIN1001 FAIRCHILD-FIN1001 Datasheet
618Kb / 7P
   3.3V LVDS 1-Bit High Speed Differential Driver
FIN1017 FAIRCHILD-FIN1017 Datasheet
622Kb / 8P
   3.3V LVDS 1-Bit High Speed Differential Driver
FIN1001 FAIRCHILD-FIN1001_04 Datasheet
616Kb / 7P
   3.3V LVDS 1-Bit High Speed Differential Driver
FIN1031 FAIRCHILD-FIN1031 Datasheet
203Kb / 6P
   3.3V LVDS 4-Bit High Speed Differential Driver
logo
ON Semiconductor
FIN1027A ONSEMI-FIN1027A Datasheet
752Kb / 13P
   3.3V LVDS, 2-Bit, High-Speed, Differential Driver
April 2009 Rev. 1.0.3
FIN1031 ONSEMI-FIN1031 Datasheet
305Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Driver
Revised July 2001
logo
Fairchild Semiconductor
FIN1027 FAIRCHILD-FIN1027_09 Datasheet
700Kb / 11P
   3.3V LVDS, 2-Bit, High-Speed, Differential Driver
FIN1027 FAIRCHILD-FIN1027 Datasheet
946Kb / 12P
   3.3V LVDS 2-Bit High Speed Differential Driver
FIN1025 FAIRCHILD-FIN1025 Datasheet
264Kb / 7P
   3.3V LVDS 2-Bit High Speed Differential Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com