Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FIN1017 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FIN1017
Description  3.3V LVDS, 1-Bit, High-Speed Differential Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FIN1017 Datasheet(HTML) 4 Page - ON Semiconductor

  FIN1017 Datasheet HTML 1Page - ON Semiconductor FIN1017 Datasheet HTML 2Page - ON Semiconductor FIN1017 Datasheet HTML 3Page - ON Semiconductor FIN1017 Datasheet HTML 4Page - ON Semiconductor FIN1017 Datasheet HTML 5Page - ON Semiconductor FIN1017 Datasheet HTML 6Page - ON Semiconductor FIN1017 Datasheet HTML 7Page - ON Semiconductor FIN1017 Datasheet HTML 8Page - ON Semiconductor FIN1017 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
© 2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN1017 • Rev. 1.0.3
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
-0.5
+4.6
V
DIN
DC Input Voltage
-0.5
+6.0
V
DOUT
DC Output Voltage
-0.5
+4.7
V
IOSD
Driver Short-Circuit Current, Continuous
10
mA
TSTG
Storage Temperature Range
-65
+150
°C
TJ
Max Junction Temperature
+150
°C
TL
Lead Temperature (Soldering, 10 Seconds)
+260
°C
ESD
Human Body Model, JESD22-A114
6500
V
Bus Pins DOUT+/DOUT- to GND
10500
Machine Model, JESD22-A115
350
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
3.0
3.6
V
VIN
Input Voltage
0
VCC
V
TA
Operating Temperature
-40
+85
°C


Similar Part No. - FIN1017

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN1017 FAIRCHILD-FIN1017 Datasheet
622Kb / 8P
3.3V LVDS 1-Bit High Speed Differential Driver
FIN1017K8X FAIRCHILD-FIN1017K8X Datasheet
622Kb / 8P
3.3V LVDS 1-Bit High Speed Differential Driver
FIN1017M FAIRCHILD-FIN1017M Datasheet
622Kb / 8P
3.3V LVDS 1-Bit High Speed Differential Driver
FIN1017MX FAIRCHILD-FIN1017MX Datasheet
622Kb / 8P
3.3V LVDS 1-Bit High Speed Differential Driver
More results

Similar Description - FIN1017

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FIN1001 ONSEMI-FIN1001 Datasheet
737Kb / 11P
3.3V LVDS 1-Bit High-Speed Differential Driver
March 2017 Rev. 1.4
logo
Fairchild Semiconductor
FIN1001 FAIRCHILD-FIN1001 Datasheet
618Kb / 7P
3.3V LVDS 1-Bit High Speed Differential Driver
FIN1017 FAIRCHILD-FIN1017 Datasheet
622Kb / 8P
3.3V LVDS 1-Bit High Speed Differential Driver
FIN1001 FAIRCHILD-FIN1001_04 Datasheet
616Kb / 7P
3.3V LVDS 1-Bit High Speed Differential Driver
FIN1031 FAIRCHILD-FIN1031 Datasheet
203Kb / 6P
3.3V LVDS 4-Bit High Speed Differential Driver
logo
ON Semiconductor
FIN1027A ONSEMI-FIN1027A Datasheet
752Kb / 13P
3.3V LVDS, 2-Bit, High-Speed, Differential Driver
April 2009 Rev. 1.0.3
FIN1031 ONSEMI-FIN1031 Datasheet
305Kb / 8P
3.3V LVDS 4-Bit High Speed Differential Driver
Revised July 2001
logo
Fairchild Semiconductor
FIN1027 FAIRCHILD-FIN1027_09 Datasheet
700Kb / 11P
3.3V LVDS, 2-Bit, High-Speed, Differential Driver
FIN1027 FAIRCHILD-FIN1027 Datasheet
946Kb / 12P
3.3V LVDS 2-Bit High Speed Differential Driver
FIN1025 FAIRCHILD-FIN1025 Datasheet
264Kb / 7P
3.3V LVDS 2-Bit High Speed Differential Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com