Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M20-8770242R Datasheet(PDF) 2 Page - Harwin Plc

Part # M20-8770242R
Description  2.54mm PITCH SIL SMT VERTICAL PIN HEADER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc

M20-8770242R Datasheet(HTML) 2 Page - Harwin Plc

  M20-8770242R Datasheet HTML 1Page - Harwin Plc M20-8770242R Datasheet HTML 2Page - Harwin Plc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - M20-8770242R

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M20-8770242 HARWIN-M20-8770242 Datasheet
60Kb / 1P
2.54mm PITCH SIL SMT PIN HEADER ASSEMBLY
More results

Similar Description - M20-8770242R

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M20-9990445 HARWIN-M20-9990445 Datasheet
143Kb / 1P
2.54MM PITCH SIL VERTICAL PC TAIL PIN HEADER ASSEMBLY
M22-2010205 HARWIN-M22-2010205 Datasheet
61Kb / 1P
2.0mm PITCH SIL VERTICAL PIN HEADER ASSEMBLY
M20-8770246 HARWIN-M20-8770246 Datasheet
98Kb / 2P
2.54mm PITCH SIL SMT PIN HEADER ASSEMBLY (LEFT-HANDED LEAD)
M20-8760242 HARWIN-M20-8760242 Datasheet
68Kb / 1P
2.54mm PITCH SIL SMT PIN HEADER ASSEMBLY
M20-8760242R HARWIN-M20-8760242R Datasheet
154Kb / 2P
2.54mm PITCH SIL SMT PIN HEADER ASSEMBLY
M20-8770242 HARWIN-M20-8770242 Datasheet
60Kb / 1P
2.54mm PITCH SIL SMT PIN HEADER ASSEMBLY
M20-8890245R HARWIN-M20-8890245R Datasheet
110Kb / 2P
2.54mm HORIZONTAL PIN HEADER SIL SMT TAPE & REEL
M20-8900305 HARWIN-M20-8900305 Datasheet
55Kb / 1P
2.54mm PITCH SIL HORIZONTAL SMT PIN HEADER ASSEMBLY
M20-9770242 HARWIN-M20-9770242 Datasheet
54Kb / 1P
2.54mm PITCH SIL VERTICAL PC TAIL PIN HEADER ASSEMBLY
M50-3630242R HARWIN-M50-3630242R Datasheet
132Kb / 2P
1.27mm PITCH, SIL VERTICAL SMT HEADER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com