Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UFN3-70N417 Datasheet(PDF) 5 Page - SICK AG

Part # UFN3-70N417
Description  FORK SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

UFN3-70N417 Datasheet(HTML) 5 Page - SICK AG

  UFN3-70N417 Datasheet HTML 1Page - SICK AG UFN3-70N417 Datasheet HTML 2Page - SICK AG UFN3-70N417 Datasheet HTML 3Page - SICK AG UFN3-70N417 Datasheet HTML 4Page - SICK AG UFN3-70N417 Datasheet HTML 5Page - SICK AG UFN3-70N417 Datasheet HTML 6Page - SICK AG UFN3-70N417 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
UFN3-70N417 | UF
FORK SENSORS
Connection diagram
cd-092
+ (L+)
Teach
- (M)
BN
WH
BU
1
2
3
Q
BK
4
Concept of operation
Teach-in dynamic via Teach-in button
Note
Light/dark switching
Fine adjustment
In order to obtain a higher operating reserve, a fine adjustment can be carried out after successful teach-in.
For this purpose, the switching threshold is set close to the taught-in object. The teach-in button must
be pressed and released within 10 s of successful teach-in. Successful setting is signaled by flashing twice at 1 Hz.
+
Release the teach-in button for < 20 s. If teach-in is
successful, the function indicator (yellow LED) directly
indicates the output state of the sensor. The switching t
hreshold is now optimally set between carrier and label.
The best possible operational safety is provided.
2. End teach-in:
Press the teach-in button for 3 - 20 s. With the
pushbutton pressed down, move several label
with carrier material (label) through the sensor.
The yellow LED flashes at 3 Hz during the
teach-in procedure. Recommendation: Move
at least 3 label + carrier through the sensor.
1. Start teach-in: Position
carrier or label between
the fork
+
Pushbutton lock
The device can be locked against unintended operation by pressing the teach-in button for > 30 s.
The device can be unlocked by pressing the teach-in button again for > 30 s.
You can change between light switching and dark switching by pressing the teach-in button for 20 - 30 s.
Recommended accessories
Other models and accessories
www.sick.com/UF
Brief description
Type
Part no.
Plug connectors and cables
Head A: female connector, M8, 4-pin, straight, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PVC, unshielded, 2 m
YF8U14-020VA3XLEAX
2095888
Head A: female connector, M8, 4-pin, straight, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PVC, unshielded, 5 m
YF8U14-050VA3XLEAX
2095889
2018-07-08 09:57:24 | Online data sheet
Subject to change without notice
REGISTRATION SENSORS | SICK
5


Similar Part No. - UFN3-70N417

ManufacturerPart #DatasheetDescription
logo
SICK AG
UFN3-70N415 SICK-UFN3-70N415 Datasheet
1Mb / 7P
   FORK SENSORS
More results

Similar Description - UFN3-70N417

ManufacturerPart #DatasheetDescription
logo
SICK AG
WFM30-40N321 SICK-WFM30-40N321 Datasheet
902Kb / 6P
   FORK SENSORS
WFM30-40P311 SICK-WFM30-40P311 Datasheet
902Kb / 6P
   FORK SENSORS
WFS3-40P415 SICK-WFS3-40P415 Datasheet
1Mb / 7P
   FORK SENSORS
WFL120-60B41CA00 SICK-WFL120-60B41CA00 Datasheet
1Mb / 8P
   FORK SENSORS
WFL120-95B41CA00 SICK-WFL120-95B41CA00 Datasheet
1Mb / 8P
   FORK SENSORS
WF2-40B41CA70 SICK-WF2-40B41CA70 Datasheet
1Mb / 8P
   FORK SENSORS
WF15-40B41CA00 SICK-WF15-40B41CA00 Datasheet
1Mb / 8P
   FORK SENSORS
WF50-60B41CA00 SICK-WF50-60B41CA00 Datasheet
1Mb / 8P
   FORK SENSORS
WFL5-40B41CA00 SICK-WFL5-40B41CA00 Datasheet
1Mb / 8P
   FORK SENSORS
WFL5-40B416 SICK-WFL5-40B416 Datasheet
1,001Kb / 8P
   FORK SENSORS
WFL5-95B41CA00 SICK-WFL5-95B41CA00 Datasheet
1Mb / 8P
   FORK SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com