Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-FXXX Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-FXXX
Description  10 mm (0.40 inch) Seven Segment Displays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-FXXX Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-FXXX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-FXXX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-FXXX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-FXXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-FXXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-FXXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-FXXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-FXXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Electrical/Optical Characteristics at T
A = 25°C, continued
Orange
Device
Series
Parameter
Symbol
Min.
Typ.
Max.
Units
Test
Conditions
HDSP-
F40x
Luminous Intensity/Segment[1,2] (Digit Average)
I
V
420
1200
μcd
I
F
= 5 mA
Forward Voltage/Segment or DP
V
F
2.0
2.5
V
I
F
= 20 mA
Peak Wavelength
l
PEAK
600
nm
Dominant Wavelength[3]
l
d
603
nm
Reverse Voltage/Segment or DP[4]
V
R
3.0
30
V
I
R
= 100 μA
Temperature Coefficient of V
F
/Segment or DP
ΔV
F
/°C
-2
mV/°C
Thermal Resistance LED Junction-to-Pin
Rl\q
J-PIN
320
°C/W/Seg
Yellow
Device
Series
Parameter
Symbol
Min.
Typ.
Max.
Units
Test
Conditions
HDSP-
F30x
Luminous Intensity/Segment[1,2] (Digit Average)
I
V
290
800
μcd
I
F
= 5 mA
Forward Voltage/Segment or DP
V
F
2.2
2.5
V
I
F
= 20 mA
Peak Wavelength
PEAK
583
nm
Dominant Wavelength[3,6]
d
581.5
586
592.5
nm
Reverse Voltage/Segment or DP[4]
V
R
3.0
40
V
I
R
= 100 μA
Temperature Coefficient of V
F
/Segment or DP
ΔV
F
/°C
-2
mV/°C
Thermal Resistance LED Junction-to-Pin
R
J-PIN
320
°C/W/Seg
High Performance Green
Device
Series
Parameter
Symbol
Min.
Typ.
Max.
Units
Test
Conditions
HDSP-
F50x
Luminous Intensity/Segment[1,2] (Digit Average)
I
V
1030
3500
μcd
I
F
= 10 mA
Forward Voltage/Segment or DP
V
F
2.1
2.5
V
I
F
= 10 mA
Peak Wavelength
PEAK
566
nm
Dominant Wavelength[3,6]
d
571
577
nm
Reverse Voltage/Segment or DP[4]
V
R
3.0
50
V
I
R
= 100 μA
Temperature Coefficient of V
F
/Segment or DP
ΔV
F
/°C
-2
mV/°C
Thermal Resistance LED Junction-to-Pin
R
J-PIN
320
°C/W/Seg
Notes:
1. Case temperature of device immediately prior to the intensity measurement is 25°C.
2. The digits are categorized for luminous intensity. The intensity category is designated by a letter on the side of the package.
3. The dominant wavelength,

d
, is derived from the CIE chromaticity diagram and is that single wavelength which defines the color of the
device.
4. Typical specification for reference only. Do not exceed absolute maximum ratings.
5. For low current operation, the AlGaAs HDSP-F10X series displays are recommended. They are tested at 1 mA
dc/segment and are pin for pin compatible with the HDSP-F15X/F16x series.
6. The Yellow (HDSP-F30X) series and Green (HDSP-F50X) series displays are categorized for dominant wavelength. The category is designated by
a number adjacent to the luminous intensity category letter.


Similar Part No. - HDSP-FXXX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-FX11 AVAGO-HDSP-FX11 Datasheet
264Kb / 14P
Black Surface Seven Segment Displays
HDSP-FX13 AVAGO-HDSP-FX13 Datasheet
264Kb / 14P
Black Surface Seven Segment Displays
More results

Similar Description - HDSP-FXXX

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-340X HP-HDSP-340X Datasheet
185Kb / 8P
20 mm (0.8 inch) Seven Segment Displays
HDSP-5301 HP-HDSP-5301 Datasheet
264Kb / 8P
14.2 mm (0.56 inch) Seven Segment Displays
HDSP530X HP-HDSP530X Datasheet
264Kb / 8P
14.2 mm (0.56 inch) Seven Segment Displays
HDSP-F15 HP-HDSP-F15 Datasheet
482Kb / 11P
10 mm (0.40 inch) Seven Segment Displays
HDSP-5700 HP-HDSP-5700 Datasheet
264Kb / 8P
14.2 mm (0.56 inch) Seven Segment Displays
HDSP-F15X HP-HDSP-F15X Datasheet
494Kb / 11P
10 mm (0.40 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-F151 AVAGO-HDSP-F151 Datasheet
284Kb / 10P
10 mm (0.40 inch) Seven Segment Displays
HDSP-F151 AVAGO-HDSP-F151_1 Datasheet
293Kb / 11P
10 mm (0.40 inch) Seven Segment Displays Single and dual digits
HDSP-H151 AVAGO-HDSP-H151_10 Datasheet
339Kb / 10P
14.2 mm (0.56 inch) Seven Segment Displays
HDSP-390X AVAGO-HDSP-390X Datasheet
277Kb / 8P
20 mm (0.8 inch) Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com