Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-FXXX Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-FXXX
Description  10 mm (0.40 inch) Seven Segment Displays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-FXXX Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-FXXX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-FXXX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-FXXX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-FXXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-FXXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-FXXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-FXXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-FXXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Absolute Maximum Ratings
Description
AlGaAs Red
HDSP-F15x/F16x
Series
HER/Orange
HDSP-F20x/F40x
Series
Yellow
HDSP-F30x
Series
Green
HDSP-F50x
Series
Units
Average Power per Segment or DP
96
105
80
105
mW
Peak Forward Current per Segment or DP
160[1]
90[3]
60[5]
90[7]
mA
DC Forward Current per Segment or DP
40[2]
30[4]
20[6]
30[8]
mA
Operating Temperature Range
–20 to +100[9]
–40 to +100
°C
Storage Temperature Range
–55 to +100
°C
Reverse Voltage per Segment or DP
(*reverse voltage is for LED testing pur-
pose and not recommended to be used
as application condition)
3.0
V
Wavesoldering Temperature for 3 Sec-
onds (1.59 mm [0.063 in.] below body)
250
°C
Notes:
1. See Figure 1 to establish pulsed conditions.
2. Derate above 46°C at 0.54 mA/°C.
3. See Figure 6 to establish pulsed conditions.
4. Derate above 53°C at 0.45 mA/°C.
5. See Figure 7 to establish pulsed conditions.
6. Derate above 81°C at 0.52 mA/°C.
7. See Figure 8 to establish pulsed conditions.
8. Derate above 39°C at 0.37 mA/°C.
9. For operation below -20°C, contact your local Avago components sales office or an authorized distributor.
Electrical/Optical Characteristics at T
A = 25°C
AlGaAs Red
Device
Series
Parameter
Symbol
Min.
Typ.
Max.
Units
Test
Conditions
HDSP-
F15x/
F16x
Luminous Intensity/Segment[1,2,5] (Digit Average)
I
V
7.5
15.0
mcd
I
F
= 20 mA
Forward Voltage/Segment or DP
V
F
1.8
2.2
V
I
F
= 20 mA
Peak Wavelength
PEAK
645
nm
Dominant Wavelength[3]
d
637
nm
Reverse Voltage/Segment or DP[4]
V
R
3.0
15
V
I
R
= 100 μA
Temperature Coefficient of V
F
/Segment or DP
ΔV
F
/°C
-2
mV/°C
Thermal Resistance LED Junction-to-Pin
R
J-PIN
320
°C/W/Seg
High Efficiency Red
Device
Series
Parameter
Symbol
Min.
Typ.
Max.
Units
Test
Conditions
HDSP-
F20x
Luminous Intensity/Segment[1,2] (Digit Average)
I
V
420
1200
μcd
I
F
= 5 mA
Forward Voltage/Segment or DP
V
F
2.0
2.5
V
I
F
= 20 mA
Peak Wavelength
PEAK
635
nm
Dominant Wavelength[3]
d
626
nm
Reverse Voltage/Segment or DP[4]
V
R
3.0
30
V
I
R
= 100 μA
Temperature Coefficient of V
F
/Segment or DP
ΔV
F
/°C
-2
mV/°C
Thermal Resistance LED Junction-to-Pin
R
J-PIN
320
°C/W/Seg


Similar Part No. - HDSP-FXXX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-FX11 AVAGO-HDSP-FX11 Datasheet
264Kb / 14P
Black Surface Seven Segment Displays
HDSP-FX13 AVAGO-HDSP-FX13 Datasheet
264Kb / 14P
Black Surface Seven Segment Displays
More results

Similar Description - HDSP-FXXX

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-F15X HP-HDSP-F15X Datasheet
494Kb / 11P
10 mm (0.40 inch) Seven Segment Displays
HDSP-F15 HP-HDSP-F15 Datasheet
482Kb / 11P
10 mm (0.40 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-F151 AVAGO-HDSP-F151 Datasheet
284Kb / 10P
10 mm (0.40 inch) Seven Segment Displays
HDSP-F151 AVAGO-HDSP-F151_1 Datasheet
293Kb / 11P
10 mm (0.40 inch) Seven Segment Displays Single and dual digits
logo
Agilent(Hewlett-Packard...
HDSP530X HP-HDSP530X Datasheet
264Kb / 8P
14.2 mm (0.56 inch) Seven Segment Displays
HDSP-340X HP-HDSP-340X Datasheet
185Kb / 8P
20 mm (0.8 inch) Seven Segment Displays
HDSP-5700 HP-HDSP-5700 Datasheet
264Kb / 8P
14.2 mm (0.56 inch) Seven Segment Displays
HDSP-5301 HP-HDSP-5301 Datasheet
264Kb / 8P
14.2 mm (0.56 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-H151 AVAGO-HDSP-H151_10 Datasheet
339Kb / 10P
14.2 mm (0.56 inch) Seven Segment Displays
HDSP-390X AVAGO-HDSP-390X Datasheet
277Kb / 8P
20 mm (0.8 inch) Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com