Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-FXXX Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-FXXX
Description  10 mm (0.40 inch) Seven Segment Displays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-FXXX Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-FXXX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-FXXX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-FXXX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-FXXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-FXXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-FXXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-FXXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-FXXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
FUNCTION
PIN
A
B
C
D
1
ANODE[1]
CATHODE[2]
ANODE[1]
CATHODE[2]
2
CATHODE f
ANODE f
CATHODE PLUS
ANODE PLUS
3
CATHODE g
ANODE g
CATHODE MINUS
ANODE MINUS
4
CATHODE e
ANODE e
NC
NC
5
CATHODE d
ANODE d
NC
NC
6
ANODE[1]
CATHODE[2]
ANODE[1]
CATHODE[2]
7
CATHODE DP
ANODE DP
CATHODE DP
ANODE DP
8
CATHODE c
ANODE c
CATHODE c
ANODE c
9
CATHODE b
ANODE b
CATHODE b
ANODE b
10
CATHODE a
ANODE a
NC
NC
NOTES:
1. REDUNDANT ANODES
2. REDUNDANT CATHODES
Internal Circuit Diagram


Similar Part No. - HDSP-FXXX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-FX11 AVAGO-HDSP-FX11 Datasheet
264Kb / 14P
   Black Surface Seven Segment Displays
HDSP-FX13 AVAGO-HDSP-FX13 Datasheet
264Kb / 14P
   Black Surface Seven Segment Displays
More results

Similar Description - HDSP-FXXX

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-F15X HP-HDSP-F15X Datasheet
494Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays
HDSP-F15 HP-HDSP-F15 Datasheet
482Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-F151 AVAGO-HDSP-F151 Datasheet
284Kb / 10P
   10 mm (0.40 inch) Seven Segment Displays
HDSP-F151 AVAGO-HDSP-F151_1 Datasheet
293Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays Single and dual digits
logo
Agilent(Hewlett-Packard...
HDSP530X HP-HDSP530X Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-340X HP-HDSP-340X Datasheet
185Kb / 8P
   20 mm (0.8 inch) Seven Segment Displays
HDSP-5700 HP-HDSP-5700 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-5301 HP-HDSP-5301 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-H151 AVAGO-HDSP-H151_10 Datasheet
339Kb / 10P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-390X AVAGO-HDSP-390X Datasheet
277Kb / 8P
   20 mm (0.8 inch) Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com