Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-FXXX Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-FXXX
Description  10 mm (0.40 inch) Seven Segment Displays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-FXXX Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-FXXX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-FXXX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-FXXX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-FXXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-FXXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-FXXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-FXXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-FXXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HDSP-F15x/F16x Series
HDSP-F20x/F30x/F40x/F50x Series
Devices
AlGaAs
Red[1]
HDSP-
HER
HDSP-
Orange
HDSP-
Yellow
HDSP-
Green
HDSP-
Description
Package
Drawing
F151
F201
F401
F301
F501
Common Anode Right Hand Decimal
A
F161
Common Anode Right Hand Decimal
A
F153
F203
F403
F303
F503
Common Cathode Right Hand Decimal
B
F157
F207
Common Anode ±1. Overflow
C
F158
F208
Common Cathode ±1. Overflow
D
Note:
1. These displays are recommended for high ambient light operation. Please refer to the HDSP-F10X data sheet for low current operation.
Description
The 10 mm (0.40 inch) LED seven segment displays
are Avago’s most space-efficient character size. They
are designed for viewing distances up to 4.5 metres
(15 feet). These devices use an industry standard size
package and pinout. The dual numeric, single numeric,
and ±1. overflow devices feature a right hand deci-
mal point. All devices are available as either common
anode or common cathode.
Typical applications include instruments, point of sale
terminals, and appliances.
Features
 Industry standard size
 Industry standard pinout
7.6 mm (0.3 inch) DIP single
15.24 mm (0.6 inch) DIP dual
Leads on 2.54 mm (0.1 inch) centers
 Choice of colors
AlGaAs Red, High Efficiency Red, Orange, Yellow,
Green
HDSP-Fxxx Series
10 mm (0.40 inch) Seven Segment Displays
Data Sheet
Features (Cont.)
 Excellent appearance
Evenly lit segments
Mitered segment corners
Gray package provides optimum contrast
Black surface and color tinted epoxy*
*(HDSP-F161 only)
±50° viewing angle
 Design flexibility|
Common anode or common cathode
Single and dual digits
Right hand decimal point
±1. overflow character
 Categorized for luminous intensity
Yellow and Green categorized for color
Use of like categories yields a uniform display
 High light output
 High peak current
 Excellent for long digit string multiplexing
 Intensity and color selection option
 Sunlight viewable AlGaAs


Similar Part No. - HDSP-FXXX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-FX11 AVAGO-HDSP-FX11 Datasheet
264Kb / 14P
   Black Surface Seven Segment Displays
HDSP-FX13 AVAGO-HDSP-FX13 Datasheet
264Kb / 14P
   Black Surface Seven Segment Displays
More results

Similar Description - HDSP-FXXX

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-F15X HP-HDSP-F15X Datasheet
494Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays
HDSP-F15 HP-HDSP-F15 Datasheet
482Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-F151 AVAGO-HDSP-F151 Datasheet
284Kb / 10P
   10 mm (0.40 inch) Seven Segment Displays
HDSP-F151 AVAGO-HDSP-F151_1 Datasheet
293Kb / 11P
   10 mm (0.40 inch) Seven Segment Displays Single and dual digits
logo
Agilent(Hewlett-Packard...
HDSP530X HP-HDSP530X Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-340X HP-HDSP-340X Datasheet
185Kb / 8P
   20 mm (0.8 inch) Seven Segment Displays
HDSP-5700 HP-HDSP-5700 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-5301 HP-HDSP-5301 Datasheet
264Kb / 8P
   14.2 mm (0.56 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-H151 AVAGO-HDSP-H151_10 Datasheet
339Kb / 10P
   14.2 mm (0.56 inch) Seven Segment Displays
HDSP-390X AVAGO-HDSP-390X Datasheet
277Kb / 8P
   20 mm (0.8 inch) Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com