Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3D7502-10 Datasheet(PDF) 1 Page - Data Delay Devices, Inc.

Part # 3D7502-10
Description  MONOLITHIC MANCHESTER DECODER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATADELAY [Data Delay Devices, Inc.]
Direct Link  http://www.datadelay.com
Logo DATADELAY - Data Delay Devices, Inc.

3D7502-10 Datasheet(HTML) 1 Page - Data Delay Devices, Inc.

  3D7502-10 Datasheet HTML 1Page - Data Delay Devices, Inc. 3D7502-10 Datasheet HTML 2Page - Data Delay Devices, Inc. 3D7502-10 Datasheet HTML 3Page - Data Delay Devices, Inc. 3D7502-10 Datasheet HTML 4Page - Data Delay Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3D7502
Doc #97032
DATA DELAY DEVICES, INC.
1
5/19/97
3 Mt. Prospect Ave. Clifton, NJ 07013
MONOLITHIC MANCHESTER
DECODER
(SERIES 3D7502)
FEATURES
All-silicon, low-power CMOS
technology
TTL/CMOS compatible inputs and
outputs
Vapor phase, IR and wave
solderable
Auto-insertable (DIP pkg.)
Low ground bounce noise
Maximum data rate: 50 MBaud
Data rate range:
±15%
FUNCTIONAL DESCRIPTION
The 3D7502 product family consists of monolithic CMOS Manchester
Decoders. The unit accepts at the RX input a bi-phase-level,
embedded-clock signal. In this encoding mode, a logic one is
represented by a high-to-low transition within the bit cell, while a logic
zero is represented by a low-to-high transition. The recovered clock
and data signals are presented on CLK and DATB, respectively, with
the data signal inverted. The operating baud rate (in MBaud) is specified by the dash number. The input
baud rate may vary by as much as
±15% from the nominal device baud rate without compromising the
integrity of the information received.
Because the 3D7502 is not PLL-based, it does not require a long preamble in order to lock onto the
received signal. Rather, the device requires at most one bit cell before the data presented at the output is
valid. This is extremely useful in cases where the information arrives in bursts and the input is otherwise
turned off.
The all-CMOS 3D7502 integrated circuit has been designed as a reliable, economic alternative to hybrid
TTL Manchester Decoders. It is TTL- and CMOS-compatible, capable of driving ten 74LS-type loads. It is
offered in standard 8-pin and 14-pin auto-insertable DIPs and space saving surface mount 8-pin and 14-
pin SOICs.
TABLE 1: PART NUMBER SPECIFICATIONS
PART
BAUD RATE (MBaud)
NUMBER
Nominal
Minimum
Maximum
3D7502-5
5.00
4.25
5.75
3D7502-10
10.00
8.50
11.50
3D7502-20
20.00
17.00
23.00
3D7502-25
25.00
21.25
28.75
3D7502-30
30.00
25.50
34.50
3D7502-40
40.00
34.00
46.00
3D7502-50
50.00
42.50
57.50
NOTES: Any baud rate between 5 and 50 MBaud not shown is also available at no extra cost.
©
©1997 Data Delay Devices
data
delay
devices, inc.
®
®
3
PACKAGES
8
7
6
5
1
2
3
4
RX
CLK
N/C
GND
VDD
N/C
N/C
DATB
3D7502M-xxx DIP (.300)
3D7502H-xxx
Gull Wing (.300)
3D7502Z-xxx
SOIC (.150)
14
13
12
11
10
9
8
1
2
3
4
5
6
7
RX
N/C
N/C
CLK
N/C
N/C
GND
VDD
N/C
N/C
N/C
N/C
N/C
DATB
3D7502-xxx
DIP (.300)
3D7502G-xxx Gull Wing (.300)
3D7502D-xxx
SOIC (.150)
PIN DESCRIPTIONS
RX
Signal Input
CLK
Signal Output (Clock)
DATB Signal Output (Data)
VCC
+5 Volts
GND
Ground


Similar Part No. - 3D7502-10

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
3D7501 DATADELAY-3D7501 Datasheet
34Kb / 4P
MONOLITHIC MANCHESTER ENCODER
3D7501D DATADELAY-3D7501D Datasheet
34Kb / 4P
MONOLITHIC MANCHESTER ENCODER
3D7501G DATADELAY-3D7501G Datasheet
34Kb / 4P
MONOLITHIC MANCHESTER ENCODER
3D7501H DATADELAY-3D7501H Datasheet
34Kb / 4P
MONOLITHIC MANCHESTER ENCODER
3D7501M DATADELAY-3D7501M Datasheet
34Kb / 4P
MONOLITHIC MANCHESTER ENCODER
More results

Similar Description - 3D7502-10

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-15530 HOLTIC-HI-15530 Datasheet
312Kb / 11P
Manchester Encoder / Decoder
logo
Data Delay Devices, Inc...
3D7503D-20 DATADELAY-3D7503D-20 Datasheet
47Kb / 5P
MONOLITHIC MANCHESTER ENCODER/DECODER
logo
Intersil Corporation
HD-6409883 INTERSIL-HD-6409883 Datasheet
135Kb / 7P
CMOS Manchester Encoder-Decoder
logo
Data Delay Devices, Inc...
3D3523 DATADELAY-3D3523 Datasheet
292Kb / 5P
MONOLITHIC MANCHESTER ENCODER/DECODER
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530_02 Datasheet
281Kb / 13P
CMOS Manchester Encoder-Decoder
logo
Data Delay Devices, Inc...
3D3522 DATADELAY-3D3522 Datasheet
257Kb / 4P
MONOLITHIC MANCHESTER DECODER
3D7523 DATADELAY-3D7523 Datasheet
292Kb / 5P
MONOLITHIC MANCHESTER ENCODER/DECODER
3D7522 DATADELAY-3D7522 Datasheet
257Kb / 4P
MONOLITHIC MANCHESTER DECODER
logo
Diodes Incorporated
3D7503 DIODES-3D7503 Datasheet
316Kb / 5P
MONOLITHIC MANCHESTER ENCODER/DECODER
logo
Renesas Technology Corp
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
CMOS Manchester Encoder-Decoder
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com