Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WFL5-40B416 Datasheet(PDF) 6 Page - SICK AG

Part # WFL5-40B416
Description  FORK SENSORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WFL5-40B416 Datasheet(HTML) 6 Page - SICK AG

  WFL5-40B416 Datasheet HTML 1Page - SICK AG WFL5-40B416 Datasheet HTML 2Page - SICK AG WFL5-40B416 Datasheet HTML 3Page - SICK AG WFL5-40B416 Datasheet HTML 4Page - SICK AG WFL5-40B416 Datasheet HTML 5Page - SICK AG WFL5-40B416 Datasheet HTML 6Page - SICK AG WFL5-40B416 Datasheet HTML 7Page - SICK AG WFL5-40B416 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
WFL5-40B416 | WFL
FORK SENSORS
Concept of operation
Teach-in
The switching threshold is set automatically. Fine adjustment is possible using the “+”/“–” buttons.
Notes
Material speed = 0 (machine at a standstill).
1. No object or substrate in
the beam path
2. Object or label in the
beam path
Press the “+” and “–” buttons
together and hold for 1 second.
The red function indicator
flashes slowly.
Press the “–” button for
1 second.
Red function indicator goes out.
Once teach-in process is complete, the switching threshold can be adjusted at any time using
the “+” or “–” button. To make minor adjustments, press the “+” or “–” button once.
To configure settings quickly, keep the “+” or “–” button pressed for longer.
Press both the “+” and “–” buttons together (3 seconds) to lock the device and prevent
unintentional actuation.
Press both the “+” and “–” buttons together (6 seconds) to define the switching function
(light/dark switching). Standard setting: Q = light switching.
Recommended accessories
Other models and accessories
www.sick.com/WFL
Brief description
Type
Part no.
Plug connectors and cables
Head A: female connector, M8, 4-pin, straight, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PVC, unshielded, 2 m
YF8U14-020VA3XLEAX
2095888
Head A: female connector, M8, 4-pin, straight, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PVC, unshielded, 5 m
YF8U14-050VA3XLEAX
2095889
Head A: female connector, M8, 4-pin, straight, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PVC, unshielded, 10 m
YF8U14-100VA3XLEAX
2095890
Head A: female connector, M8, 4-pin, angled, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PVC, unshielded, 2 m
YG8U14-020VA3XLEAX
2095962
Head A: female connector, M8, 4-pin, angled, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PVC, unshielded, 5 m
YG8U14-050VA3XLEAX
2095963
Head A: female connector, M8, 4-pin, angled, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PVC, unshielded, 10 m
YG8U14-100VA3XLEAX
2095964
Head A: female connector, M8, 4-pin, straight
Head B: -
Cable: unshielded
DOS-0804-G
6009974
6
REGISTRATION SENSORS | SICK
Online data sheet | 2018-07-08 09:57:24
Subject to change without notice


Similar Part No. - WFL5-40B416

ManufacturerPart #DatasheetDescription
logo
SICK AG
WFL5-40B41CA00 SICK-WFL5-40B41CA00 Datasheet
1Mb / 8P
   FORK SENSORS
More results

Similar Description - WFL5-40B416

ManufacturerPart #DatasheetDescription
logo
SICK AG
WFM30-40N321 SICK-WFM30-40N321 Datasheet
902Kb / 6P
   FORK SENSORS
WFM30-40P311 SICK-WFM30-40P311 Datasheet
902Kb / 6P
   FORK SENSORS
WFS3-40P415 SICK-WFS3-40P415 Datasheet
1Mb / 7P
   FORK SENSORS
WFL120-60B41CA00 SICK-WFL120-60B41CA00 Datasheet
1Mb / 8P
   FORK SENSORS
WFL120-95B41CA00 SICK-WFL120-95B41CA00 Datasheet
1Mb / 8P
   FORK SENSORS
WF2-40B41CA70 SICK-WF2-40B41CA70 Datasheet
1Mb / 8P
   FORK SENSORS
WF15-40B41CA00 SICK-WF15-40B41CA00 Datasheet
1Mb / 8P
   FORK SENSORS
WF50-60B41CA00 SICK-WF50-60B41CA00 Datasheet
1Mb / 8P
   FORK SENSORS
WFL5-40B41CA00 SICK-WFL5-40B41CA00 Datasheet
1Mb / 8P
   FORK SENSORS
WFL5-95B41CA00 SICK-WFL5-95B41CA00 Datasheet
1Mb / 8P
   FORK SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com