Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WFL5-40B416 Datasheet(PDF) 4 Page - SICK AG

Part # WFL5-40B416
Description  FORK SENSORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WFL5-40B416 Datasheet(HTML) 4 Page - SICK AG

  WFL5-40B416 Datasheet HTML 1Page - SICK AG WFL5-40B416 Datasheet HTML 2Page - SICK AG WFL5-40B416 Datasheet HTML 3Page - SICK AG WFL5-40B416 Datasheet HTML 4Page - SICK AG WFL5-40B416 Datasheet HTML 5Page - SICK AG WFL5-40B416 Datasheet HTML 6Page - SICK AG WFL5-40B416 Datasheet HTML 7Page - SICK AG WFL5-40B416 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
WFL5-40B416 | WFL
FORK SENSORS
UNSPSC 16.0901
39121528
Dimensional drawing (Dimensions in mm (inch))
WFL - Plus/minus buttons
B
10
(0.39)
5 (0.20)
3 (0.12)
9 (0.35)
7
(0.28)
4.2 (0.17)
1
2
3
2
Dimensions in mm (inch)
A
B
C
C1
Fork width
Fork depth
WFL2
2
42/59/95
14
13.5
(0.08)
(1.65/2.32/3.74)
(0.55)
(0.53)
WFL5
5
42/59/95
14
15
(0.20)
(1.65/2.32/3.74)
(0.55)
(0.59)
WFL15
15
42/59/95
27
13.5
(0.59)
(1.65/2.32/3.74)
(1.06)
(0.53)
WFL30
30
42/59/95
42
13.5
(1.18)
(1.65/2.32/3.74)
(1.65)
(0.53)
WFL50
50
42/59/95
51
24.5
(1.97)
(1.65/2.32/3.74)
(2.01)
(0.96)
WFL80
80
42/59/95
81
24.5
(3.15)
(1.65/2.32/3.74)
(3.19)
(0.96)
WFL120
120
42/59/95
121
24.5
(4.72)
(1.65/2.32/3.74)
(4.76)
(0.96)
D
6
(0.24)
4,5
(0.18)
6
(0.24)
6
(0.24)
6
(0.24)
6
(0.24)
6
(0.24)
①  Optical axis
②  Mounting hole, Ø 4.2 mm
③  WFL50/80/120 only
4
REGISTRATION SENSORS | SICK
Online data sheet | 2018-07-08 09:57:24
Subject to change without notice


Similar Part No. - WFL5-40B416

ManufacturerPart #DatasheetDescription
logo
SICK AG
WFL5-40B41CA00 SICK-WFL5-40B41CA00 Datasheet
1Mb / 8P
   FORK SENSORS
More results

Similar Description - WFL5-40B416

ManufacturerPart #DatasheetDescription
logo
SICK AG
WFM30-40N321 SICK-WFM30-40N321 Datasheet
902Kb / 6P
   FORK SENSORS
WFM30-40P311 SICK-WFM30-40P311 Datasheet
902Kb / 6P
   FORK SENSORS
WFS3-40P415 SICK-WFS3-40P415 Datasheet
1Mb / 7P
   FORK SENSORS
WFL120-60B41CA00 SICK-WFL120-60B41CA00 Datasheet
1Mb / 8P
   FORK SENSORS
WFL120-95B41CA00 SICK-WFL120-95B41CA00 Datasheet
1Mb / 8P
   FORK SENSORS
WF2-40B41CA70 SICK-WF2-40B41CA70 Datasheet
1Mb / 8P
   FORK SENSORS
WF15-40B41CA00 SICK-WF15-40B41CA00 Datasheet
1Mb / 8P
   FORK SENSORS
WF50-60B41CA00 SICK-WF50-60B41CA00 Datasheet
1Mb / 8P
   FORK SENSORS
WFL5-40B41CA00 SICK-WFL5-40B41CA00 Datasheet
1Mb / 8P
   FORK SENSORS
WFL5-95B41CA00 SICK-WFL5-95B41CA00 Datasheet
1Mb / 8P
   FORK SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com