Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WFL5-40B416 Datasheet(PDF) 3 Page - SICK AG

Part # WFL5-40B416
Description  FORK SENSORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

WFL5-40B416 Datasheet(HTML) 3 Page - SICK AG

  WFL5-40B416 Datasheet HTML 1Page - SICK AG WFL5-40B416 Datasheet HTML 2Page - SICK AG WFL5-40B416 Datasheet HTML 3Page - SICK AG WFL5-40B416 Datasheet HTML 4Page - SICK AG WFL5-40B416 Datasheet HTML 5Page - SICK AG WFL5-40B416 Datasheet HTML 6Page - SICK AG WFL5-40B416 Datasheet HTML 7Page - SICK AG WFL5-40B416 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
WFL5-40B416 | WFL
FORK SENSORS
Power consumption
40 mA 3)
Switching frequency
10 kHz 4)
Response time
100 µs
Stability of response time
± 20 µs
Jitter
40 µs
Switching output
PNP/NPN
Switching output (voltage)
PNP: HIGH = VS– ≤ 2 V / LOW approx. 0 V
NPN: HIGH = approx. VS / LOW ≤ 2 V
Switching output
Light/dark switching
Output current Imax.
100 mA
Initialization time
100 ms
Connection type
Male connector M8, 4-pin
Ambient light immunity
Sunlight: ≤ 10,000 lx
Protection class
III 5)
Circuit protection
UV connections, reverse polarity protected
Output Q short-circuit protected
Interference pulse suppression
Enclosure rating
IP65
Weight
Approx. 36 g ... 160 g 6)
Housing material
Aluminum
1) Limit values, reverse-polarity protected, operation in short-circuit protected network: max. 8 A.
2) May not exceed or fall below Uv tolerances.
3) Without load.
4) With light/dark ratio 1:1.
5) Reference voltage DC 50 V.
6) Depending on fork width.
Ambient data
Ambient operating temperature
–20 °C ... +50 °C 1)
Ambient storage temperature
–30 °C ... +80 °C
Shock load
According to EN 60068-2-27
1) Do not bend below 0 °C.
Classifications
ECl@ss 5.0
27270909
ECl@ss 5.1.4
27270909
ECl@ss 6.0
27270909
ECl@ss 6.2
27270909
ECl@ss 7.0
27270909
ECl@ss 8.0
27270909
ECl@ss 8.1
27270909
ECl@ss 9.0
27270909
ETIM 5.0
EC002720
ETIM 6.0
EC002720
2018-07-08 09:57:24 | Online data sheet
Subject to change without notice
REGISTRATION SENSORS | SICK
3


Similar Part No. - WFL5-40B416

ManufacturerPart #DatasheetDescription
logo
SICK AG
WFL5-40B41CA00 SICK-WFL5-40B41CA00 Datasheet
1Mb / 8P
FORK SENSORS
More results

Similar Description - WFL5-40B416

ManufacturerPart #DatasheetDescription
logo
SICK AG
WFM30-40N321 SICK-WFM30-40N321 Datasheet
902Kb / 6P
FORK SENSORS
WFM30-40P311 SICK-WFM30-40P311 Datasheet
902Kb / 6P
FORK SENSORS
WFS3-40P415 SICK-WFS3-40P415 Datasheet
1Mb / 7P
FORK SENSORS
WFL120-60B41CA00 SICK-WFL120-60B41CA00 Datasheet
1Mb / 8P
FORK SENSORS
WFL120-95B41CA00 SICK-WFL120-95B41CA00 Datasheet
1Mb / 8P
FORK SENSORS
WF2-40B41CA70 SICK-WF2-40B41CA70 Datasheet
1Mb / 8P
FORK SENSORS
WF15-40B41CA00 SICK-WF15-40B41CA00 Datasheet
1Mb / 8P
FORK SENSORS
WF50-60B41CA00 SICK-WF50-60B41CA00 Datasheet
1Mb / 8P
FORK SENSORS
WFL5-40B41CA00 SICK-WFL5-40B41CA00 Datasheet
1Mb / 8P
FORK SENSORS
WFL5-95B41CA00 SICK-WFL5-95B41CA00 Datasheet
1Mb / 8P
FORK SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com