Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFIC31025N Datasheet(PDF) 1 Page - NXP Semiconductors

Part # AFIC31025N
Description  RF LDMOS Integrated Power Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFIC31025N Datasheet(HTML) 1 Page - NXP Semiconductors

  AFIC31025N Datasheet HTML 1Page - NXP Semiconductors AFIC31025N Datasheet HTML 2Page - NXP Semiconductors AFIC31025N Datasheet HTML 3Page - NXP Semiconductors AFIC31025N Datasheet HTML 4Page - NXP Semiconductors AFIC31025N Datasheet HTML 5Page - NXP Semiconductors AFIC31025N Datasheet HTML 6Page - NXP Semiconductors AFIC31025N Datasheet HTML 7Page - NXP Semiconductors AFIC31025N Datasheet HTML 8Page - NXP Semiconductors AFIC31025N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AFIC31025N AFIC31025GN
1
RF Device Data
NXP Semiconductors
RF LDMOS Integrated
Power Amplifiers
The AFIC31025N integrated circuit is designed with on--chip matching that
makes it usable from 2400 to 3100 MHz. This multi--stage device is designed
to support CW and pulse applications.
Typical Performance: In 2400–3100 MHz reference circuit, VDD =32 Vdc
Frequency
(MHz)
Signal Type
Pout
(W)
Gps
(dB)
D
(%)
2400–2500
CW
25
30.0
45.5
2700–3100
Pulse
(300 sec, 15% Duty Cycle)
25 Peak
22.0
40.0
Features
 On--chip matching (50 ohm input, DC blocked)
 Integrated quiescent current temperature compensation with
enable/disable function (1)
 Qualified up to a maximum of 32 VDD operation
 Integrated ESD protection
Typical Applications
 Civil S--Band radar
 Weather radar
 Maritime radar
 Industrial heating
 Data links
 Plasma generation
Figure 1. Functional Block Diagram
Figure 2. Pin Connections
Note: Exposed backside of the package is
the source terminal for the transistor.
Quiescent Current
Temperature Compensation (1)
VDS1A
RFinA
VGS1A
RFout1/VDS2A
VGS2A
Quiescent Current
Temperature Compensation (1)
VDS1B
RFinB
VGS1B
RFout2/VDS2B
VGS2B
VBWA
VBWB
VDS1A
RFinA
GND
RFinB
RFout1/VDS2A
1
2
3
4
7
8
15
VGS1B
9
10
11
VGS2A
VGS1A
N.C.
N.C.
VGS2B
GND
VDS1B
RFout2/VDS2B
13
6
12
(Top View)
5
14
GND
16
17
VBWA
VBWB
Carrier
Peaking
1. Refer to AN1977, Quiescent Current Thermal Tracking Circuit in the RF Integrated Circuit Family, and to AN1987, Quiescent Current Control
for the RF Integrated Circuit Device Family. Go to http://www.nxp.com/RF and search for AN1977 or AN1987.
Document Number: AFIC31025N
Rev. 0, 10/2017
NXP Semiconductors
Technical Data
2400–3100 MHz, 25 W PEAK, 32 V
AIRFAST RF LDMOS
INTEGRATED POWER AMPLIFIERS
AFIC31025N
AFIC31025GN
TO--270WB--17
PLASTIC
AFIC31025N
TO--270WBG--17
PLASTIC
AFIC31025GN
 2017 NXP B.V.


Similar Part No. - AFIC31025N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AFIC10275GN NXP-AFIC10275GN Datasheet
1,018Kb / 22P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2015
AFIC10275N NXP-AFIC10275N Datasheet
1,018Kb / 22P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2015
AFIC901N NXP-AFIC901N Datasheet
1Mb / 20P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 0, 1/2016
More results

Similar Description - AFIC31025N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW5IC2030MBR1 MOTOROLA-MW5IC2030MBR1 Datasheet
627Kb / 12P
RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC2725NR1 FREESCALE-MW7IC2725NR1 Datasheet
814Kb / 24P
RF LDMOS Wideband Integrated Power Amplifiers
MD7IC21100N FREESCALE-MD7IC21100N Datasheet
835Kb / 22P
RF LDMOS Wideband Integrated Power Amplifiers
MW7IC930NR1 FREESCALE-MW7IC930NR1 Datasheet
675Kb / 22P
RF LDMOS Wideband Integrated Power Amplifiers
MD7IC2050NR1 FREESCALE-MD7IC2050NR1 Datasheet
595Kb / 24P
RF LDMOS Wideband Integrated Power Amplifiers
MD7IC2050NR1 FREESCALE-MD7IC2050NR1_10 Datasheet
428Kb / 24P
RF LDMOS Wideband Integrated Power Amplifiers
MD7IC2755NR1 FREESCALE-MD7IC2755NR1 Datasheet
1Mb / 22P
RF LDMOS Wideband Integrated Power Amplifiers
MW6IC2015NBR1 FREESCALE-MW6IC2015NBR1_08 Datasheet
1Mb / 28P
RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2220NR1 FREESCALE-MW7IC2220NR1_09 Datasheet
1Mb / 27P
RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MHT2000N NXP-MHT2000N Datasheet
1Mb / 21P
RF LDMOS Integrated Power Amplifiers
Rev. 0, 5/2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com